Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5341BRU Datasheet(PDF) 2 Page - Analog Devices

Part # AD5341BRU
Description  2.5 V to 5.5 V, 115 關A, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5341BRU Datasheet(HTML) 2 Page - Analog Devices

  AD5341BRU Datasheet HTML 1Page - Analog Devices AD5341BRU Datasheet HTML 2Page - Analog Devices AD5341BRU Datasheet HTML 3Page - Analog Devices AD5341BRU Datasheet HTML 4Page - Analog Devices AD5341BRU Datasheet HTML 5Page - Analog Devices AD5341BRU Datasheet HTML 6Page - Analog Devices AD5341BRU Datasheet HTML 7Page - Analog Devices AD5341BRU Datasheet HTML 8Page - Analog Devices AD5341BRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AD5330/AD5331/AD5340/AD5341
Rev. A | Page 2 of 28
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
AC Characteristics........................................................................ 4
Timing Characteristics ................................................................ 5
Absolute Maximum Ratings............................................................ 6
ESD Caution.................................................................................. 6
Pin Configurations and Function Descriptions ........................... 7
Terminology .................................................................................... 11
Typical Performance Characteristics ........................................... 13
Theory of Operation ...................................................................... 17
Digital-to-Analog Section ......................................................... 17
Resistor String ............................................................................. 17
DAC Reference Input................................................................. 17
Output Amplifier........................................................................ 17
Parallel Interface ............................................................................. 18
Double-Buffered Interface ........................................................ 18
Clear Input (CLR) ...................................................................... 18
Chip Select Input (CS)............................................................... 18
Write Input (WR) ....................................................................... 18
Load DAC Input (LDAC).......................................................... 18
High-Byte Enable Input (HBEN)............................................. 18
Power-On Reset.......................................................................... 18
Power-Down Mode ........................................................................ 19
Suggested Databus Formats .......................................................... 20
Applications Information .............................................................. 21
Typical Application Circuits ..................................................... 21
Driving VDD From the Reference Voltage ............................... 21
Bipolar Operation Using the AD5330/AD5331/
AD5340/AD5341......................................................................... 21
Decoding Multiple AD5330/AD5331/ AD5340/AD5341 .... 21
Programmable Current Source ................................................ 22
Power Supply Bypassing and Grounding................................ 22
Outline Dimensions ....................................................................... 24
Ordering Guide .......................................................................... 25
REVISION HISTORY
2/08—Rev. 0 to Rev. A
Updated Format..................................................................Universal
Changes to Table 4.......................................................................... 16
Replaced Driving VDD from the Reference Voltage Section ..... 21
Updated Outline Dimensions ....................................................... 24
Changes to Ordering Guide .......................................................... 25
4/00—Revision 0: Initial Version


Similar Part No. - AD5341BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5341BRU AD-AD5341BRU Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results

Similar Description - AD5341BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5330 AD-AD5330 Datasheet
359Kb / 20P
   2.5 V to 5.5 V, 115 uA, Parallel Interface Single Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5346BRUZ AD-AD5346BRUZ Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5347 AD-AD5347_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5346 AD-AD5346_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5348 AD-AD5348_15 Datasheet
476Kb / 24P
   2.5 V to 5.5 V, Parallel Interface Octal Voltage Output 8-/10-/12-Bit DACs
REV. 0
AD5332 AD-AD5332_15 Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230 A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5344BRUZ AD-AD5344BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5333BRUZ AD-AD5333BRUZ Datasheet
327Kb / 20P
   2.5 V to 5.5 V, 230 A, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5336BRUZ AD-AD5336BRUZ Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500 A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5334 AD-AD5334_15 Datasheet
384Kb / 20P
   2.5 V to 5.5 V, 500A, Parallel Interface Quad Voltage-Output 8-/10-/12-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com