Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7416AR-REEL Datasheet(PDF) 6 Page - Analog Devices

Part # AD7416AR-REEL
Description  10-Bit Digital Temperature Sensor (AD7416) and Four Single-Channel ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7416AR-REEL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7416AR-REEL Datasheet HTML 2Page - Analog Devices AD7416AR-REEL Datasheet HTML 3Page - Analog Devices AD7416AR-REEL Datasheet HTML 4Page - Analog Devices AD7416AR-REEL Datasheet HTML 5Page - Analog Devices AD7416AR-REEL Datasheet HTML 6Page - Analog Devices AD7416AR-REEL Datasheet HTML 7Page - Analog Devices AD7416AR-REEL Datasheet HTML 8Page - Analog Devices AD7416AR-REEL Datasheet HTML 9Page - Analog Devices AD7416AR-REEL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD7416/AD7417/AD7418
Rev. I | Page 6 of 24
AD7416 SPECIFICATIONS
VDD = 2.7 V to 5.5 V, GND = 0 V, REFIN = 2.5 V, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
TEMPERATURE SENSOR AND ADC
Accuracy
±2.0
°C
TA = −25°C to + 100°C
(VDD = 3 V minimum)1
±3.0
°C
TA = −40°C to + 125°C
(VDD = 3 V minimum)1
Resolution
10
Bits
Temperature Conversion Time
40
μs
Update Rate, tR
400
μs
OTI Delay
1 × tR
6 × tR
ms
Depends on fault queue setting
Supply Current
1.0
mA
I2C active
350
600
μA
I2C inactive
0.2
1.5
μA
Shutdown mode
TOTI Default Temperature
80
°C
THYST Default Temperature
75
°C
DIGITAL INPUTS
Input High Voltage, VIH
VDD × 0.7
VDD + 0.5
V
Input Low Voltage, VIL
−0.3
VDD × 0.3
V
Input High Current, IIH
+0.005
+1.0
μA
VIN = 5 V
Input Low Current, IIL
−0.005
−1.0
μA
VIN = 0 V
Input Capacitance, CIN
20
pF
All digital inputs
DIGITAL OUTPUTS
Output Low Voltage, VOL
0.4
V
IOL = 3 mA
Output High Current
1
μA
VOH = 5 V
Output Fall Time, tf
250
ns
CL = 400 pF, IO = 3 mA
OS Output Low Voltage, VOL
0.8
V
IOUT = 4 mA
AC ELECTRICAL CHARACTERISTICS2
AD7416/AD7417/AD7418
Serial Clock Period, t1
2.5
μs
See Figure 4
Data In Setup Time to SCL High, t2
50
ns
See Figure 4
Data Out Stable after SCL Low, t3
0
ns
See Figure 4
SDA Low Setup Time to SCL Low
(Start Condition), t4
50
ns
See Figure 4
SDA High Hold Time after SCL High
(Stop Condition), t5
50
ns
See Figure 4
SDA and SCL Fall Time, t6
300
ns
See Figure 4
1 For VDD = 2.7 V to 3 V, TA maximum = 85°C and temperature sensor measurement error = ±3°C maximum.
2 Sample tested during initial release and after any redesign or process change that may affect this parameter.
SCL
t1
t4
t2
t5
t3
t6
SDA
DATA IN
SDA
DATA OUT
Figure 4. Diagram for Serial Bus Timing


Similar Part No. - AD7416AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7416AR-REEL AD-AD7416AR-REEL Datasheet
325Kb / 20P
   10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
REV. G
AD7416AR-REEL7 AD-AD7416AR-REEL7 Datasheet
325Kb / 20P
   10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
REV. G
More results

Similar Description - AD7416AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7416 AD-AD7416 Datasheet
325Kb / 20P
   10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
REV. G
AD7816 AD-AD7816 Datasheet
279Kb / 20P
   Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor
REV. C
AD7417 AD-AD7417_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7814 AD-AD7814_17 Datasheet
151Kb / 9P
   10-Bit Digital Temperature Sensor
AD7416 AD-AD7416_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7418 AD-AD7418_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7314 AD-AD7314_17 Datasheet
194Kb / 9P
   10-Bit Digital Temperature Sensor
logo
Sipex Corporation
SP8542 SIPEX-SP8542 Datasheet
219Kb / 16P
   Two and Four Channel 12-Bit Multiplexed Sampling ADCs
logo
Analog Devices
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7411 AD-ADT7411_06 Datasheet
1Mb / 36P
   SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com