Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8974.2 Datasheet(PDF) 2 Page - Altech corporation

Part # 8974.2
Description  INTERFACES CONNECTOR-TO-WIRE Ribbon Cable Module 35 or 32mm DIN Rail
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

8974.2 Datasheet(HTML) 2 Page - Altech corporation

  8974.2 Datasheet HTML 1Page - Altech corporation 8974.2 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
8
No. of
Module Length
Std.
Ordering Information
Diodes
Diode
Type
Cat. No.
(L) mm (in.)
Pk.
Series Connection, 1A diodes
4
1N4007
DM4-S
8971.2
22 ( .87)
1
Series Connection, 1A diodes
8
1N4007
DM8-S
5702.2
42 (1.65)
1
Series Connection, 1A diodes
12
1N4007
DM12-S
5703.2
62 (2.44)
1
Series Connection, 1A diodes
16
1N4007
DM16-S
8973.2
90 (3.54)
1
Series Connection, 1A diodes
20
1N4007
DM20-S
8974.2
110 (4.33)
1
Series Connection, 1A diodes
24
1N4007
DM24-S
8975.2
130 (5.12)
1
Series Connection, 3A diodes
4
1N5408
DM4-S3
8971.3
22 ( .87)
1
Series Connection, 3A diodes
8
1N5408
DM8-S3
5702.3
42 (1.65)
1
Series Connection, 3A diodes
12
1N5408
DM12-S3
5703.3
62 (2.44)
1
Series Connection, 3A diodes
16
1N5408
DM16-S3
8973.3
90 (3.54)
1
Series Connection, 3A diodes
20
1N5408
DM20-S3
8974.3
110 (4.33)
1
Series Connection, 3A diodes
24
1N5408
DM24-S3
8975.3
130 (5.12)
1
Bussed Anodes, 1A diodes
6
1N4007
DM6-A-S
8842.2
22 ( .87)
1
Bussed Anodes, 1A diodes
14
1N4007
DM14-A-S
5704.2
42 (1.65)
1
Bussed Anodes, 1A diodes
22
1N4007
DM22-A-S
5705.2
62 (2.44)
1
Bussed Cathodes, 1A diodes
6
1N4007
DM6-K-S
8850.2
22 ( .87)
1
Bussed Cathodes, 1A diodes
14
1N4007
DM14-K-S
5706.2
42 (1.65)
1
Bussed Cathodes, 1A diodes
22
1N4007
DM22-K-S
5707.2
62 (2.44)
1
Wire Range
Voltage
0.5-4mm
2
22-12 AWG
250V
Specifications:
Diode: 1N4007 or equivalent
Rated Current: 1A
Diode: 1N5408 or equivalent
Rated Current: 3A
Maximum Blocking Voltage - 1000V DC
Rated Bus Current: 10A
(12A at 30˚C (86˚F) Temperature Rise)
INTERFACES
Diode Module
35 or 32mm DIN Rail Mount
Wire individually labeled diodes into
existing circuits for freewheeling, DC
inductive kick suppression (commutating),
reverse DC polarity protection, etc. Use
bussed diodes for distribution of logic Vcc or
ground, or gather and decouple electrical
signals for lamp testing or collective fault
messages. Use as commutating diodes
across inductive loads such as DC relays,
solenoid valves, actuator magnets, etc. to
suppress voltage surges.
Standard modules include series connection
diode circuits in 1 Amp and 3 Amp versions,
and diode gates with bussed anodes or
cathodes.
• Screw-Cage Clamp Connections
• Special Configurations Available
• DIN Rail Mount, Panel Mount Available
DM
Diode Module
L
TS35x7.5 56mm (2.21 in.)
TS32x15
61mm (2.40 in.)
DIODE MODULES & COMPONENT CARRIERS


Similar Part No. - 8974.2

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
8974 CPI-8974 Datasheet
98Kb / 1P
   RF Amplifier
logo
Belden Inc.
89740 BELDEN-89740 Datasheet
144Kb / 2P
   Electronic, 2 C #18 Str TC, FEP Ins, FEP Jkt, CMP
01-20-2023
89740-002100 BELDEN-89740-002100 Datasheet
144Kb / 2P
   Electronic, 2 C #18 Str TC, FEP Ins, FEP Jkt, CMP
01-20-2023
89740-0021000 BELDEN-89740-0021000 Datasheet
144Kb / 2P
   Electronic, 2 C #18 Str TC, FEP Ins, FEP Jkt, CMP
01-20-2023
89740-0023000 BELDEN-89740-0023000 Datasheet
144Kb / 2P
   Electronic, 2 C #18 Str TC, FEP Ins, FEP Jkt, CMP
01-20-2023
More results

Similar Description - 8974.2

ManufacturerPart #DatasheetDescription
logo
Altech corporation
CTS2.5U-N ALTECH-CTS2.5U-N Datasheet
508Kb / 4P
   FEED-THROUGH 35 or 32mm DIN Rail
logo
Weidmuller
0205200000 WEIDMULLER-0205200000 Datasheet
487Kb / 1P
   Cable Lug 32/35 mm DIN-Rail Terminals
logo
FIBOX Enclosing innovat...
9822003 FIBOX-9822003 Datasheet
48Kb / 1P
   DIN-35 Mounting rail, for enclosures
02.08.2023
9822007 FIBOX-9822007 Datasheet
48Kb / 1P
   DIN-35 Mounting rail, for enclosures
02.08.2023
9822006 FIBOX-9822006 Datasheet
46Kb / 1P
   DIN-35 Mounting rail, for enclosures
11.08.2023
9822019 FIBOX-9822019 Datasheet
36Kb / 1P
   DIN-35 Mounting rail, for enclosures
11.08.2023
9822020 FIBOX-9822020 Datasheet
47Kb / 1P
   DIN-35 Mounting rail, for enclosures
11.08.2023
5518030 FIBOX-5518030 Datasheet
48Kb / 1P
   DIN-35 Mounting rail, for enclosures
14.08.2023
5514082 FIBOX-5514082 Datasheet
52Kb / 1P
   DIN-35 Mounting rail, for enclosures
17.01.2023
8524032 FIBOX-8524032 Datasheet
42Kb / 1P
   DIN-35 Mounting rail, for enclosures
17.01.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com