Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7715ANZ-31 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7715ANZ-31
Description  3 V/5 V, 450 關A 16-Bit, Sigma-Delta ADC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7715ANZ-31 Datasheet(HTML) 3 Page - Analog Devices

  AD7715ANZ-31 Datasheet HTML 1Page - Analog Devices AD7715ANZ-31 Datasheet HTML 2Page - Analog Devices AD7715ANZ-31 Datasheet HTML 3Page - Analog Devices AD7715ANZ-31 Datasheet HTML 4Page - Analog Devices AD7715ANZ-31 Datasheet HTML 5Page - Analog Devices AD7715ANZ-31 Datasheet HTML 6Page - Analog Devices AD7715ANZ-31 Datasheet HTML 7Page - Analog Devices AD7715ANZ-31 Datasheet HTML 8Page - Analog Devices AD7715ANZ-31 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
AD7715
Rev. D | Page 3 of 40
SPECIFICATIONS
AD7715-5
AVDD = 5 V, DVDD = 3 V or 5 V, REF IN(+) = 2.5 V; REF IN(−) = AGND; fCLK IN = 2.4576 MHz, unless otherwise noted. All specifications
TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter1
Min
Typ
Max
Unit
Conditions/Comments
STATIC PERFORMANCE
No Missing Codes
16
Bits
Guaranteed by design; filter notch ≤ 60 Hz
Output Noise
See
Table 15 to Table 18
Depends on filter cutoffs and selected gain
Integral Nonlinearity
±0.0015
% of FSR
Filter notch ≤ 60 Hz
Unipolar Offset Error2
See
Table 15 to Table 22
Unipolar Offset Drift3
0.5
μV/°C
Bipolar Zero Error2
See
Table 15 to Table 22
Bipolar Zero Drift3
0.5
μV/°C
Positive Full-Scale Error2, 4
See
Table 15 to Table 22
Full-Scale Drift3, 5
0.5
μV/°C
Gain Error2, 6
See
Table 15 to Table 22
Gain Drift3, 7
0.5
ppm of
FSR/°C
Bipolar Negative Full-Scale Error2
±0.0015
% of FSR
Typically ±0.0004%
Bipolar Negative Full-Scale Drift3
1
μV/°C
For gains of 1 and 2
0.6
μV/°C
For gains of 32 and 128
ANALOG INPUTS/REFERENCE INPUTS
Specifications for AIN and REF IN unless noted
Input Common-Mode Rejection
(CMR)
90
dB
At dc; typically 102 dB
Normal-Mode 50 Hz Rejection8
98
dB
For filter notches of 25 Hz, 50 Hz, ±0.02 × fNOTCH
Normal-Mode 60 Hz Rejection8
98
dB
For filter notches of 20 Hz, 60 Hz, ±0.02 × fNOTCH
Common-Mode 50 Hz Rejection8
150
dB
For filter notches of 25 Hz, 50 Hz, ±0.02 × fNOTCH
Common-Mode 60 Hz Rejection8
150
dB
For filter notches of 20 Hz, 60 Hz, ±0.02 × fNOTCH
Common-Mode Voltage Range9
AGND
AVDD
V
AIN for the BUF bit of setup register = 0 and REF IN
Absolute AIN/REF IN Voltage8
AGND – 0.03
AVDD + 0.03
V
AIN for the BUF bit of setup register = 0 and REF IN
Absolute/Common-Mode AIN
Voltage9
AGND + 0.05
AVDD − 1.5
V
BUF bit of setup register = 1
AIN DC Input Current8
1
nA
AIN Sampling Capacitance8
10
pF
AIN Differential Voltage Range10
0 to +VREF/GAIN11
nom
Unipolar input range (B/U bit of setup register = 1)
±VREF/GAIN
nom
Bipolar input range (B/U bit of setup register = 0)
AIN Input Sampling Rate, fS
GAIN × fCLKIN/64
For gains of 1 and 2
fCLK IN/8
For gains of 32 and 128
REF IN(+) − REF IN(−) Voltage
2.5
V nom
±1% for specified performance; functional with
lower VREF
REF IN Input Sampling Rate, fS
fCLK IN/64
LOGIC INPUTS
Input Current
±10
μA
All Inputs Except MCLK IN
VINL, Input Low Voltage
0.8
V
DVDD = 5 V
VINL, Input Low Voltage
0.4
V
DVDD = 3.3 V
VINH, Input High Voltage
2.4
V
DVDD = 5 V
VINH, Input High Voltage
2.0
V
MCLK IN Only
VINL, Input Low Voltage
0.8
V
DVDD = 5 V
VINL, Input Low Voltage
0.4
V
DVDD = 3.3 V
VINH, Input High Voltage
3.5
V
DVDD = 5 V
VINH, Input High Voltage
2.5
V
DVDD = 3.3 V


Similar Part No. - AD7715ANZ-31

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7715ANZ-3 AD-AD7715ANZ-3 Datasheet
495Kb / 40P
   3 V/5 V, 450 muA 16-Bit, Sigma-Delta ADC
REV. D
AD7715ANZ-3 AD-AD7715ANZ-3 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
More results

Similar Description - AD7715ANZ-31

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7715AR5 AD-AD7715AR5 Datasheet
495Kb / 40P
   3 V/5 V, 450 muA 16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715 Datasheet
474Kb / 31P
   3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
REV. C
AD7707 AD-AD7707 Datasheet
316Kb / 40P
   3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
REV. A
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
AD7707 AD-AD7707_17 Datasheet
775Kb / 53P
   3-Channel 16-Bit, Sigma-Delta ADC
AD7715 AD-AD7715_15 Datasheet
495Kb / 40P
   16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715_17 Datasheet
897Kb / 41P
   16-Bit, Sigma-Delta ADC
AD7705 AD-AD7705 Datasheet
264Kb / 32P
   3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
REV. A
AD7705 AD-AD7705_06 Datasheet
401Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
REV. C
ADUM7703 AD-ADUM7703_V01 Datasheet
353Kb / 22P
   16-Bit, Isolated, Sigma-Delta ADC
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com