Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJM287BF21 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJM287BF21
Description  Low Dropout Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM287BF21 Datasheet(HTML) 6 Page - New Japan Radio

Back Button NJM287BF21 Datasheet HTML 2Page - New Japan Radio NJM287BF21 Datasheet HTML 3Page - New Japan Radio NJM287BF21 Datasheet HTML 4Page - New Japan Radio NJM287BF21 Datasheet HTML 5Page - New Japan Radio NJM287BF21 Datasheet HTML 6Page - New Japan Radio NJM287BF21 Datasheet HTML 7Page - New Japan Radio NJM287BF21 Datasheet HTML 8Page - New Japan Radio NJM287BF21 Datasheet HTML 9Page - New Japan Radio NJM287BF21 Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NJM2871B/72B
- 6 -
Ver.2006-02-20
! ELECTRICAL CHARACTERISTICS
2.7
2.8
2.9
3
3.1
3.2
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
Input Voltage :Vin [V]
@:Ta=25
o
C
Co=1.0
µF(Ceramic)
Cp=0.01
µF
NJM2871B_3V
Output Voltage v.s. Input Voltage
Io=0A
Io=30mA
Io=100mA
0
0.5
1
1.5
2
2.5
3
3.5
4
0
50
100
150
200
250
300
NJM2871B_3V
Output Voltage vs. Output Current
Output Current :Io [mA]
@:Ta=25
o
C
VIN=4V
Co=1.0
µF(Ceramic)
Cp=0.01
µF
0
5
10
15
20
0
50
100
150
200
Output Current :Io [mA]
NJM2871B_3V
Ground Pin Current vs. Output Voltage
@:Ta=25
o
C
VIN=4V
Co=1.0
µF(Ceramic)
Cp=0.01
µF
0
0.05
0.1
0.15
0.2
0.25
0.3
0
50
100
150
200
Output Current :Io [mA]
@:Ta=25
oC
Co=1.0
µF(Ceramic)
Cp=0.01
µF
NJM2871B_3.0V
Dropout Voltage vs. Output Current
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
3.5
4
Control Voltage :VCONT [V]
@:Ta=25
oC
VIN=4.0V
Co=1.0
µF(Ceramic)
Cp=0.01
µF
Io=30mA
NJM2871B_3.0V
Control Current v.s. Control Voltage
Rc=0
Rc=50k
Rc=100k
0
0.5
1
1.5
2
2.5
3
3.5
4
0
0.5
1
1.5
2
2.5
3
Control Voltage :VCONT [V]
@:Ta=25
o
C
VIN=4.0V
Co=1.0
µF(Ceramic)
Cp=0.01
µF
Io=30mA
NJM2871B_3.0V
Output Voltage v.s. Control Voltage
Rc=0
Rc=50k
Rc=100k


Similar Part No. - NJM287BF21

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870F NJRC-NJM2870F Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2871 NJRC-NJM2871 Datasheet
139Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
Ver.2013-02-28
NJM2871A NJRC-NJM2871A Datasheet
118Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2871A NJRC-NJM2871A Datasheet
139Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
Ver.2013-02-28
More results

Similar Description - NJM287BF21

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA78R08 SAMSUNG-KA78R08 Datasheet
162Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
KA78R12 SAMSUNG-KA78R12 Datasheet
164Kb / 5P
   LOW DROPOUT VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78R33 FAIRCHILD-KA78R33 Datasheet
40Kb / 8P
   Low Dropout Voltage Regulator
KA278R09 FAIRCHILD-KA278R09 Datasheet
79Kb / 8P
   Low Dropout Voltage Regulator
logo
Toshiba Semiconductor
TA78DL05BS TOSHIBA-TA78DL05BS Datasheet
255Kb / 7P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DL05F TOSHIBA-TA78DL05F Datasheet
332Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
TA78DS05BP TOSHIBA-TA78DS05BP Datasheet
303Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
logo
New Japan Radio
NJM2886 NJRC-NJM2886 Datasheet
156Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2870 NJRC-NJM2870 Datasheet
166Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2881 NJRC-NJM2881 Datasheet
219Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
NJM2865 NJRC-NJM2865 Datasheet
175Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com