Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8114-EVAL Datasheet(PDF) 10 Page - Analog Devices

Part # AD8114-EVAL
Description  Low Cost 225 MHz 16 횞 16 Crosspoint Switches
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8114-EVAL Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8114-EVAL Datasheet HTML 6Page - Analog Devices AD8114-EVAL Datasheet HTML 7Page - Analog Devices AD8114-EVAL Datasheet HTML 8Page - Analog Devices AD8114-EVAL Datasheet HTML 9Page - Analog Devices AD8114-EVAL Datasheet HTML 10Page - Analog Devices AD8114-EVAL Datasheet HTML 11Page - Analog Devices AD8114-EVAL Datasheet HTML 12Page - Analog Devices AD8114-EVAL Datasheet HTML 13Page - Analog Devices AD8114-EVAL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD8114/AD8115
Rev. B | Page 10 of 32
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Pin Description
58, 60, 62, 64, 66, 68, 70, 72,
4, 6, 8, 10, 12, 14, 16, 18
INxx
Analog Inputs. xx = Channels 00 through 15.
96
DATA IN
Serial Data Input, TTL Compatible.
97
CLK
Clock, TTL Compatible. Falling edge triggered.
98
DATA OUT
Serial Data Out, TTL Compatible.
95
UPDATE
Enable (Transparent) Low. Allows serial register to connect directly to switch matrix.
Data latched when high.
100
RESET
Disable Outputs, Active Low.
99
CE
Chip Enable, Enable Low. Must be low to clock in and latch data.
94
SER/PAR
Selects Serial Data Mode, Low or Parallel Data Mode, High. Must be connected.
53, 51, 49, 47, 45, 43, 41, 39,
37, 35, 33, 31, 29, 27, 25, 23
OUTyy
Analog Outputs. yy = Channels 00 through 15.
3, 5, 7, 9, 11, 13, 15, 17, 19, 57,
59, 61, 63, 65, 67, 69, 71, 73
AGND
Analog Ground for Inputs and Switch Matrix. Must be connected.
1, 75
DVCC
+5 V for Digital Circuitry.
2, 74
DGND
Ground for Digital Circuitry.
20, 56
AVEE
−5 V for Inputs and Switch Matrix.
21, 55
AVCC
+5 V for Inputs and Switch Matrix.
54, 50, 46, 42, 38, 34, 30, 26, 22
AVCCxx/yy
+5 V for Output Amplifier that is Shared by Channels xx and yy. Must be connected.
52, 48, 44, 40, 36, 32, 28, 24
AVEExx/yy
–5 V for Output Amplifier that is Shared by Channels xx and yy. Must be connected.
84
A0
Parallel Data Input, TTL Compatible (output select LSB).
83
A1
Parallel Data Input, TTL Compatible (output select).
82
A2
Parallel Data Input, TTL Compatible (output select).
81
A3
Parallel Data Input, TTL Compatible (output select MSB).
80
D0
Parallel Data Input, TTL Compatible (input select LSB)
79
D1
Parallel Data Input, TTL Compatible (input select).
78
D2
Parallel Data Input, TTL Compatible (input select).
77
D3
Parallel Data Input, TTL Compatible (input select MSB).
76
D4
Parallel Data Input, TTL Compatible (output enable).
85 to 93
NC
No Connect.


Similar Part No. - AD8114-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8114-EB AD-AD8114-EB Datasheet
363Kb / 26P
   Low Cost 225 MHz 16 X 16 Crosspoint Switches
More results

Similar Description - AD8114-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8114 AD-AD8114 Datasheet
363Kb / 26P
   Low Cost 225 MHz 16 X 16 Crosspoint Switches
AD8106 AD-AD8106 Datasheet
571Kb / 28P
   260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
REV. 0
AD8114 AD-AD8114_15 Datasheet
1Mb / 33P
   Low Cost 225 MHz
REV. B
AD8115 AD-AD8115_15 Datasheet
1Mb / 33P
   Low Cost 225 MHz
REV. B
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
AD8177 AD-AD8177 Datasheet
854Kb / 40P
   500 MHz, Triple 16 횞 5 Video Crosspoint Switch
Rev. 0
AD8178 AD-AD8178 Datasheet
829Kb / 40P
   450 MHz, Triple 16 횞 5 Video Crosspoint Switch
REV. 0
AD8176 AD-AD8176 Datasheet
476Kb / 32P
   475 MHz, Triple 16 횞 9 Video Crosspoint Switch
Rev. PrA
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111 AD-AD8111_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com