Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8114-EVAL Datasheet(PDF) 11 Page - Analog Devices

Part # AD8114-EVAL
Description  Low Cost 225 MHz 16 횞 16 Crosspoint Switches
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8114-EVAL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8114-EVAL Datasheet HTML 7Page - Analog Devices AD8114-EVAL Datasheet HTML 8Page - Analog Devices AD8114-EVAL Datasheet HTML 9Page - Analog Devices AD8114-EVAL Datasheet HTML 10Page - Analog Devices AD8114-EVAL Datasheet HTML 11Page - Analog Devices AD8114-EVAL Datasheet HTML 12Page - Analog Devices AD8114-EVAL Datasheet HTML 13Page - Analog Devices AD8114-EVAL Datasheet HTML 14Page - Analog Devices AD8114-EVAL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
AD8114/AD8115
Rev. B | Page 11 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
1
0.1
1
10
100
1000
–1
0
–2
–3
–4
–5
–6
–7
VO AS SHOWN
RL = 150Ω
GAIN
FLATNESS
2V p-p
200mV p-p
–0.2
0.2
0.1
0
–0.1
–0.3
–0.4
–0.5
–0.6
Figure 7. AD8114 Frequency Response, RL = 150 Ω
FREQUENCY (MHz)
–7
–3
1
0
–1
–2
–4
–5
–6
–0.6
–0.2
0.2
0.1
0
–0.1
–0.3
–0.4
–0.5
2
3
0.1
1
10
100
1000
0.3
0.4
GAIN
FLATNESS
2V p-p
200mV p-p
VO AS SHOWN
RL = 1kΩ
Figure 8. AD8114 Frequency Response, RL = 1 kΩ
FREQUENCY (MHz)
–3
1
0
–1
–2
–4
–5
–6
2
3
0.1
1
10
100
1000
4
RL = 1kΩ
RL = 150Ω
VO = 200mV p-p
RL AS SHOWN
CL = 18pF
Figure 9. AD8114 Frequency Response vs. Load Impedance

FREQUENCY (MHz)
2
0.1
1
10
100
1000
0
1
–1
–2
–3
–4
–5
–6
–8
–7
VO AS SHOWN
RL = 150Ω
GAIN
FLATNESS
200mV p-p
2V p-p
2V p-p
200mV p-p
0
0.5
0.4
0.3
0.2
0.1
–0.1
–0.2
–0.3
–0.4
–0.5
Figure 10. AD8115 Frequency Response, RL = 150 Ω
FREQUENCY (MHz)
3
0.1
1
10
100
1000
1
2
0
–1
–2
–3
–4
–5
–7
–6
VO AS SHOWN
RL = 1kΩ
GAIN
FLATNESS
200mV p-p
2V p-p
2V p-p
200mV p-p
0
0.5
0.4
0.3
0.2
0.1
–0.1
–0.2
–0.3
–0.4
–0.5
Figure 11. AD8115 Frequency Response, RL = 1 kΩ
FREQUENCY (MHz)
–4
4
2
0
–2
–6
–8
–10
6
8
0.1
1
10
100
1000
10
RL = 1kΩ
RL = 150Ω
VO = 200mV p-p
RL AS SHOWN
CL = 18pF
Figure 12. AD8115 Frequency Response vs. Load Impedance


Similar Part No. - AD8114-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8114-EB AD-AD8114-EB Datasheet
363Kb / 26P
   Low Cost 225 MHz 16 X 16 Crosspoint Switches
More results

Similar Description - AD8114-EVAL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8114 AD-AD8114 Datasheet
363Kb / 26P
   Low Cost 225 MHz 16 X 16 Crosspoint Switches
AD8106 AD-AD8106 Datasheet
571Kb / 28P
   260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
REV. 0
AD8114 AD-AD8114_15 Datasheet
1Mb / 33P
   Low Cost 225 MHz
REV. B
AD8115 AD-AD8115_15 Datasheet
1Mb / 33P
   Low Cost 225 MHz
REV. B
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
AD8177 AD-AD8177 Datasheet
854Kb / 40P
   500 MHz, Triple 16 횞 5 Video Crosspoint Switch
Rev. 0
AD8178 AD-AD8178 Datasheet
829Kb / 40P
   450 MHz, Triple 16 횞 5 Video Crosspoint Switch
REV. 0
AD8176 AD-AD8176 Datasheet
476Kb / 32P
   475 MHz, Triple 16 횞 9 Video Crosspoint Switch
Rev. PrA
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111 AD-AD8111_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com