Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8561ANZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8561ANZ
Description  Ultrafast 7 ns Single Supply Comparator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8561ANZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8561ANZ Datasheet HTML 4Page - Analog Devices AD8561ANZ Datasheet HTML 5Page - Analog Devices AD8561ANZ Datasheet HTML 6Page - Analog Devices AD8561ANZ Datasheet HTML 7Page - Analog Devices AD8561ANZ Datasheet HTML 8Page - Analog Devices AD8561ANZ Datasheet HTML 9Page - Analog Devices AD8561ANZ Datasheet HTML 10Page - Analog Devices AD8561ANZ Datasheet HTML 11Page - Analog Devices AD8561ANZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD8561
–9–
SPICE Model
* AD8561 SPICE Macro-Model Typical Values
* 4/98, Ver. 1.0
* TAM / ADSC
*
* Node assignments
*
non-inverting input
*
|
inverting input
*
|
|
positive supply
*
|
|
|
negative supply
*
||||
Latch
*
|||||
DGND
*
||||||Q
*
|||||||
QNOT
*
||||||||
.SUBCKT AD8561
1
2
99
50
80
51
45
65
*
* INPUT STAGE
*
*
Q1
4
3 5 PIX
Q2
6
2 5 PIX
IBIAS 99
5 800E-6
RC1
4 50 1E3
RC2
6 50 1E3
CL1
4
6 1E-12
CIN
1
2 3E-12
VCM1
99
7 1
D1
5
7 DX
EOS
3
1 POLY(1) (31,98) 1E-3 1
*
* Reference Voltage
*
EREF 98 0 POLY(2) (99,0) (50,0) 0 0.5 0.5
RREF 98 0 100E3
*
* CMRR=80dB, ZERO AT 1kHz
*
ECM1 30 98 POLY(2) (1,98) (2,98) 0 0.5 0.5
RCM1 30 31 10E3
RCM2 31 98 1
CCM1 30 31 15.9E-9
*
* Latch Section
*
RX 80 51 100E3
E1 10 98 (4,6) 1
S1 10 11 (80,51) SLATCH1
R2 11 12 1
C3 12 98 10E-12
E2 13 98 (12,98) 1
R3 12 13 500
*
* Power Supply Section
*
Rev. A


Similar Part No. - AD8561ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8561ANZ AD-AD8561ANZ Datasheet
650Kb / 12P
   Ultrafast 7 ns Single Supply Comparator
REV. A
More results

Similar Description - AD8561ANZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8561AR-REEL AD-AD8561AR-REEL Datasheet
650Kb / 12P
   Ultrafast 7 ns Single Supply Comparator
REV. A
AD8561 AD-AD8561 Datasheet
105Kb / 11P
   Ultrafast 7 ns Single Supply Comparator
REV. 0
AD8561 AD-AD8561_15 Datasheet
662Kb / 12P
   Ultrafast 7 ns Single Supply Comparator
Rev. B
AD8598 AD-AD8598 Datasheet
137Kb / 11P
   Dual 7 ns Single Supply Comparator
REV. A
AD8564 AD-AD8564_07 Datasheet
260Kb / 12P
   Quad 7 ns Single Supply Comparator
REV. B
AD8564 AD-AD8564 Datasheet
115Kb / 8P
   Quad 7 ns Single Supply Comparator
REV. A
AD8564 AD-AD8564_15 Datasheet
275Kb / 12P
   Quad 7 ns Single Supply Comparator
Rev. B
AD8598 AD-AD8598_15 Datasheet
143Kb / 11P
   Dual 7 ns Single Supply Comparator
REV. A
AD8611 AD-AD8611_06 Datasheet
413Kb / 20P
   Ultrafast, 4 ns Single-Supply Comparators
REV. A
AD8611 AD-AD8611 Datasheet
130Kb / 12P
   Ultrafast 4 ns Single Supply Comparators
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com