Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7829BN Datasheet(PDF) 4 Page - Analog Devices

Part # AD7829BN
Description  3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7829BN Datasheet(HTML) 4 Page - Analog Devices

  AD7829BN Datasheet HTML 1Page - Analog Devices AD7829BN Datasheet HTML 2Page - Analog Devices AD7829BN Datasheet HTML 3Page - Analog Devices AD7829BN Datasheet HTML 4Page - Analog Devices AD7829BN Datasheet HTML 5Page - Analog Devices AD7829BN Datasheet HTML 6Page - Analog Devices AD7829BN Datasheet HTML 7Page - Analog Devices AD7829BN Datasheet HTML 8Page - Analog Devices AD7829BN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7822/AD7825/AD7829
Rev. C | Page 4 of 28
Parameter
Version B
Unit
Test Condition/Comment
LOGIC OUTPUTS
Output High Voltage, VOH
ISOURCE = 200 μA
4
V min
VDD = 5 V ± 10%
2.4
V min
VDD = 3 V ± 10%
Output Low Voltage, VOL
ISINK = 200 μA
0.4
V max
VDD = 5 V ± 10%
0.2
V max
VDD = 3 V ± 10%
High Impedance Leakage Current
±1
μA max
High Impedance Capacitance
10
pF max
CONVERSION RATE
Track-and-Hold Acquisition Time
200
ns max
See Circuit Description section
Conversion Time
420
ns max
POWER SUPPLY REJECTION
VDD ± 10%
±1
LSB max
POWER REQUIREMENTS
VDD
4.5
V min
5 V ± 10%; for specified performance
5.5
V max
VDD
2.7
V min
3 V ± 10%; for specified performance
3.3
V max
IDD
Normal Operation
12
mA max
8 mA typical
Power-Down
5
μA max
Logic inputs = 0 V or VDD
0.2
μA typ
Power Dissipation
VDD = 3 V
Normal Operation
36
mW max
24 mW typical
Power-Down
200 kSPS
9.58
mW typ
500 kSPS
23.94
mW typ
1 See the Terminology section of this data sheet.
2 Refer to the Analog Input section for an explanation of the analog input(s).


Similar Part No. - AD7829BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7829BN AD-AD7829BN Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
More results

Similar Description - AD7829BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822 Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829-1 AD-AD7829-1_15 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1_17 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
AD7827 AD-AD7827_15 Datasheet
189Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7827 AD-AD7827 Datasheet
185Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7859 AD-AD7859_15 Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com