Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCL30082 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCL30082
Description  Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCL30082 Datasheet(HTML) 1 Page - ON Semiconductor

  NCL30082_13 Datasheet HTML 1Page - ON Semiconductor NCL30082_13 Datasheet HTML 2Page - ON Semiconductor NCL30082_13 Datasheet HTML 3Page - ON Semiconductor NCL30082_13 Datasheet HTML 4Page - ON Semiconductor NCL30082_13 Datasheet HTML 5Page - ON Semiconductor NCL30082_13 Datasheet HTML 6Page - ON Semiconductor NCL30082_13 Datasheet HTML 7Page - ON Semiconductor NCL30082_13 Datasheet HTML 8Page - ON Semiconductor NCL30082_13 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
© Semiconductor Components Industries, LLC, 2013
April, 2013 − Rev. 0
1
Publication Order Number:
NCL30082/D
NCL30082
Dimmable Quasi-Resonant
Primary Side Current-Mode
Controller for LED Lighting
with Thermal Fold-back
The NCL30082 is a PWM current mode controller targeting isolated
flyback and non−isolated constant current topologies. The controller
operates in a quasi−resonant mode to provide high efficiency. Thanks
to a novel control method, the device is able to precisely regulate a
constant LED current from the primary side. This removes the need
for secondary side feedback circuitry, biasing and an optocoupler.
The device is highly integrated with a minimum number of external
components. A robust suite of safety protection is built in to simplify
the design. This device supports analog/digital dimming as well as
thermal current fold−back. While the NCL30082 has integrated fixed
overvoltage protection, the designer has the flexibility to program a
lower OVP level.
Features
Quasi−resonant Peak Current−mode Control Operation
Primary Side Sensing (no optocoupler needed)
Wide VCC Range
Source 300 mA / Sink 500 mA Totem Pole Driver with 12 V Gate
Clamp
Precise LED Constant Current Regulation ±1% Typical
Line Feed−forward for Enhanced Regulation Accuracy
Low LED Current Ripple
250 mV ±2% Guaranteed Voltage Reference for Current Regulation
~ 0.9 Power Factor with Valley Fill Input Stage
Low Start−up Current (13 mA typ.)
Analog or Digital Dimming
Thermal Fold−back
Wide Temperature Range of −40 to +125°C
Pb−free, Halide−free MSL1 Product
Robust Protection Features
Over Voltage / LED Open Circuit Protection
Over Temperature Protection
Secondary Diode Short Protection
Output Short Circuit Protection
Shorted Current Sense Pin Fault Detection
Latched and Auto−recoverable Versions
Brown−out
VCC Under Voltage Lockout
Thermal Shutdown
Typical Applications
Integral LED Bulbs
LED Power Driver Supplies
LED Light Engines
http://onsemi.com
PIN CONNECTIONS
See detailed ordering and shipping information in the package
dimensions section on page 32 of this data sheet.
ORDERING INFORMATION
Micro8
DM SUFFIX
CASE 846A
MARKING DIAGRAM
AAx
= Specific Device Code
x
= C or D
A
= Assembly Location
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
AAx
AYWG
G
1
8
DIM
VIN
VCC
DRV
SD
ZCD
CS
GND
(Top View)
1


Similar Part No. - NCL30082_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30082B1 ONSEMI-NCL30082B1 Datasheet
361Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Primary Side Current-Mode
January, 2015 ??Rev. 5
NCL30082B1DMR2G ONSEMI-NCL30082B1DMR2G Datasheet
361Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Primary Side Current-Mode
January, 2015 ??Rev. 5
NCL30082B1DR2G ONSEMI-NCL30082B1DR2G Datasheet
361Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Primary Side Current-Mode
January, 2015 ??Rev. 5
NCL30082 ONSEMI-NCL30082_15 Datasheet
361Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Primary Side Current-Mode
January, 2015 ??Rev. 5
More results

Similar Description - NCL30082_13

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCL30082 ONSEMI-NCL30082 Datasheet
395Kb / 32P
   Dimmable Quasi-Resonant Primary Side Current-ModeController for LED Lighting with Thermal Fold-back
February, 2013 ??Rev. P2
NCL30083 ONSEMI-NCL30083_15 Datasheet
393Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting with Thermal Fold-back
January, 2015 ??Rev. 2
NCL30083 ONSEMI-NCL30083_13 Datasheet
404Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting with Thermal Fold-back
April, 2013 ??Rev. 0
NCL30081 ONSEMI-NCL30081 Datasheet
310Kb / 23P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2013 ??Rev. P0
NCL30081 ONSEMI-NCL30081_13 Datasheet
309Kb / 31P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
NCL30081 ONSEMI-NCL30081_15 Datasheet
270Kb / 30P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
January, 2015 ??Rev. 1
NCL30083 ONSEMI-NCL30083 Datasheet
443Kb / 34P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
February, 2013 ??Rev. P2
NCL30080 ONSEMI-NCL30080_13 Datasheet
257Kb / 26P
   Quasi-Resonant Primary Side Current-Mode Controller for LED Lighting
April, 2013 ??Rev. 0
NCL30082 ONSEMI-NCL30082_15 Datasheet
361Kb / 35P
   Dimmable Quasi-Resonant Primary Side Current-Mode Primary Side Current-Mode
January, 2015 ??Rev. 5
NCP1370 ONSEMI-NCP1370 Datasheet
260Kb / 19P
   Dimmable Quasi-Resonant Primary Side Current-Mode Controller
February, 2016 ??Rev. P1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com