Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBY451616T-900Y-N Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # PBY451616T-900Y-N
Description  SMD Chip Beads
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PBY451616T-900Y-N Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button PBY451616T-900Y-N Datasheet HTML 6Page - List of Unclassifed Manufacturers PBY451616T-900Y-N Datasheet HTML 7Page - List of Unclassifed Manufacturers PBY451616T-900Y-N Datasheet HTML 8Page - List of Unclassifed Manufacturers PBY451616T-900Y-N Datasheet HTML 9Page - List of Unclassifed Manufacturers PBY451616T-900Y-N Datasheet HTML 10Page - List of Unclassifed Manufacturers PBY451616T-900Y-N Datasheet HTML 11Page - List of Unclassifed Manufacturers PBY451616T-900Y-N Datasheet HTML 12Page - List of Unclassifed Manufacturers PBY451616T-900Y-N Datasheet HTML 13Page - List of Unclassifed Manufacturers PBY451616T-900Y-N Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
13
ELECTRICAL CHARACTERISTICS GB Series
PART NO.
IMPEDANCE
TEST FREQUENCY
DC RESISTANCE
RATED CURRENT
(Ω) ±25%
(MHz)
(Ω) Max.
(mA) Max.
GBY321611T-190Y-N
19
100
0.03
1,000
GBY321611T-260Y-N
26
100
0.03
1,000
GBY321611T-320Y-N
32
100
0.03
1,000
GBY321611T-500Y-N
50
100
0.06
800
GBY321611T-600Y-N
60
100
0.06
800
GBK321611T-700Y-N
70
100
0.06
800
GBK321611T-900Y-N
90
100
0.10
800
GBK321611T-121Y-N
120
100
0.10
800
GBK321611T-151Y-N
150
100
0.10
800
GBK321611T-201Y-N
200
100
0.15
600
GBK321611T-401Y-N
400
100
0.15
600
GBK321611T-501Y-N
500
100
0.15
600
GBK321611T-601Y-N
600
100
0.20
500
GBK321611T-102Y-N
1,000
50
0.25
400
GBK321611T-122Y-N
1,200
50
0.25
400
GBK321611T-202Y-N
2,000
30
0.35
400
GBY321616T-250Y-N
25
100
0.10
1,000
GBY321616T-600Y-N
60
100
0.10
1,000
GBK321616T-700Y-N
70
100
0.10
1,000
GBY322513T-320Y-N
32
100
0.10
1,000
GBY322513T-600Y-N
60
100
0.10
1,000
GBY322513T-900Y-N
90
100
0.10
1,000
GBY451616T-500Y-N
50
100
0.10
1,000
GBY451616T-600Y-N
60
100
0.10
1,000
GBY451616T-800Y-N
80
100
0.10
1,000
GBY451616T-101Y-N
100
100
0.18
800
GBK451616T-151Y-N
150
100
0.18
800
GBK451616T-171Y-N
170
100
0.18
800
GBY453215T-700Y-N
70
100
0.18
800
GBY453215T-121Y-N
120
100
0.18
800


Similar Part No. - PBY451616T-900Y-N

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
PBY271 DIOTEC-PBY271 Datasheet
154Kb / 2P
   Silicon-Power Rectifiers
PBY271 DIOTEC-PBY271 Datasheet
128Kb / 2P
   Silicon-Power-Rectifiers
PBY272 DIOTEC-PBY272 Datasheet
154Kb / 2P
   Silicon-Power Rectifiers
PBY272 DIOTEC-PBY272 Datasheet
128Kb / 2P
   Silicon-Power-Rectifiers
PBY273 DIOTEC-PBY273 Datasheet
154Kb / 2P
   Silicon-Power Rectifiers
More results

Similar Description - PBY451616T-900Y-N

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FB100505 FRONTIER-FB100505 Datasheet
126Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB201209 FRONTIER-FB201209 Datasheet
130Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
FB160808 FRONTIER-FB160808 Datasheet
137Kb / 3P
   SMD MULTILAYER FERRITE CHIP BEADS
FB321611 FRONTIER-FB321611 Datasheet
129Kb / 2P
   SMD MULTILAYER FERRITE CHIP BEADS
logo
TDK Electronics
MPZ1005 TDK-MPZ1005 Datasheet
45Kb / 2P
   Chip Beads(SMD) For Power Line
MMZ1005 TDK-MMZ1005_09 Datasheet
115Kb / 3P
   Chip Beads(SMD) For Signal Line
MMZ2012R150A TDK-MMZ2012R150A Datasheet
104Kb / 4P
   Chip Beads(SMD) For Signal Line
MMZ1608R601CTAH0 TDK-MMZ1608R601CTAH0 Datasheet
98Kb / 6P
   Chip Beads(SMD) For Signal Line
MPZ2012S101AT TDK-MPZ2012S101AT Datasheet
74Kb / 2P
   Chip Beads(SMD) For Power Line
TDK_MMZ-2 TDK-TDK_MMZ-2 Datasheet
112Kb / 4P
   Chip Beads(SMD) For Signal Line
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com