Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8040ARU-REEL Datasheet(PDF) 3 Page - Analog Devices

Part # AD8040ARU-REEL
Description  Low Power, High Speed Rail-to-Rail Input/Output Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8040ARU-REEL Datasheet(HTML) 3 Page - Analog Devices

  AD8040ARU-REEL Datasheet HTML 1Page - Analog Devices AD8040ARU-REEL Datasheet HTML 2Page - Analog Devices AD8040ARU-REEL Datasheet HTML 3Page - Analog Devices AD8040ARU-REEL Datasheet HTML 4Page - Analog Devices AD8040ARU-REEL Datasheet HTML 5Page - Analog Devices AD8040ARU-REEL Datasheet HTML 6Page - Analog Devices AD8040ARU-REEL Datasheet HTML 7Page - Analog Devices AD8040ARU-REEL Datasheet HTML 8Page - Analog Devices AD8040ARU-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
AD8029/AD8030/AD8040
Rev. B | Page 3 of 24
SPECIFICATIONS
SPECIFICATIONS WITH ±5 V SUPPLY
Table 1. VS = ±5 V @ TA = 25°C, G = +1, RL = 1 kΩ to ground, unless otherwise noted. All specifications are per amplifier.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
G = +1, VO = 0.1 V p-p
80
125
MHz
AD8040W only: TMIN to TMAX
80
MHz
G = +1, VO = 2 V p-p
14
19
MHz
AD8040W only: TMIN to TMAX
9
MHz
Bandwidth for 0.1 dB Flatness
G = +2, VO = 0.1 V p-p
6
MHz
Slew Rate
G = +1, VO = 2 V Step
62
V/μs
G = –1, VO = 2 V Step
63
V/μs
Settling Time to 0.1%
G = +2, VO = 2 V Step
80
ns
NOISE/DISTORTION PERFORMANCE
Spurious Free Dynamic Range (SFDR)
fC = 1 MHz, VO = 2 V p-p
–74
dBc
fC = 5 MHz, VO = 2 V p-p
–56
dBc
Input Voltage Noise
f = 100 kHz
16.5
nV/√Hz
Input Current Noise
f = 100 kHz
1.1
pA/√Hz
Crosstalk (AD8030/AD8040)
f = 5 MHz, VIN = 2 V p-p
–79
dB
DC PERFORMANCE
Input Offset Voltage
PNP Active, VCM = 0 V
1.6
5
mV
AD8040W only: TMIN to TMAX
9.5
mV
NPN Active, VCM = 4.5 V
2
6
mV
AD8040W only: TMIN to TMAX
9.5
mV
Input Offset Voltage Drift
TMIN to TMAX
30
μV/°C
Input Bias Current1
NPN Active, VCM = 4.5 V
0.7
1.3
μA
TMIN to TMAX
1
μA
AD8040W only: TMIN to TMAX
1.3
μA
PNP Active, VCM = 0 V
–1.7
–2.8
μA
TMIN to TMAX
2
μA
AD8040W only: TMIN to TMAX
–2.8
μA
Input Offset Current
±0.1
±0.9
μA
AD8040W only: TMIN to TMAX
±0.9
μA
Open-Loop Gain
Vo = ±4.0 V
65
74
dB
AD8040W only: TMIN to TMAX
62
dB
INPUT CHARACTERISTICS
Input Resistance
6
Input Capacitance
2
pF
Input Common-Mode Voltage Range
–5.2 to +5.2
V
Common-Mode Rejection Ratio
VCM = –4.5 V to +3 V, RL = 10 kΩ
80
90
dB
AD8040W only: TMIN to TMAX
80
dB
DISABLE PIN (AD8029)
DISABLE Low Voltage
–VS + 0.8
V
DISABLE Low Current
–6.5
μA
DISABLE High Voltage
–VS + 1.2
V
DISABLE High Current
0.2
μA
Turn-Off Time
50% of DISABLE to <10% of Final VO,
VIN = –1 V, G = –1
150
ns
Turn-On Time
50% of DISABLE to <10% of Final VO,
VIN = –1 V, G = –1
85
ns
OUTPUT CHARACTERISTICS
Output Overdrive Recovery Time
(Rising/Falling Edge)
VIN = +6 V to –6 V, G = –1
55/45
ns
Output Voltage Swing
RL = 1 kΩ
–VS + 0.22
+VS – 0.22
V
AD8040W only: TMIN to TMAX
–VS + 0.22
+VS – 0.22
V
RL = 10 kΩ
–VS + 0.05
+VS – 0.05
V
AD8040W only: TMIN to TMAX
–VS + 0.05
+VS – 0.05
V


Similar Part No. - AD8040ARU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8040ARU-REEL AD-AD8040ARU-REEL Datasheet
649Kb / 20P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. A
AD8040ARU-REEL7 AD-AD8040ARU-REEL7 Datasheet
649Kb / 20P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. A
More results

Similar Description - AD8040ARU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8040 AD-AD8040 Datasheet
649Kb / 20P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. A
AD8040 AD-AD8040_15 Datasheet
670Kb / 25P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
AD8029 AD-AD8029_15 Datasheet
670Kb / 25P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
AD8030 AD-AD8030_15 Datasheet
670Kb / 25P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
logo
Analog Devices
AD8028 AD-AD8028 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027 AD-AD8027_05 Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com