Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7829BRU-REEL Datasheet(PDF) 8 Page - Analog Devices

Part # AD7829BRU-REEL
Description  3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7829BRU-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7829BRU-REEL Datasheet HTML 4Page - Analog Devices AD7829BRU-REEL Datasheet HTML 5Page - Analog Devices AD7829BRU-REEL Datasheet HTML 6Page - Analog Devices AD7829BRU-REEL Datasheet HTML 7Page - Analog Devices AD7829BRU-REEL Datasheet HTML 8Page - Analog Devices AD7829BRU-REEL Datasheet HTML 9Page - Analog Devices AD7829BRU-REEL Datasheet HTML 10Page - Analog Devices AD7829BRU-REEL Datasheet HTML 11Page - Analog Devices AD7829BRU-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD7822/AD7825/AD7829
Rev. C | Page 8 of 28
TERMINOLOGY
Signal-to-(Noise + Distortion) Ratio
The measured ratio of signal-to-(noise + distortion) at the
output of the analog-to-digital converter. The signal is the rms
amplitude of the fundamental. Noise is the rms sum of all
nonfundamental signals up to half the sampling frequency
(fS/2), excluding dc. The ratio is dependent upon the number of
quantization levels in the digitization process: the more levels,
the smaller the quantization noise. The theoretical signal-to-(noise
+ distortion) ratio for an ideal N-bit converter with a sine wave
input is given by
Signal-to-(Noise + Distortion) = (6.02 N + 1.76) dB
Thus, for an 8-bit converter, this is 50 dB.
Total Harmonic Distortion (THD)
The ratio of the rms sum of harmonics to the fundamental. For
the AD7822/AD7825/AD7829, it is defined as
1
6
5
3
2
V
V
V
V
V
V
THD
2
2
2
4
2
2
log
20
(dB)
+
+
+
+
=
where V1 is the rms amplitude of the fundamental and V2, V3,
V4, V5, and V6 are the rms amplitudes of the second through the
sixth harmonics.
Peak Harmonic or Spurious Noise
The ratio of the rms value of the next largest component in the
ADC output spectrum (up to fS/2 and excluding dc) to the rms
value of the fundamental. Normally, the value of this specification
is determined by the largest harmonic in the spectrum, but for
parts where the harmonics are buried in the noise floor, it is a
noise peak.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa and
fb, any active device with nonlinearities creates distortion
products at sum and difference frequencies of mfa ± nfb, where
m, n = 0, 1, 2, 3, … . Intermodulation terms are those for which
neither m nor n is equal to zero. For example, the second-order
terms include (fa + fb) and (fa − fb), and the third-order terms
include (2fa + fb), (2fa − fb), (fa + 2fb), and (fa − 2fb).
The AD7822/AD7825/AD7829 are tested using the CCIF
standard, where two input frequencies near the top end of the
input bandwidth are used. In this case, the second- and third-
order terms are of different significance. The second-order terms
are usually distanced in frequency from the original sine waves,
and the third-order terms are usually at a frequency close to the
input frequencies. As a result, the second- and third-order terms
are specified separately. The calculation of the intermodulation
distortion is as per the THD specification, where it is the ratio
of the rms sum of the individual distortion products to the rms
amplitude of the fundamental expressed in decibels (dB).
Channel-to-Channel Isolation
A measure of the level of crosstalk between channels. It is
measured by applying a full-scale 20 kHz sine wave signal to
one input channel and determining how much that signal is
attenuated in each of the other channels. The figure given is the
worst case across all four or eight channels of the AD7825 and
AD7829, respectively.
Relative Accuracy or Endpoint Nonlinearity
The maximum deviation from a straight line passing through
the endpoints of the ADC transfer function.
Differential Nonlinearity
The difference between the measured and the ideal one LSB
change between any two adjacent codes in the ADC.
Offset Error
The deviation of the 128th code transition (01111111) to
(10000000) from the ideal, that is, VMID.
Offset Error Match
The difference in offset error between any two channels.
Zero-Scale Error
The deviation of the first code transition (00000000) to
(00000001) from the ideal; that is, VMID − 1.25 V + 1 LSB (VDD =
5 V ± 10%), or VMID − 1.0 V + 1 LSB (VDD = 3 V ± 10%).
Full-Scale Error
The deviation of the last code transition (11111110) to (11111111)
from the ideal; that is, VMID + 1.25 V − 1 LSB (VDD = 5 V ± 10%),
or VMID + 1.0 V − 1 LSB (VDD = 3 V ± 10%).


Similar Part No. - AD7829BRU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7829BRU-1 AD-AD7829BRU-1 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829BRU-1 AD-AD7829BRU-1 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
AD7829BRU-1REEL7 AD-AD7829BRU-1REEL7 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829BRU-1REEL7 AD-AD7829BRU-1REEL7 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
More results

Similar Description - AD7829BRU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7825 AD-AD7825_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829 AD-AD7829_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7822 AD-AD7822 Datasheet
240Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
REV. B
AD7822 AD-AD7822_15 Datasheet
525Kb / 28P
   3 V/5 V, 2 MSPS, 8-Bit, 1-/4-/8-Channel Sampling ADCs
REV. C
AD7829-1 AD-AD7829-1_15 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1 Datasheet
390Kb / 20P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
REV. 0
AD7829-1 AD-AD7829-1_17 Datasheet
361Kb / 21P
   3 V/5 V, 2 MSPS, 8-Bit, 8-Channel ADC
AD7827 AD-AD7827_15 Datasheet
189Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7827 AD-AD7827 Datasheet
185Kb / 12P
   3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC
REV. 0
AD7859 AD-AD7859_15 Datasheet
405Kb / 28P
   3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com