Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8029AR-EBZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD8029AR-EBZ
Description  Low Power, High Speed Rail-to-Rail Input/Output Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8029AR-EBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8029AR-EBZ Datasheet HTML 5Page - Analog Devices AD8029AR-EBZ Datasheet HTML 6Page - Analog Devices AD8029AR-EBZ Datasheet HTML 7Page - Analog Devices AD8029AR-EBZ Datasheet HTML 8Page - Analog Devices AD8029AR-EBZ Datasheet HTML 9Page - Analog Devices AD8029AR-EBZ Datasheet HTML 10Page - Analog Devices AD8029AR-EBZ Datasheet HTML 11Page - Analog Devices AD8029AR-EBZ Datasheet HTML 12Page - Analog Devices AD8029AR-EBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
AD8029/AD8030/AD8040
Rev. B | Page 9 of 24
FREQUENCY (MHz)
1
10
100
1000
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
4
5
6
03679-0-010
0pF
20pF
10pF
5pF
G = +1
VO = 0.1V p-p
Figure 13. Small Signal Frequency Response for Various CLOAD
FREQUENCY (MHz)
1
10
100
–8
–7
–6
–5
–4
–3
–2
–1
0
1
03679-A-014
2V p-p
1V p-p
0.1V p-p
G = +2
RF = 1kΩ
Figure 14. Frequency Response for Various Output Amplitudes
03679-0-054
10
100
1k
10k
100k
1M
10M
100M
1G
80
70
60
225
180
135
90
45
0
50
40
30
20
10
0
–10
–20
FREQUENCY (Hz)
Figure 15. Open-Loop Gain and Phase vs. Frequency
FREQUENCY (MHz)
1
10
100
1000
03679-0-013
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
G = +1
VO = 0.1V p-p
VICM = 0V
VICM = VS+ – 0.2V
VICM = VS– + 0.2V
Figure 16. Small Signal Frequency Response for Various
Input Common-Mode Voltages
FREQUENCY (MHz)
1
100
10
1000
–6
–5
–4
–3
–2
–1
0
1
2
03679-0-014
+125
°C
+85
°C
+25
°C
–40
°C
G = +1
VO = 0.1V p-p
Figure 17. Small Signal Frequency Response vs. Temperature
FREQUENCY (MHz)
1
10
100
–8
–7
–6
–5
–4
–3
–2
–1
0
1
03679-0-015
+125°C
+25°C
+85°C
–40°C
G = +1
VO = 2V p-p
Figure 18. Large Signal Frequency Response vs. Temperature


Similar Part No. - AD8029AR-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8029AR-REEL AD-AD8029AR-REEL Datasheet
649Kb / 20P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. A
AD8029AR-REEL7 AD-AD8029AR-REEL7 Datasheet
649Kb / 20P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. A
More results

Similar Description - AD8029AR-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8040 AD-AD8040 Datasheet
649Kb / 20P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. A
AD8040 AD-AD8040_15 Datasheet
670Kb / 25P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
AD8029 AD-AD8029_15 Datasheet
670Kb / 25P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
AD8030 AD-AD8030_15 Datasheet
670Kb / 25P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
logo
Analog Devices
AD8028 AD-AD8028 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027 AD-AD8027_05 Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com