Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VE17M02750K Datasheet(PDF) 4 Page - AVX Corporation

Part # VE17M02750K
Description  Radial lead varistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VE17M02750K Datasheet(HTML) 4 Page - AVX Corporation

  VE17M02750K Datasheet HTML 1Page - AVX Corporation VE17M02750K Datasheet HTML 2Page - AVX Corporation VE17M02750K Datasheet HTML 3Page - AVX Corporation VE17M02750K Datasheet HTML 4Page - AVX Corporation VE17M02750K Datasheet HTML 5Page - AVX Corporation VE17M02750K Datasheet HTML 6Page - AVX Corporation VE17M02750K Datasheet HTML 7Page - AVX Corporation VE17M02750K Datasheet HTML 8Page - AVX Corporation VE17M02750K Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
15
Zinc Oxide Varistors
VE 07/09/13/17/24
VF 05/07/10/14/20
Max. clamping
Max. energy absorption
Max. permissible
Typical
Mean
Maximum
V/I
Derating
voltage (8 x 20 µs)
(10 x 1000 µs)
peak current
capacitance
power
thickness
characteristic
curves
W (J)
(8 x 20 µs)
f = 1kHz
dissipation
t
Vp (V)
Ip (A)
Number of surges
Ip (A)
1
10
1 surge
2 surges
pF
W
mm (inches)
Page
Page
165
5
2.2
0.7
400
200
165
0.1
3.8 (.150)
22
24
165
10
4.8
1.7
1200
600
440
0.2
3.8 (.150)
22
25
165
25
10
7
2500
1250
870
0.4
4.5 (.177)
22
26
165
50
17
14
4500
2500
2200
0.6
4.5 (.177)
23
27
200
5
2.5
0.8
400
200
150
0.1
4.0 (.157)
22
24
200
10
5.9
1.8
1200
600
400
0.2
4.0 (.157)
22
25
200
25
12
8
2500
1250
700
0.4
4.4 (.173)
22
26
200
50
20
15
4500
2500
1900
0.6
4.4 (.173)
23
27
200
100
40
30
6500
4000
4200
0.8
4.8 (.189)
23
28
250
5
3.4
1
400
200
110
0.1
4.4 (.173)
22
24
250
10
7.6
3
1200
600
310
0.2
4.4 (.173)
22
25
250
25
15
9
2500
1250
560
0.4
5.0 (.197)
22
26
250
50
25
20
4500
2500
1200
0.6
5.0 (.197)
23
27
250
100
50
33
6500
4000
3400
0.8
5.4 (.213)
23
28
300
5
3.6
1.3
400
200
100
0.1
4.5 (.177)
22
24
300
10
8.4
3.3
1200
600
280
0.2
4.5 (.177)
22
25
300
25
18
10.6
2500
1250
500
0.4
5.1 (.201)
22
26
300
50
30
22
4500
2500
1100
0.6
5.1 (.201)
23
27
300
100
60
40
6500
4000
3000
0.8
5.5 (.217)
23
28
340
5
4.2
1.5
400
200
90
0.1
4.1 (.161)
22
24
340
10
9.5
4
1200
600
250
0.2
4.1 (.161)
22
25
340
25
19
11
2500
1250
450
0.4
4.7 (.185)
22
26
340
50
34
25
4500
2500
1000
0.6
4.7 (.185)
23
27
340
100
74
46
6500
4000
2500
0.8
5.1 (.201)
23
28
360
5
4.5
1.5
400
200
85
0.1
4.2 (.165)
22
24
360
10
10
4
1200
600
235
0.2
4.2 (.165)
22
25
360
25
22
12.5
2500
1250
425
0.4
4.8 (.189)
22
26
360
50
36
26.5
4500
2500
930
0.6
4.8 (.189)
23
27
360
100
78
50
6500
4000
2250
0.8
5.2 (.205)
23
28
400
5
4.9
1.8
400
200
80
0.1
4.3 (.169)
22
24
400
10
11
4.1
1200
600
220
0.2
4.3 (.169)
22
25
400
25
24
13
2500
1250
400
0.4
4.9 (.193)
22
26
400
50
40
30
4500
2500
850
0.6
4.9 (.193)
23
27
400
100
85
56
6500
4000
2000
0.8
5.3 (.209)
23
28
445
5
5.6
1.9
400
200
70
0.1
4.5 (.177)
22
24
445
10
13
4.5
1200
600
190
0.2
4.5 (.177)
22
25
445
25
28
13.5
2500
1250
340
0.4
5.1 (.201)
22
26
445
50
46
31
4500
2500
750
0.6
5.1 (.201)
23
27
445
100
98
56
6500
4000
2000
0.8
5.5 (.217)
23
28
545
5
7.2
2.2
400
200
60
0.1
4.9 (.193)
22
24
545
10
15
5.4
1200
600
155
0.2
4.9 (.193)
22
25
545
25
31
14.0
2500
1250
275
0.4
5.5 (.217)
22
26
545
50
54
35
4500
2500
600
0.6
5.5 (.217)
23
27
545
100
115
70
6500
4000
1650
0.8
5.9 (.232)
23
28
595
5
7.2
2.4
400
200
55
0.1
5.1 (.201)
22
24
595
10
17
6
1200
600
140
0.2
5.1 (.201)
22
25
595
25
36
14.3
2500
1250
250
0.4
5.7 (.224)
22
26
595
50
60
38
4500
2500
550
0.6
5.7 (.224)
23
27
595
100
130
75
6500
4000
1500
0.8
6.1 (.240)
23
28


Similar Part No. - VE17M02750K

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VE17P00131K AVX-VE17P00131K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VE17P00141K AVX-VE17P00141K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VE17P00151K AVX-VE17P00151K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VE17P00211K AVX-VE17P00211K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
VE17P00231K AVX-VE17P00231K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
More results

Similar Description - VE17M02750K

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com