Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXES-2590 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PXES-2590
Description  9-Slot 3U PXI Express Chassis with AC ??Up to 7 GB/s, All Hybrid
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PXES-2590 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PXES-2590 Datasheet HTML 1Page - List of Unclassifed Manufacturers PXES-2590 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Updated January 29, 2013. ©2013 ADLINK Technology, Inc. All Rights Reserved. All specifications are subject to change without further notice.
VDC
Maximum
Load
Regulation
Maximum Ripple
& Noise
+5 V
23.0 A
±3%
50 mV
+12 V
27.0 A
±3%
50 mV
+3.3 V
33.0 A
±3%
50 mV
-12 V
1.75 A
±3%
50 mV
9-Slot 3U PXI Express Chassis with AC – Up to 7 GB/s, All Hybrid
PXIe Chassis
Ordering Information
■ PXES-2590
3U 9-slot PXI Express chassis with all-hybrid
peripheral slots and universal AC power supply
■PXES-2590/PMK-1524withTrolleyCase
3U 9-slot PXI Express chassis with all hybrid
slots with factory-mounted 15” 24-bit monitor/
keyboard kit, pre-installed in trolley case for
shipping.
Optional Accessories
■PMK-1524
Portable LCD monitor/keyboard accessory kit
for PXES-2590
■ Trolley Case
Trolley case for PXES-2590/PMK-1524,
570 x 270 x 390 mm, 5 kg
■PXES-2590Rack-mountKit
Flexible rack-mount kit for PXES-2590
Physical
Number of slots:
•1 system slot + 1 system timing hybrid slot
+ 7 peripheral slots
Dimensions:
•322 mm (W) x 190 mm (H) x 456 mm (D) (12.55” x 7.4” x 17.8”)
Weight: 9 kg (19.8 lbs)
Operating Environment
Ambienttemperature:0˚Cto55˚C(32˚Fto131˚F)
Relative humidity: 10% to 90%, non-condensing
Storage Environment
Ambienttemperature:-20˚Cto70˚C(-4˚Fto158˚F)
Relative humidity: 10% to 90%, non-condensing
ShockandVibration
Functional shock: 30 G, half-sine, 11 ms pulse duration
Random vibration:
•Operating:5to500Hz,0.3Grms,3axes
•Non-operating:5to500Hz,2.46Grms,3axes
Emissions Compliance
EN 61326-1
FCC Class A
CE Compliance
Safety: EN 61010-1
Immunity: EN 61326-1
PXES-2590
PXIe-3975
Recommended System Controller
■Innovative Cooling Mechanism
The ADLINK PXES-2590 features an innovative heat dissipation solution. Two 185.9CFM cooling fans in the
rear section of the chassis draw cool air through lower apertures, which is then exhausted through the back.
This design generates uniform airflow for each PXI slot, delivering exceptional cooling.
When installed in a rack, the cooling design minimizes intake of hot air from the rear side, separating airflow
for modules and power supplies, while isolating noise source (fan) from modules and maintaining a steady
internal temperature.
■Intelligent Chassis Management
The PXES-2590 has a built-in system monitoring controller that monitors and manages full chassis status,
including internal temperature, fan speed, and DC voltages.
■All Hybrid Peripheral Slots Design*
The ADLINK PXES-2590 features an all-hybrid peripheral slot design, with PXI Express, cPCI Express, PXI,
and CompactPCI modules compatible with every slot.
Note:
1. ADLINK’s PXI Express chassis accepts hybrid slot-compatible PXI-5 modules (with XJ4 connector).
Legacy PXI-1 boards (with J2 connector) need to be upgraded to hybrid slot-compatible PXI modules.
A detailed list of ADLINK PXI hybrid slot-compatible modules is available online at:
http://www.adlinktech.com/PXI/pxi-breakthrough-bandwidth.php#FAQ
2. Contact your ADLINK sales representative for assistance in upgrading ADLINK legacy PXI modules.
If the PXI modules were purchased from a third party, please contact the original vendor.
•BackplaneLinkConfiguration
Specifications
Power Supply
AC Input
•Input voltage range: 100 to 240 VAC
•Input voltage frequency: 50 to 60 Hz
DC Output
•Maximum total usable power is 400 W
BusInterface
Four-link capacity PXI Express chassis
Up to 7 GB/s system bandwidth
Up to 2 GB/s peripheral bandwidth for all slots
IO/SwitchonRearPanel
BNC connectors for 10MHz clock input/output
Fan speed selector switch
Inhibit mode selector switch
D-SUB9 for voltage monitoring and remote inhibit
Cooling
Fans: 2 x 185.9 CFM fans
Per-slot cooling capacity: 30 W


Similar Part No. - PXES-2590

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
PXES-2590 ADLINK-PXES-2590 Datasheet
710Kb / 3P
   9-Slot 3U PXI Express Chassis with AC ??Up to 7 GB/s, All Hybrid
More results

Similar Description - PXES-2590

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
PXES-2590 ADLINK-PXES-2590 Datasheet
710Kb / 3P
   9-Slot 3U PXI Express Chassis with AC ??Up to 7 GB/s, All Hybrid
PXES-2785 ADLINK-PXES-2785 Datasheet
1Mb / 2P
   18-Slot 3U 24GB/s PXI Express Chassis ??Up to 8 GB/s, 50 W power
logo
National Instruments Co...
783588-01 NI-783588-01 Datasheet
539Kb / 10P
   18-Slot, All-Hybrid PXI Express Chassis
logo
List of Unclassifed Man...
PXIS-2508 ETC2-PXIS-2508 Datasheet
659Kb / 1P
   8-Slot 3U PXI Chassis with AC
PXIS-2719A ETC2-PXIS-2719A Datasheet
565Kb / 2P
   19-Slot 3U PXI Chassis with AC
logo
Adlink Technology Inc.
PXIS-2719A ADLINK-PXIS-2719A Datasheet
172Kb / 2P
   19-Slot 3U PXI Chassis with AC
logo
List of Unclassifed Man...
PXIS-2690P ETC2-PXIS-2690P Datasheet
384Kb / 1P
   14-Slot 3U Integrated Portable PXI Chassis with AC
logo
Adlink Technology Inc.
PXES-2301 ADLINK-PXES-2301 Datasheet
418Kb / 2P
   6 Slot All-Hybrid 3U PXIe Chassis AC-powered
PXES-2780 ADLINK-PXES-2780 Datasheet
561Kb / 2P
   6 Slot All-Hybrid 3U PXIe Chassis AC-powered
logo
List of Unclassifed Man...
PXIS-2700 ETC1-PXIS-2700 Datasheet
601Kb / 2P
   18/14/8-Slot 3U PXI Chassis
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com