Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDW2507NZ Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDW2507NZ
Description  Common Drain N-Channel 2.5V specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDW2507NZ Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDW2507NZ Datasheet HTML 1Page - Fairchild Semiconductor FDW2507NZ Datasheet HTML 2Page - Fairchild Semiconductor FDW2507NZ Datasheet HTML 3Page - Fairchild Semiconductor FDW2507NZ Datasheet HTML 4Page - Fairchild Semiconductor FDW2507NZ Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
March 2003
2003 Fairchild Semiconductor Corporation
FDW2507NZ Rev C2
FDW2507NZ
Common Drain N-Channel 2.5V specified PowerTrench
MOSFET
General Description
This monolithic common drain N-Channel MOSFET has
been
designed
using
Fairchild
Semiconductor’s
advanced PowerTrench process to optimize the RDS(ON)
@ VGS = 2.5v on special TSSOP-8 lead frame with all
the drains on one side of the package.
Applications
• Li-Ion Battery Pack
Features
• 7.5 A, 20 V
RDS(ON) = 19 m
Ω @ V
GS = 4.5 V
RDS(ON) = 23 m
Ω @ V
GS = 2.5 V
• Isolated source and drain pins
• ESD protection diode (note 3)
• High performance trench technology for extremely
low RDS(ON) @ VGS = 2.5 V
• Low profile TSSOP-8 package
S1
G1
S2
G2
D
D
D
D
TSSOP-8
Pin 1
5
4
6
3
7
2
8
1
Absolute Maximum Ratings
TA=25
oC unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
±12
V
ID
Drain Current
– Continuous
(Note 1a)
7.5
A
– Pulsed
30
Power Dissipation for Single Operation
(Note 1a)
1.6
PD
(Note 1b)
1.1
W
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
77
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1b)
114
°C/W
Package Marking and Ordering Information
Device Marking
Device
Reel Size
Tape width
Quantity
2507NZ
FDW2507NZ
13’’
12mm
3000 units


Similar Part No. - FDW2507NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDW2507N FAIRCHILD-FDW2507N Datasheet
129Kb / 5P
   Common Drain N-Channel 2.5V specified PowerTrench MOSFET
More results

Similar Description - FDW2507NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDW2509NZ FAIRCHILD-FDW2509NZ Datasheet
105Kb / 5P
   Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDW2516NZ FAIRCHILD-FDW2516NZ Datasheet
135Kb / 5P
   Common Drain N-Channel 2.5V specified PowerTrench MOSFET
FDW2515NZ FAIRCHILD-FDW2515NZ Datasheet
119Kb / 6P
   Common Drain N-Channel 2.5V specified PowerTrench MOSFET
FDW2507N FAIRCHILD-FDW2507N Datasheet
129Kb / 5P
   Common Drain N-Channel 2.5V specified PowerTrench MOSFET
FDW9926NZ FAIRCHILD-FDW9926NZ Datasheet
120Kb / 5P
   Common Drain N-Channel 2.5V specified PowerTrench MOSFET
FDM2452NZ FAIRCHILD-FDM2452NZ Datasheet
137Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDMW2512NZ FAIRCHILD-FDMW2512NZ Datasheet
135Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM2509NZ FAIRCHILD-FDM2509NZ Datasheet
194Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM3300NZ FAIRCHILD-FDM3300NZ Datasheet
460Kb / 8P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDMC3300NZA FAIRCHILD-FDMC3300NZA Datasheet
318Kb / 7P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com