Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9954YSV-REEL7 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9954YSV-REEL7
Description  400 MSPS, 14-Bit, 1.8 V CMOS, Direct Digital Synthesizer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9954YSV-REEL7 Datasheet(HTML) 3 Page - Analog Devices

  AD9954YSV-REEL7 Datasheet HTML 1Page - Analog Devices AD9954YSV-REEL7 Datasheet HTML 2Page - Analog Devices AD9954YSV-REEL7 Datasheet HTML 3Page - Analog Devices AD9954YSV-REEL7 Datasheet HTML 4Page - Analog Devices AD9954YSV-REEL7 Datasheet HTML 5Page - Analog Devices AD9954YSV-REEL7 Datasheet HTML 6Page - Analog Devices AD9954YSV-REEL7 Datasheet HTML 7Page - Analog Devices AD9954YSV-REEL7 Datasheet HTML 8Page - Analog Devices AD9954YSV-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
AD9954
Rev. B | Page 3 of 40
FUNCTIONAL BLOCK DIAGRAM
FREQUENCY
ACCUMULATOR
STATIC RAM
1024 × 32
COS(X)
CONTROL REGISTERS
OSCILLATOR/BUFFER
COMPARATOR
SYNC
ENABLE
I/O UPDATE
DAC_RSET
DDS CORE
PHASE
OFFSET
PHASE
ACCUMULATOR
Z–1
Z–1
IOUT
IOUT
OSK
PWRDWNCTL
COMP_OUT
COMP_IN
COMP_IN
REFCLK
REFCLK
CRYSTAL OUT
I/O PORT
PS<1:0>
RAM DATA
<31:18>
DDS
CLOCK
RAM
DATA
DAC
MUX
SYSTEM
CLOCK
SYSTEM
CLOCK
SYNC_IN
SYNC_CLK
RESET
TIMING AND CONTROL LOGIC
4× TO 20×
CLOCK
MULTIPLIER
÷4
AD9954
32
32
32
14
14
14
32
10
3
19
14
0
32
32
M
U
X
M
U
X
M
U
X
θ
Figure 2.


Similar Part No. - AD9954YSV-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9954YSV-REEL7 AD-AD9954YSV-REEL7 Datasheet
1Mb / 36P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
More results

Similar Description - AD9954YSV-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9953YSVZ AD-AD9953YSVZ Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951 AD-AD9951 Datasheet
825Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
Rev. 0
AD9952 AD-AD9952 Datasheet
731Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9952YSVZ AD-AD9952YSVZ Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9953 AD-AD9953_15 Datasheet
574Kb / 32P
   400 MSPS, 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9954 AD-AD9954 Datasheet
1Mb / 36P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. 0
AD9951 AD-AD9951_15 Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9951YSVZ AD-AD9951YSVZ Datasheet
480Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
AD9952 AD-AD9952_15 Datasheet
569Kb / 28P
   400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. B
AD9859 AD-AD9859 Datasheet
574Kb / 24P
   400 MSPS, 10-Bit, 1.8 V CMOS Direct Digital Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com