Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF7021-N Datasheet(PDF) 8 Page - Analog Devices

Part # ADF7021-N
Description  High Performance Narrow-Band Transceiver IC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7021-N Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF7021-N Datasheet HTML 4Page - Analog Devices ADF7021-N Datasheet HTML 5Page - Analog Devices ADF7021-N Datasheet HTML 6Page - Analog Devices ADF7021-N Datasheet HTML 7Page - Analog Devices ADF7021-N Datasheet HTML 8Page - Analog Devices ADF7021-N Datasheet HTML 9Page - Analog Devices ADF7021-N Datasheet HTML 10Page - Analog Devices ADF7021-N Datasheet HTML 11Page - Analog Devices ADF7021-N Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
ADF7021-N
Rev. 0 | Page 8 of 64
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RSSI
Range at Input2
−120 to −47
dBm
Linearity
±2
dB
Input power range = −100 dBm to −47 dBm
Absolute Accuracy
±3
dB
Input power range = −100 dBm to −47 dBm
Response Time
390
μs
See the RSSI/AGC section
AFC
Pull-In Range
0.5
1.5 × IF_
FILTER_BW
kHz
The range is programmable in Register 10
(R10_DB[24:31])
Response Time
64
Bits
Accuracy
0.5
kHz
Input power range = −100 dBm to +12 dBm
Rx SPURIOUS EMISSIONS3
Internal Inductor VCO
−91/−91
dBm
<1 GHz at antenna input, unfiltered conductive/filtered
conductive
−52/−70
dBm
>1 GHz at antenna input, unfiltered conductive/filtered
conductive
External Inductor VCO
−62/−72
dBm
<1 GHz at antenna input, unfiltered conductive/filtered
conductive
−64/−85
dBm
>1 GHz at antenna input, unfiltered conductive/filtered
conductive
LNA INPUT IMPEDANCE
RFIN to RFGND
fRF = 915 MHz
24 − j60
Ω
fRF = 868 MHz
26 − j63
Ω
fRF = 450 MHz
63 − j129
Ω
fRF = 426 MHz
68 − j134
Ω
fRF = 315 MHz
96 − j160
Ω
fRF = 175 MHz
178 − j190
Ω
1 Calibration of the image rejection used an external RF source.
2 For received signal levels < −100 dBm, it is recommended to average the RSSI readback value over a number of samples to improve the RSSI accuracy at low input powers.
3 Filtered conductive receive spurious emissions are measured on the EVAL-ADF7021-NDBxx, which includes a T-stage harmonic filter (two inductors and one
capacitor).


Similar Part No. - ADF7021-N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-VBCPZ AD-ADF7021-VBCPZ Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-VBCPZ-RL AD-ADF7021-VBCPZ-RL Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
More results

Similar Description - ADF7021-N

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF7021BCPZ-RL AD-ADF7021BCPZ-RL Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
ADF7021 AD-ADF7021_15 Datasheet
1Mb / 62P
   High Performance Narrow-Band Transceiver IC
REV. C
EVAL-ADF7021DBZ5 AD-EVAL-ADF7021DBZ5 Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
   High Performance ISM Band Transceiver IC
REV. B
ADF7025 AD-ADF7025 Datasheet
917Kb / 44P
   High Performance ISM Band Transceiver IC
REV. A
logo
ON Semiconductor
AX5243 ONSEMI-AX5243_16 Datasheet
411Kb / 42P
   Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
logo
Radiometrix Ltd
NIM2-XXX.XXX-10 RADIOMETRIX-NIM2-XXX.XXX-10 Datasheet
224Kb / 11P
   UHF Narrow Band Transceiver
logo
List of Unclassifed Man...
WP-RF-RF650 ETC1-WP-RF-RF650 Datasheet
183Kb / 8P
   Narrow Band Radio Transceiver
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com