Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N_09Q00682 Datasheet(PDF) 8 Page - AVX Corporation

Part # N_09Q00682
Description  NTC Thermistors
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

N_09Q00682 Datasheet(HTML) 8 Page - AVX Corporation

Back Button N_09Q00682 Datasheet HTML 4Page - AVX Corporation N_09Q00682 Datasheet HTML 5Page - AVX Corporation N_09Q00682 Datasheet HTML 6Page - AVX Corporation N_09Q00682 Datasheet HTML 7Page - AVX Corporation N_09Q00682 Datasheet HTML 8Page - AVX Corporation N_09Q00682 Datasheet HTML 9Page - AVX Corporation N_09Q00682 Datasheet HTML 10Page - AVX Corporation N_09Q00682 Datasheet HTML 11Page - AVX Corporation N_09Q00682 Datasheet HTML 12Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
7
LIQUID LEVEL OR FLOW DETECTION
The dissipation of a thermistor is significantly different in a
liquid or in a gas, in a static fluid or in a stirred one. A liquid
level detector or a gas–flow measurement can be designed
using this property.
In Figure 11, the output voltage measured on the thermistor
depends upon the dissipation factor of its environment, and
can be illustrated by V-l curves (Figure 12).
This voltage can be used to detect the presence (V
2) or
absence (V
1) of liquid around the thermistor or measure the
flow speed.
A good design should define a precise operating temperature
range, where dissipation in the high dissipating medium at
highest ambient temperature remains higher than the dissipa-
tion in low dissipating medium at lowest ambient temperature.
SURGE PROTECTION
A soft start of sensitive apparatus can be achieved by using
NTC thermistors as described in Figures 13 and 14.
At turn-on, the NTC absorbs the surge current, limits the
current across the equipment and protects it. Then, the
thermistor heats, its resistance decreases and most of the
power becomes applied to the apparatus.
In its design, the thermistor will be selected with a thermal
capacity higher than the surge energy to absorb.
TIME DELAY
The current-time characteristic of a thermistor is used in time
delay applications such as delaying energization of a relay
after application of power to an electrical circuit.
The time delay, time necessary for the thermistor to heat up
to the temperature where its resistance allows the current to
reach the switching value of the relay, is mainly defined with
the nominal resistance of the thermistor.
The time delay is also strongly dependent upon the ambient
temperature, as shown in Figure 15.
Figure 11
Figure 12
Figure 15
Current
T = 50
°C
T = 40
°C
T = 25
°C
Time
Voltage
Vin
V2
V1
Vin/RS
Current
k2
k1
Vin
RS
RNTC
V
NTC Thermistors
Application Notes
Figure 13
Figure 14
RNTC
Equipment
Power
Unprotected equipment
Protected equipment
NTC absorbed power
Time


Similar Part No. - N_09Q00682

ManufacturerPart #DatasheetDescription
logo
Heyco.
N009 HEYCO-N009 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
logo
Tripp Lite. All Rights ...
N009-004-R TRIPPLITE-N009-004-R Datasheet
152Kb / 2P
   Cat5e Retractable Patch Cable, 4-ft.
logo
Heyco.
N109 HEYCO-N109 Datasheet
147Kb / 1P
   Polyurethane Adhesive-Back Bumpers
logo
Keysight Technologies
N1090A KEYSIGHT-N1090A Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/B DCA-M Optical and Electrical Sampling Oscilloscopes
N1092A KEYSIGHT-N1092A Datasheet
1Mb / 20P
   N1090A, N1092A/B/C/D/E and N1094A/ DCA-M Optical and Electrical Sampling Oscilloscopes
More results

Similar Description - N_09Q00682

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com