Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG333ABRZ1 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG333ABRZ1
Description  Quad SPDT Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG333ABRZ1 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG333ABRZ1 Datasheet HTML 3Page - Analog Devices ADG333ABRZ1 Datasheet HTML 4Page - Analog Devices ADG333ABRZ1 Datasheet HTML 5Page - Analog Devices ADG333ABRZ1 Datasheet HTML 6Page - Analog Devices ADG333ABRZ1 Datasheet HTML 7Page - Analog Devices ADG333ABRZ1 Datasheet HTML 8Page - Analog Devices ADG333ABRZ1 Datasheet HTML 9Page - Analog Devices ADG333ABRZ1 Datasheet HTML 10Page - Analog Devices ADG333ABRZ1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ADG333A
Rev. A | Page 7 of 12
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
IN1
1
S1A
2
D1
3
S1B
4
IN4
20
S4A
19
D4
18
S4B
17
VSS 5
GND
6
S2B
7
VDD
16
NC
15
S3B
14
D2
8
D3
13
S2A
9
S3A
12
IN2 10
IN3
11
NC = NO CONNECT
ADG333A
TOP VIEW
(Not to Scale)
IN1
1
S1A
2
D1
3
S1B
4
IN4
20
S4A
19
D4
18
S4B
17
VSS 5
VDD
16
GND
6
NC
15
S2B
7
S3B
14
D2
8
D3
13
S2A
9
S3A
12
IN2 10
IN3
11
NC = NO CONNECT
ADG333A
TOP VIEW
(Not to Scale)
IN1
1
S1A
2
D1
3
S1B
4
IN4
20
S4A
19
D4
18
S4B
17
VSS 5
GND
6
S2B
7
VDD
16
NC
15
S3B
14
D2
8
D3
13
S2A
9
S3A
12
IN2 10
IN3
11
NC = NO CONNECT
ADG333A
TOP VIEW
(Not to Scale)
Figure 2. PDIP Pin Configuration
Figure 3. SOIC Pin Configuration
Figure 4. SSOP Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 10, 11, 20
IN1, IN2, IN3, IN4
Logic Control Input.
2, 4, 7, 9, 12, 14,
17, 19
S1A, S1B, S2B, S2A,
S3A, S3B, S4B, S4A
Source Terminal. Can be an input or output.
3, 8, 13, 18
D1, D2, D3, D4
Drain Terminal. Can be an input or output.
5
VSS
Most Negative Power Supply Potential in Dual Supplies. In single-supply applications, it can be
connected to ground.
6
GND
Ground (0 V) Reference.
15
NC
No Connect.
16
VDD
Most Positive Power Supply Potential.


Similar Part No. - ADG333ABRZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG333ABRZ AD-ADG333ABRZ Datasheet
247Kb / 13P
   Quad SPDT Switch
Rev. B
ADG333ABRZ-REEL AD-ADG333ABRZ-REEL Datasheet
247Kb / 13P
   Quad SPDT Switch
Rev. B
More results

Similar Description - ADG333ABRZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG333A AD-ADG333A_15 Datasheet
317Kb / 12P
   Quad SPDT Switch
REV. A
ADG333A AD-ADG333A Datasheet
124Kb / 8P
   Quad SPDT Switch
REV. 0
ADG333A AD-ADG333A_V01 Datasheet
247Kb / 13P
   Quad SPDT Switch
Rev. B
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699_15 Datasheet
354Kb / 12P
   Quad, SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
logo
Vishay Siliconix
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
logo
Maxim Integrated Produc...
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
logo
Vishay Siliconix
DG333A VISHAY-DG333A Datasheet
90Kb / 9P
   Precision Quad SPDT Analog Switch
Rev. B, 06-Sep-99
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
   Quad 10 SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com