Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG419BN Datasheet(PDF) 8 Page - Analog Devices

Part # ADG419BN
Description  LC2MOS Precision Mini-DIP Analog Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG419BN Datasheet(HTML) 8 Page - Analog Devices

Back Button ADG419BN Datasheet HTML 4Page - Analog Devices ADG419BN Datasheet HTML 5Page - Analog Devices ADG419BN Datasheet HTML 6Page - Analog Devices ADG419BN Datasheet HTML 7Page - Analog Devices ADG419BN Datasheet HTML 8Page - Analog Devices ADG419BN Datasheet HTML 9Page - Analog Devices ADG419BN Datasheet HTML 10Page - Analog Devices ADG419BN Datasheet HTML 11Page - Analog Devices ADG419BN Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADG419
Rev. B | Page 8 of 16
10mA
1mA
100µA
1nA
10nA
100nA
1µA
10µA
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VDD = +15V
VSS = –15V
VL = +5V
I+, I–
IL
Figure 9. Supply Current (ISUPPLY) vs. Input Switching Frequency
220
200
80
100
120
140
160
180
61
14
12
10
8
SUPPLY VOLTAGE (V)
6
SINGLE SUPPLY
VIN = 0V/+5V
DUAL SUPPLY
VIN = ±5V
Figure 10. Transition Time (tTRANSITION) vs. Power Supply Voltage


Similar Part No. - ADG419BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG419BN AD-ADG419BN Datasheet
113Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
More results

Similar Description - ADG419BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG419 AD-ADG419 Datasheet
113Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG417BRZ AD-ADG417BRZ Datasheet
92Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG417 AD-ADG417 Datasheet
91Kb / 8P
   LC2MOS Precision Mini-DIP Analog Switch
REV. A
ADG419 AD-ADG419_15 Datasheet
317Kb / 16P
   LC MOS Precision Mini-DIP Analog Switch
REV. B
AD7233 AD-AD7233 Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
logo
Vishay Siliconix
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
logo
Pericom Semiconductor C...
PI5A101 PERICOM-PI5A101 Datasheet
446Kb / 10P
   Precision Wide-Bandwidth Analog Switch
logo
Vishay Siliconix
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
DG333A VISHAY-DG333A_11 Datasheet
136Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. C, 31-Jan-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com