Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG333ABRSZ1 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG333ABRSZ1
Description  Quad SPDT Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG333ABRSZ1 Datasheet(HTML) 1 Page - Analog Devices

  ADG333ABRSZ1 Datasheet HTML 1Page - Analog Devices ADG333ABRSZ1 Datasheet HTML 2Page - Analog Devices ADG333ABRSZ1 Datasheet HTML 3Page - Analog Devices ADG333ABRSZ1 Datasheet HTML 4Page - Analog Devices ADG333ABRSZ1 Datasheet HTML 5Page - Analog Devices ADG333ABRSZ1 Datasheet HTML 6Page - Analog Devices ADG333ABRSZ1 Datasheet HTML 7Page - Analog Devices ADG333ABRSZ1 Datasheet HTML 8Page - Analog Devices ADG333ABRSZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Quad SPDT Switch
ADG333A
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
44 V supply maximum ratings
VSS to VDD analog signal range
Low on resistance (45 Ω max)
Low ∆RON (5 Ω max)
Low RON match (4 Ω max)
Low power dissipation
Fast switching times
tON < 175 ns
tOFF < 145 ns
Low leakage currents (5 nA max)
Low charge injection (10 pC max)
Break-before-make switching action
APPLICATIONS
Audio and video switching
Battery-powered systems
Test equipment
Communication systems
FUNCTIONAL BLOCK DIAGRAM
S1A
D1
S1B
IN1
IN2
S2B
D2
S2A
S3A
D3
S3B
IN3
IN4
S4B
D2
S4A
ADG333A
SWITCHES SHOWN FOR A LOGIC 1 INPUT
Figure 1.
GENERAL DESCRIPTION
The ADG333A is a monolithic CMOS device comprising four
independently selectable SPDT switches. It is designed on an
LC2MOS process, which provides low power dissipation yet
achieves a high switching speed and a low on resistance.
The on resistance profile is very flat over the full analog input
range, ensuring good linearity and low distortion when
switching audio signals. High switching speed also makes the
part suitable for video signal switching. CMOS construction
ensures ultralow power dissipation, making the part ideally
suited for portable, battery-powered instruments.
When they are on, each switch conducts equally well in both
directions and has an input signal range that extends to the
power supplies. In the off condition, signal levels up to the
supplies are blocked. All switches exhibit break-before-make
switching action for use in multiplexer applications. Inherent
in the design is low charge inject
PRODUCT HIGHLIGHTS
1.
Extended signal range.
The ADG333A is fabricated on an enhanced LC2MOS
process, giving an increased signal range which extends to
the supply rails.
2.
Low power dissipation.
3.
Low RON.
4.
Single-supply operation.
For applications where the analog signal is unipolar, the
ADG333A can be operated from a single rail power supply.
The part is fully specified with a single 12 V supply.


Similar Part No. - ADG333ABRSZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG333ABRSZ AD-ADG333ABRSZ Datasheet
247Kb / 13P
   Quad SPDT Switch
Rev. B
ADG333ABRSZ-REEL AD-ADG333ABRSZ-REEL Datasheet
247Kb / 13P
   Quad SPDT Switch
Rev. B
More results

Similar Description - ADG333ABRSZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG333A AD-ADG333A_15 Datasheet
317Kb / 12P
   Quad SPDT Switch
REV. A
ADG333A AD-ADG333A Datasheet
124Kb / 8P
   Quad SPDT Switch
REV. 0
ADG333A AD-ADG333A_V01 Datasheet
247Kb / 13P
   Quad SPDT Switch
Rev. B
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699_15 Datasheet
354Kb / 12P
   Quad, SPDT Analog Switch
logo
Maxim Integrated Produc...
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
logo
Vishay Siliconix
DG333A VISHAY-DG333A_V01 Datasheet
160Kb / 12P
   Precision Quad SPDT Analog Switch
08-Feb-17
logo
Maxim Integrated Produc...
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
logo
Vishay Siliconix
DG333A VISHAY-DG333A Datasheet
90Kb / 9P
   Precision Quad SPDT Analog Switch
Rev. B, 06-Sep-99
DG333ADW-T1-E3 VISHAY-DG333ADW-T1-E3 Datasheet
158Kb / 12P
   Precision Quad SPDT Analog Switch
Rev. D, 05-Sep-11
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
   Quad 10 SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com