Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VF10M10560K Datasheet(PDF) 6 Page - AVX Corporation

Part # VF10M10560K
Description  Radial lead varistors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VF10M10560K Datasheet(HTML) 6 Page - AVX Corporation

Back Button VF10M10560K Datasheet HTML 2Page - AVX Corporation VF10M10560K Datasheet HTML 3Page - AVX Corporation VF10M10560K Datasheet HTML 4Page - AVX Corporation VF10M10560K Datasheet HTML 5Page - AVX Corporation VF10M10560K Datasheet HTML 6Page - AVX Corporation VF10M10560K Datasheet HTML 7Page - AVX Corporation VF10M10560K Datasheet HTML 8Page - AVX Corporation VF10M10560K Datasheet HTML 9Page - AVX Corporation VF10M10560K Datasheet HTML 10Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
17
Zinc Oxide Varistors
VE 07/09/13/17/24
VF 05/07/10/14/20
Max. clamping
Max. energy absorption
Max. permissible
Typical
Mean
Maximum
V/I
Derating
voltage (8 x 20 µs)
(10 x 1000 µs)
peak current
capacitance
power
thickness
characteristic
curves
W (J)
(8 x 20 µs)
f = 1kHz
dissipation
t
Vp (V)
Ip (A)
Number of surges
Ip (A)
1
10
1 surge
2 surges
pF
W
mm (inches)
Page
Page
645
5
8.2
2.8
400
200
50
0.1
5.4 (.213)
22
24
645
10
19
7.3
1200
600
130
0.2
5.4 (.213)
22
25
645
25
38
19
2500
1250
230
0.4
5.9 (.232)
22
26
645
50
65
39
4500
2500
500
0.6
5.9 (.232)
23
27
645
100
140
100
6500
4000
1300
0.8
6.3 (.248)
23
28
710
5
8.6
3
400
200
45
0.1
5.7 (.224)
22
24
710
10
21
7.4
1200
600
120
0.2
5.7 (.224)
22
25
710
25
43
20
2500
1250
210
0.4
6.3 (.248)
22
26
710
50
71
40
4500
2500
450
0.6
6.3 (.248)
23
27
710
100
151
105
6500
4000
1200
0.8
6.7 (.264)
23
28
775
5
9
3.3
400
200
40
0.1
6.0 (.236)
22
24
775
10
25
7.5
1200
600
100
0.2
6.0 (.236)
22
25
775
25
45
20
2500
1250
180
0.4
6.6 (.260)
22
26
775
50
80
42
4500
2500
400
0.6
6.6 (.260)
23
27
775
100
150
107
6500
4000
1000
0.8
7.0 (.276)
23
28
840
10
25
7.5
1200
600
100
0.2
6.4 (.252)
22
25
840
25
45
20
2500
1250
170
0.4
7.0 (.276)
22
26
840
50
82
42
4500
2500
380
0.6
7.0 (.276)
23
27
840
100
150
107
6500
4000
950
0.8
7.5 (.276)
23
28
910
10
25
7.5
1200
600
95
0.2
6.6 (.260)
22
25
910
25
45
20
2500
1250
160
0.4
7.3 (.287)
22
26
910
50
85
42
4500
2500
365
0.6
7.3 (.287)
23
27
910
100
155
107
6500
4000
900
0.8
7.8 (.307)
23
28
1025
10
25
7.5
1200
600
95
0.2
7.0 (.276)
22
25
1025
25
45
20
2500
1250
150
0.4
7.7 (.303)
22
26
1025
50
88
42
4500
2500
350
0.6
7.7 (.303)
23
27
1025
100
155
107
6500
4000
850
0.8
8.1 (.319)
23
28
1120
10
25
7.5
1200
600
80
0.2
7.4 (.291)
22
25
1120
25
45
20
2500
1250
120
0.4
8.2 (.323)
22
26
1120
50
90
42
4500
2500
300
0.6
8.2 (.323)
23
27
1120
100
160
107
6500
4000
700
0.8
8.6 (.339)
23
28
1180
25
45
20
2500
1250
115
0.4
8.4 (.331)
22
26
1180
50
95
44
4500
2500
275
0.6
8.4 (.331)
23
27
1180
100
165
115
6500
4000
650
0.8
8.8 (.346)
23
28
1240
25
45
20
2500
1250
110
0.4
8.5 (.335)
22
26
1240
50
100
47
4500
2500
250
0.6
8.5 (.335)
23
27
1240
100
175
120
6500
4000
600
0.8
9.0 (.354)
23
28
1350
25
55
22
2500
1250
100
0.4
9.0 (.354)
22
26
1350
50
110
57
4500
2500
220
0.6
9.0 (.354)
23
27
1350
100
190
150
6500
4000
550
0.8
9.4 (.370)
23
28
1420
25
57
24
2500
1250
90
0.4
9.3 (.366)
22
26
1420
50
113
57
4500
2500
200
0.6
9.3 (.366)
23
27
1420
100
200
150
6500
4000
500
0.8
9.7 (.382)
23
28
1500
25
60
25
2500
1250
80
0.4
9.7 (.382)
22
26
1500
50
120
60
4500
2500
180
0.6
9.7 (.382)
23
27
1500
100
210
160
6500
4000
450
0.8
10.1 (.398)
23
28
1650
25
68
25
2500
1250
74
0.4
10.5 (.413)
22
26
1650
50
130
60
4500
2500
165
0.6
10.5 (.413)
23
27
1650
100
230
160
6500
4000
410
0.8
11.0 (.433)
23
28


Similar Part No. - VF10M10560K

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
VF10 NJSEMI-VF10 Datasheet
91Kb / 1P
   Diffused Silicon Junction
logo
List of Unclassifed Man...
VF10-10 ETC-VF10-10 Datasheet
167Kb / 1P
   High voltage diffused silicon power rectifiers
logo
New Jersey Semi-Conduct...
VF10-10 NJSEMI-VF10-10 Datasheet
528Kb / 1P
   HIGH VOLTAGE DIFFUSED SILICON POWER RECTIFIERS
logo
List of Unclassifed Man...
VF10-10X ETC-VF10-10X Datasheet
167Kb / 1P
   High voltage diffused silicon power rectifiers
logo
New Jersey Semi-Conduct...
VF10-10X NJSEMI-VF10-10X Datasheet
528Kb / 1P
   HIGH VOLTAGE DIFFUSED SILICON POWER RECTIFIERS
More results

Similar Description - VF10M10560K

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V8ZA05P LITTELFUSE-V8ZA05P_10 Datasheet
825Kb / 13P
   Radial Lead Varistors
V130LA5CP LITTELFUSE-V130LA5CP Datasheet
1Mb / 10P
   Radial Lead Varistors
V07E130P LITTELFUSE-V07E130P_10 Datasheet
784Kb / 11P
   Radial Lead Varistors
V130LA1P LITTELFUSE-V130LA1P_10 Datasheet
833Kb / 13P
   Radial Lead Varistors
V20E550PL4B7 LITTELFUSE-V20E550PL4B7 Datasheet
784Kb / 11P
   Radial Lead Varistors UltraMOVTM Series
V20E275PL1T7 LITTELFUSE-V20E275PL1T7 Datasheet
2Mb / 16P
   Radial Lead Varistors UltraMOVTM Series
V20E550PL1T7 LITTELFUSE-V20E550PL1T7 Datasheet
426Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
V250LT4P LITTELFUSE-V250LT4P Datasheet
1Mb / 13P
   Radial Lead Varistors LA Series
V47ZC3P LITTELFUSE-V47ZC3P Datasheet
1Mb / 14P
   Radial Lead Varistors ZA Series
V20E420L4B7 LITTELFUSE-V20E420L4B7 Datasheet
1,011Kb / 11P
   Radial Lead Varistors > UltraMOVTM Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com