Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2509NZ Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # 2509NZ
Description  Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

2509NZ Datasheet(HTML) 2 Page - Fairchild Semiconductor

  2509NZ Datasheet HTML 1Page - Fairchild Semiconductor 2509NZ Datasheet HTML 2Page - Fairchild Semiconductor 2509NZ Datasheet HTML 3Page - Fairchild Semiconductor 2509NZ Datasheet HTML 4Page - Fairchild Semiconductor 2509NZ Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FDW2509NZ Rev. C(W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V,
ID = 250
µA
20
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250
µA, Referenced to 25°C
11
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 16 V,
VGS = 0 V
1
µA
IGSS
Gate–Body Leakage
VGS =
±12 V, V
DS = 0 V
± 10
µA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250
µA
0.6
0.8
1.5
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA, Referenced to 25°C
–3
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 4.5 V,
ID = 7.1 A
VGS = 2.5 V,
ID = 6.2 A
VGS = 4.5 V, ID = 7.1A, TJ=125
°C
15
18
20
20
26
29
m
ID(on) (Note 4) On–State Drain Current
VGS = 4.5 V,
VDS = 5 V
30
A
gFS
Forward Transconductance
VDS = 5 V,
ID = 7.1 A
36
S
Dynamic Characteristics
Ciss
Input Capacitance
1263
pF
Coss
Output Capacitance
327
pF
Crss
Reverse Transfer Capacitance
VDS = 10 V,
V GS = 0 V,
f = 1.0 MHz
179
pF
RG
Gate Resistance
VGS = 15 mV, f = 1.0 MHz
1.9
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
11
20
ns
tr
Turn–On Rise Time
15
27
ns
td(off)
Turn–Off Delay Time
27
43
ns
tf
Turn–Off Fall Time
VDD = 10 V,
ID = 1 A,
VGS = 4.5 V,
RGEN = 6
12
22
ns
Qg
Total Gate Charge
13
19
nC
Qgs
Gate–Source Charge
2
nC
Qgd
Gate–Drain Charge
VDS = 10 V,
ID = 7.1 A,
VGS = 4.5 V
4
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
1.3
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 1.3 A
(Note 2)
1.2
V
trr
Diode Reverse Recovery Time
IF = 7.1 A,
diF/dt = 100 A/µs
20
nS
Qrr
Diode Reverse Recovery Charge
14
nC
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) RθJA is 77°C/W (steady state) when mounted on a 1 inch² copper pad on FR-4.
b) RθJA is 114 °C/W (steady state) when mounted on a minimum copper pad on FR-4.
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%
3. The diode connected between the gate and source serves only as protection against ESD. No gate overvoltage rating is implied.
4.
ID(on) parameter is guaranteed by design and will not be subjected to 100% production testing. Please refer to Fig 1 (On-Region Characteristics).


Similar Part No. - 2509NZ

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2509 KR-2509 Datasheet
90Kb / 2P
   Bandpass Filter
logo
List of Unclassifed Man...
2509 ETC-2509 Datasheet
111Kb / 1P
   Heyco짰 Double D Hole Plugs
logo
Heyco.
2509 HEYCO-2509 Datasheet
133Kb / 1P
   Double D Hole Plugs
2509 HEYCO-2509 Datasheet
111Kb / 1P
   Strain Relief Mounting Hole Plugs
logo
Christian Bürkert GmbH ...
2509 BURKERT-2509 Datasheet
1Mb / 16P
   Direct-acting 2/2 or 3/2-way pivoted armature valve
11.12.2023
More results

Similar Description - 2509NZ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDW2516NZ FAIRCHILD-FDW2516NZ Datasheet
135Kb / 5P
   Common Drain N-Channel 2.5V specified PowerTrench MOSFET
FDW2507NZ FAIRCHILD-FDW2507NZ Datasheet
130Kb / 5P
   Common Drain N-Channel 2.5V specified PowerTrench MOSFET
FDW2515NZ FAIRCHILD-FDW2515NZ Datasheet
119Kb / 6P
   Common Drain N-Channel 2.5V specified PowerTrench MOSFET
FDW2507N FAIRCHILD-FDW2507N Datasheet
129Kb / 5P
   Common Drain N-Channel 2.5V specified PowerTrench MOSFET
FDW9926NZ FAIRCHILD-FDW9926NZ Datasheet
120Kb / 5P
   Common Drain N-Channel 2.5V specified PowerTrench MOSFET
FDM2452NZ FAIRCHILD-FDM2452NZ Datasheet
137Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDMW2512NZ FAIRCHILD-FDMW2512NZ Datasheet
135Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM2509NZ FAIRCHILD-FDM2509NZ Datasheet
194Kb / 6P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDM3300NZ FAIRCHILD-FDM3300NZ Datasheet
460Kb / 8P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench MOSFET
FDMC3300NZA FAIRCHILD-FDMC3300NZA Datasheet
318Kb / 7P
   Monolithic Common Drain N-Channel 2.5V Specified PowerTrench
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com