Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4118YRUZ-RL71 Datasheet(PDF) 5 Page - Analog Devices

Part # ADF4118YRUZ-RL71
Description  RF PLL Frequency Synthesizers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4118YRUZ-RL71 Datasheet(HTML) 5 Page - Analog Devices

  ADF4118YRUZ-RL71 Datasheet HTML 1Page - Analog Devices ADF4118YRUZ-RL71 Datasheet HTML 2Page - Analog Devices ADF4118YRUZ-RL71 Datasheet HTML 3Page - Analog Devices ADF4118YRUZ-RL71 Datasheet HTML 4Page - Analog Devices ADF4118YRUZ-RL71 Datasheet HTML 5Page - Analog Devices ADF4118YRUZ-RL71 Datasheet HTML 6Page - Analog Devices ADF4118YRUZ-RL71 Datasheet HTML 7Page - Analog Devices ADF4118YRUZ-RL71 Datasheet HTML 8Page - Analog Devices ADF4118YRUZ-RL71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
ADF4116/ADF4117/ADF4118
Rev. D | Page 5 of 28
TIMING CHARACTERISTICS
AVDD = DVDD = 3 V ± 10%, 5 V ± 10%; AVDD ≤ VP < 6.0 V; AGND = DGND = CPGND = 0 V; TA = TMIN to TMAX, unless otherwise noted.
Guaranteed by design, but not production tested.
Table 2.
Parameter
Limit at TMIN to TMAX (B, Y Version)
Unit
Test Conditions/Comments
t1
10
ns min
DATA to CLK setup time
t2
10
ns min
DATA to CLK hold time
t3
25
ns min
CLK high duration
t4
25
ns min
CLK low duration
t5
10
ns min
CLK to LE setup time
t6
20
ns min
LE pulse width
CLK
DATA
LE
LE
DB20 (MSB)
DB19
DB2
DB1
(CONTROL BIT C2)
DB0 (LSB)
(CONTROL BIT C1)
t5
t2
t4
t6
t1
t3
Figure 2. Timing Diagram


Similar Part No. - ADF4118YRUZ-RL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4118 AD-ADF4118 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4118 AD-ADF4118 Datasheet
2Mb / 20P
   300 MHz to 1000 MHz Quadrature Modulator
REV. 0
ADF4118 AD-ADF4118 Datasheet
2Mb / 32P
   400 MHz to 6 GHz Broadband Quadrature Modulator
REV. 0
ADF4118BCP AD-ADF4118BCP Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4118BRU AD-ADF4118BRU Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
More results

Similar Description - ADF4118YRUZ-RL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4113 AD-ADF4113_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4118 AD-ADF4118_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
EVAL-ADF4113EBZ1 AD-EVAL-ADF4113EBZ1 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4110 AD-ADF4110_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4112 AD-ADF4112_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com