Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCLE100E3109JB0 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # NTCLE100E3109JB0
Description  NTC Thermistors, Radial Leaded, Standard Precision
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCLE100E3109JB0 Datasheet(HTML) 2 Page - Vishay Siliconix

  NTCLE100E3109JB0 Datasheet HTML 1Page - Vishay Siliconix NTCLE100E3109JB0 Datasheet HTML 2Page - Vishay Siliconix NTCLE100E3109JB0 Datasheet HTML 3Page - Vishay Siliconix NTCLE100E3109JB0 Datasheet HTML 4Page - Vishay Siliconix NTCLE100E3109JB0 Datasheet HTML 5Page - Vishay Siliconix NTCLE100E3109JB0 Datasheet HTML 6Page - Vishay Siliconix NTCLE100E3109JB0 Datasheet HTML 7Page - Vishay Siliconix NTCLE100E3109JB0 Datasheet HTML 8Page - Vishay Siliconix NTCLE100E3109JB0 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
NTCLE100E3
www.vishay.com
Vishay BCcomponents
Revision: 24-Aug-12
2
Document Number: 29049
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Replace * in 12NC by 3 for 5 %, 6 for 3 %, 4 for 2 %
(2) Replace * in SAP by J for 5 %, H for 3 %, G for 2 %
(3) For R25 ± 2 % band IV is red, ± 3 % band IV is orange, ± 5 % band IV is gold
DIMENSIONS in millimeters
DERATING AND TEMPERATURE TOLERANCES
Note
• Zero power is considered as measuring power max. 1 % of max.
power.
470
3560
1.5
Y
471*B0
*471
Yellow
Violet
Brown
680
3560
1.5
Y
681*B0
*681
Blue
Grey
Brown
1000
3528
0.5
Y
102*B0
*102
Brown
Black
Red
1500
3528
0.5
Y
152*B0
*152
Brown
Green
Red
2000
3528
0.5
Y
202*B0
*202
Red
Black
Red
2200
3977
0.75
Y
222*B0
*222
Red
Red
Red
2700
3977
0.75
Y
272*B0
*272
Red
violet
Red
3300
3977
0.75
Y
332*B0
*332
Orange
Orange
Red
4700
3977
0.75
Y
472*B0
*472
Yellow
Violet
Red
5000
3977
0.75
Y
502*B0
*502
Green
Black
Red
6800
3977
0.75
Y
682*B0
*682
Blue
Grey
Red
10 000
3977
0.75
Y
103*B0
*103
Brown
Black
Orange
12 000
3740
2
Y
123*B0
*123
Brown
Red
Orange
15 000
3740
2
Y
153*B0
*153
Brown
Green
Orange
22 000
3740
2
Y
223*B0
*223
Red
Red
Orange
33 000
4090
1.5
Y
333*B0
*333
Orange
Orange
Orange
47 000
4090
1.5
Y
473*B0
*473
Yellow
Violet
Orange
50 000
4190
1.5
Y
503*B0
*503
Green
Black
Orange
68 000
4190
1.5
Y
683*B0
*683
Blue
Grey
Orange
100 000
4190
1.5
Y
104*B0
*104
Brown
Black
Yellow
150 000
4370
2.5
Y
154*B0
*154
Brown
Green
Yellow
220 000
4370
2.5
Y
224*B0
*224
Red
Red
Yellow
330 000
4570
1.5
N
334*B0
*334
Orange
Orange
Yellow
470 000
4570
1.5
N
474*B0
*474
Yellow
Violet
Yellow
ELECTRICAL DATA AND ORDERING INFORMATION
R25
B25/85-VALUE
UL APPROVED
SAP MATERIAL NUMBER
OLD 12NC CODE
COLOR CODE (3)
(
)
(K)
(± %)
(Y/N)
NTCLE100E3....B0/T1/T2 (2)
2381 640 3/4/6.... (1)
III
III
L
T
B
H2
H1
IV
III
II
I
d
P
Power derating curve
100
0
P
(%)
- 40
055
85
T
amb (°C)
125
150
PHYSICAL DIMENSIONS FOR RELEVANT TYPE (all dimensions in millimeters)
R25-VALUE
BMAX.
d
H1
H2 MAX.
LP
TMAX.
MIN.
MAX.
3.3
 to 220 
5.0
0.6 ± 0.06
1.0
4.0
6.0
24 ± 1.5
2.54
4.0
330
 to 470 k
3.3 ± 0.5
0.6 ± 0.06
1.0
3.0
6.0
24 ± 1.5
2.54
3.0


Similar Part No. - NTCLE100E3109JB0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE100E3109 VISHAY-NTCLE100E3109 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
More results

Similar Description - NTCLE100E3109JB0

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCLE100E3153JB0 VISHAY-NTCLE100E3153JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3473JB0 VISHAY-NTCLE100E3473JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3223JB0 VISHAY-NTCLE100E3223JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3 VISHAY-NTCLE100E3_16 Datasheet
200Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 22-Dec-16
NTCLE100E3 VISHAY-NTCLE100E3_V01 Datasheet
208Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
01-Jan-2022
NTCLE100E3102HB0 VISHAY-NTCLE100E3102HB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3472JB0 VISHAY-NTCLE100E3472JB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE100E3103GB0 VISHAY-NTCLE100E3103GB0 Datasheet
196Kb / 17P
   NTC Thermistors, Radial Leaded, Standard Precision
Revision: 24-Aug-12
NTCLE101E3SB0 VISHAY-NTCLE101E3SB0 Datasheet
92Kb / 5P
   NTC Thermistors, Radial Leaded Special Accuracy
Revision: 06-Jul-11
01C1002FP VISHAY-01C1002FP Datasheet
101Kb / 5P
   NTC Thermistors, Radial Leaded and Coated
Revision: 12-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com