Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K332K15X7RF5TL2 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # K332K15X7RF5TL2
Description  Dipped Radial Multilayer Ceramic Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K332K15X7RF5TL2 Datasheet(HTML) 1 Page - Vishay Siliconix

  K332K15X7RF5TL2 Datasheet HTML 1Page - Vishay Siliconix K332K15X7RF5TL2 Datasheet HTML 2Page - Vishay Siliconix K332K15X7RF5TL2 Datasheet HTML 3Page - Vishay Siliconix K332K15X7RF5TL2 Datasheet HTML 4Page - Vishay Siliconix K332K15X7RF5TL2 Datasheet HTML 5Page - Vishay Siliconix K332K15X7RF5TL2 Datasheet HTML 6Page - Vishay Siliconix K332K15X7RF5TL2 Datasheet HTML 7Page - Vishay Siliconix K332K15X7RF5TL2 Datasheet HTML 8Page - Vishay Siliconix K332K15X7RF5TL2 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Dipped Radial Multilayer Ceramic Capacitors
for 50 - 100 Vdc
www.vishay.com
If not in range chart or for technical questions please contact cmll@vishay.com
Document Number: 45175
54
Revision: 18-Sep-06
Mono-Kap
Vishay
RoHS
COMPLIANT
e3
DIMENSIONS
Note
1. Bulk packed types have a standard lead length L = 25.4 mm (1.0 inch) minimum
2. Dimensions between parentheses are in inches
3. Thickness is defined as T
CAPACITOR DIMENSIONS AND WEIGHT
SIZE
WbMAX
HMAX
TMAX
MAX. SEATING HEIGHT (SH)
WEIGHT
(g)
L2
H5
K2
K5
15
4.0
(0.15)
4.0
(0.15)
2.5
(0.100)
1.58
(0.062)
2.54
(0.100)
3.50
(0.140)
3.50
(0.140)
≈ 0.15
20
5.0
(0.20)
5.0
(0.20)
3.2
(0.13)
1.58
(0.062)
2.54
(0.100)
3.50
(0.140)
3.50
(0.140)
≈ 0.16
H
SH
L
2.5
± 0.8
L2
H
SH
L
5.0
± 0.8
H5
H
SH
L
2.5
± 0.8
K2
H
SH
L
5.0
± 0.8
K5
Component outline for
Lead spacing 2.5
± 0.8 mm
(straight leads)
Component outline for
Lead spacing 5.0
± 0.8 mm
(flat bent leads)
Component outline for
Lead spacing 2.5
± 0.8 mm
(outside kink)
Component outline for
Lead spacing 5.0
± 0.8 mm
(outside kink)
L2 and H5 are preferred styles
T
Wb
Wb
Wb
Wb


Similar Part No. - K332K15X7RF5TL2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K332K15X7RF5.H5 VISHAY-K332K15X7RF5.H5 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K332K15X7RF5.H5 VISHAY-K332K15X7RF5.H5 Datasheet
97Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 16-Nov-09
K332K15X7RF5.L2 VISHAY-K332K15X7RF5.L2 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K332K15X7RF5.L2 VISHAY-K332K15X7RF5.L2 Datasheet
97Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 16-Nov-09
More results

Similar Description - K332K15X7RF5TL2

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
KTD251B335M90 CHEMI-CON-KTD251B335M90 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L104M32 CHEMI-CON-KVD101L104M32 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KHD160E685M32A0T00 CHEMI-CON-KHD160E685M32A0T00 Datasheet
45Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B104M32A0T00 CHEMI-CON-KTD251B104M32A0T00 Datasheet
56Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD251B155M55 CHEMI-CON-KTD251B155M55 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KTD501B105M76 CHEMI-CON-KTD501B105M76 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
KVD101L474M43 CHEMI-CON-KVD101L474M43 Datasheet
231Kb / 3P
   DIPPED RADIAL LEAD MULTILAYER CERAMIC CAPACITORS
logo
Vishay Siliconix
K681K15C0GF53H5 VISHAY-K681K15C0GF53H5 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
Revision 16-Nov-09
K331J10C0GH53L2 VISHAY-K331J10C0GH53L2 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
49363_VMN-PT9161 VISHAY-49363_VMN-PT9161 Datasheet
514Kb / 2P
   K10 Series Multilayer Ceramic Dipped Radial Capacitors
Revision 16-Nov-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com