Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6H91T Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6H91T
Description  10 MHz, 12V Op Amps
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6H91T Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6H91T Datasheet HTML 3Page - Microchip Technology MCP6H91T Datasheet HTML 4Page - Microchip Technology MCP6H91T Datasheet HTML 5Page - Microchip Technology MCP6H91T Datasheet HTML 6Page - Microchip Technology MCP6H91T Datasheet HTML 7Page - Microchip Technology MCP6H91T Datasheet HTML 8Page - Microchip Technology MCP6H91T Datasheet HTML 9Page - Microchip Technology MCP6H91T Datasheet HTML 10Page - Microchip Technology MCP6H91T Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
 2012 Microchip Technology Inc.
DS25138B-page 7
MCP6H91/2/4
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA =+25°C, VDD = +3.5V to +12V, VSS = GND, VCM =VDD/2 - 1.4V, VOUT  VDD/2,
VL =VDD/2, RL =10kto VL and CL =60 pF.
FIGURE 2-1:
Input Offset Voltage.
FIGURE 2-2:
Input Offset Voltage Drift.
FIGURE 2-3:
Input Offset Voltage vs.
Common Mode Input Voltage.
FIGURE 2-4:
Input Offset Voltage vs.
Common Mode Input Voltage.
FIGURE 2-5:
Input Offset Voltage vs.
Common Mode Input Voltage.
FIGURE 2-6:
Input Offset Voltage vs.
Output Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
2%
4%
6%
8%
10%
12%
14%
-4.0 -3.0 -2.0 -1.0
0.0
1.0
2.0
3.0
4.0
Input Offset Voltage (mV)
2856 Samples
0%
5%
10%
15%
20%
25%
Input Offset Voltage Drift (μV/ C)
1630 Samples
T
A = - 40 C to +125 C
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
Common Mode Input Voltage (V)
T
A = +125°C
T
A = +85°C
T
A = +25°C
T
A = -40°C
V
DD = 3.5V
Representative Part
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
-0.5 0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Common Mode Input Voltage (V)
T
A = +125°C
T
A = +85°C
T
A = +25°C
T
A = -40°C
V
DD = 5V
Representative Part
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
-0.5
1.5
3.5
5.5
7.5
9.5
11.5
Common Mode Input Voltage (V)
T
A = +125°C
T
A = +85°C
T
A = +25°C
T
A = -40°C
V
DD = 12V
Representative Part
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
02468
10
12
14
Output Voltage (V)
V
DD = 12V
V
DD = 5V
V
DD = 3.5V
Representative Part


Similar Part No. - MCP6H91T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6H01 MICROCHIP-MCP6H01 Datasheet
1Mb / 40P
   1.2 MHz, 16V Op Amps Input Offset Voltage: 짹0.7 mV (typical)
2011
MCP6H01 MICROCHIP-MCP6H01_12 Datasheet
1Mb / 46P
   1.2 MHz, 16V Op Amps
2010-2011
MCP6H02 MICROCHIP-MCP6H02 Datasheet
1Mb / 40P
   1.2 MHz, 16V Op Amps Input Offset Voltage: 짹0.7 mV (typical)
2011
MCP6H02 MICROCHIP-MCP6H02 Datasheet
1Mb / 46P
   1.2 MHz, 16V Op Amps
2010-2011
MCP6H04 MICROCHIP-MCP6H04 Datasheet
1Mb / 40P
   1.2 MHz, 16V Op Amps Input Offset Voltage: 짹0.7 mV (typical)
2011
More results

Similar Description - MCP6H91T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6H81 MICROCHIP-MCP6H81_12 Datasheet
1Mb / 42P
   5.5 MHz, 12V Op Amps
2012 11/29/12
MCP6H71 MICROCHIP-MCP6H71_12 Datasheet
1Mb / 42P
   2.7 MHz, 12V Op Amps
11/29/12
MCP6V96 MICROCHIP-MCP6V96 Datasheet
2Mb / 52P
   10 MHz, Zero-Drift Op Amps
Revision A November 2020
MCP6L91 MICROCHIP-MCP6L91_V01 Datasheet
940Kb / 40P
   10 MHz, 850 μA Op Amps
Revision C October 2019
MCP6L91 MICROCHIP-MCP6L91 Datasheet
480Kb / 30P
   10 MHz, 850 關A Op Amps
2009
logo
3PEAK INC.
TP1671 3PEAK-TP1671 Datasheet
1Mb / 15P
   12V, 7MHz, 20V/關s Op Amps
logo
Microchip Technology
MCP6H01 MICROCHIP-MCP6H01_12 Datasheet
1Mb / 46P
   1.2 MHz, 16V Op Amps
2010-2011
MCP6021 MICROCHIP-MCP6021 Datasheet
618Kb / 28P
   Rail-to-Rail Input/Output, 10 MHz Op Amps
2003
MCP6021 MICROCHIP-MCP6021_09 Datasheet
673Kb / 42P
   Rail-to-Rail Input/Output, 10 MHz Op Amps
2009
MCP6021 MICROCHIP-MCP6021_06 Datasheet
468Kb / 34P
   Rail-to-Rail Input/Output, 10 MHz Op Amps
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com