Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6H94 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP6H94
Description  10 MHz, 12V Op Amps
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6H94 Datasheet(HTML) 4 Page - Microchip Technology

  MCP6H94 Datasheet HTML 1Page - Microchip Technology MCP6H94 Datasheet HTML 2Page - Microchip Technology MCP6H94 Datasheet HTML 3Page - Microchip Technology MCP6H94 Datasheet HTML 4Page - Microchip Technology MCP6H94 Datasheet HTML 5Page - Microchip Technology MCP6H94 Datasheet HTML 6Page - Microchip Technology MCP6H94 Datasheet HTML 7Page - Microchip Technology MCP6H94 Datasheet HTML 8Page - Microchip Technology MCP6H94 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
MCP6H91/2/4
DS25138B-page 4
 2012 Microchip Technology Inc.
Output
High-Level Output Voltage
VOH
3.490
3.495
V
VDD =3.5V
0.5V input overdrive
4.985
4.993
V
VDD =5V
0.5V input overdrive
11.970
11.980
V
VDD =12V
0.5V input overdrive
Low-Level Output Voltage
VOL
0.005
0.010
V
VDD =3.5V
0.5 V input overdrive
0.007
0.015
V
VDD =5V
0.5 V input overdrive
0.020
0.030
V
VDD =12V
0.5 V input overdrive
Output Short-Circuit Current
ISC
—±35
mA
VDD =3.5V
—±41
mA
VDD =5V
—±41
mA
VDD =12V
Power Supply
Supply Voltage
VDD
3.5
12
V
Single-Supply operation
±1.75
±6
V
Dual-Supply operation
Quiescent Current per Amplifier
IQ
—2
2.8
mA
IO =0, VCM =VDD/4
AC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +3.5V to +12V, VSS = GND,
VCM =VDD/2 - 1.4V, VOUT  VDD/2, VL =VDD/2, RL =10kto VL and CL = 60 pF. (Refer to Figure 1-1).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
AC Response
Gain Bandwidth Product
GBWP
10
MHz
Phase Margin
PM
60
°C
G = +1V/V
Slew Rate
SR
10
V/µs
Noise
Input Noise Voltage
Eni
10
µVp-p
f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
Eni
—23
nV/
Hz f = 1 kHz
—12
nV/
Hz f = 10 kHz
Input Noise Current Density
ini
—1.9
fA/
Hz
f = 1 kHz
DC ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise indicated, VDD = +3.5V to +12V, VSS = GND, TA = +25°C,
VCM =VDD/2 - 1.4V, VOUT  VDD/2, VL =VDD/2 and RL =10kto VL. (Refer to Figure 1-1).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions


Similar Part No. - MCP6H94

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6H01 MICROCHIP-MCP6H01 Datasheet
1Mb / 40P
   1.2 MHz, 16V Op Amps Input Offset Voltage: 짹0.7 mV (typical)
2011
MCP6H01 MICROCHIP-MCP6H01_12 Datasheet
1Mb / 46P
   1.2 MHz, 16V Op Amps
2010-2011
MCP6H02 MICROCHIP-MCP6H02 Datasheet
1Mb / 40P
   1.2 MHz, 16V Op Amps Input Offset Voltage: 짹0.7 mV (typical)
2011
MCP6H02 MICROCHIP-MCP6H02 Datasheet
1Mb / 46P
   1.2 MHz, 16V Op Amps
2010-2011
MCP6H04 MICROCHIP-MCP6H04 Datasheet
1Mb / 40P
   1.2 MHz, 16V Op Amps Input Offset Voltage: 짹0.7 mV (typical)
2011
More results

Similar Description - MCP6H94

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6H81 MICROCHIP-MCP6H81_12 Datasheet
1Mb / 42P
   5.5 MHz, 12V Op Amps
2012 11/29/12
MCP6H71 MICROCHIP-MCP6H71_12 Datasheet
1Mb / 42P
   2.7 MHz, 12V Op Amps
11/29/12
MCP6V96 MICROCHIP-MCP6V96 Datasheet
2Mb / 52P
   10 MHz, Zero-Drift Op Amps
Revision A November 2020
MCP6L91 MICROCHIP-MCP6L91_V01 Datasheet
940Kb / 40P
   10 MHz, 850 μA Op Amps
Revision C October 2019
MCP6L91 MICROCHIP-MCP6L91 Datasheet
480Kb / 30P
   10 MHz, 850 關A Op Amps
2009
logo
3PEAK INC.
TP1671 3PEAK-TP1671 Datasheet
1Mb / 15P
   12V, 7MHz, 20V/關s Op Amps
logo
Microchip Technology
MCP6H01 MICROCHIP-MCP6H01_12 Datasheet
1Mb / 46P
   1.2 MHz, 16V Op Amps
2010-2011
MCP6021 MICROCHIP-MCP6021 Datasheet
618Kb / 28P
   Rail-to-Rail Input/Output, 10 MHz Op Amps
2003
MCP6021 MICROCHIP-MCP6021_09 Datasheet
673Kb / 42P
   Rail-to-Rail Input/Output, 10 MHz Op Amps
2009
MCP6021 MICROCHIP-MCP6021_06 Datasheet
468Kb / 34P
   Rail-to-Rail Input/Output, 10 MHz Op Amps
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com