Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG451BR-REEL Datasheet(PDF) 7 Page - Analog Devices

Part # ADG451BR-REEL
Description  LC2MOS 5 廓 RON SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG451BR-REEL Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG451BR-REEL Datasheet HTML 3Page - Analog Devices ADG451BR-REEL Datasheet HTML 4Page - Analog Devices ADG451BR-REEL Datasheet HTML 5Page - Analog Devices ADG451BR-REEL Datasheet HTML 6Page - Analog Devices ADG451BR-REEL Datasheet HTML 7Page - Analog Devices ADG451BR-REEL Datasheet HTML 8Page - Analog Devices ADG451BR-REEL Datasheet HTML 9Page - Analog Devices ADG451BR-REEL Datasheet HTML 10Page - Analog Devices ADG451BR-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADG451/ADG452/ADG453
Rev. C | Page 7 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameters
Ratings
VDD to VSS
44 V
VDD to GND
−0.3 V to +32 V
VSS to GND
+0.3 V to −32 V
VL to GND
−0.3 V to VDD + 0.3 V
Analog, Digital Inputs1
VSS − 2 V to VDD + 2 V or 30 mA,
whichever occurs first
Continuous Current, S or D
100 mA
Peak Current, S or D (pulsed at
1 ms, 10% duty cycle maximum)
300 mA
Operating Temperature Range
Industrial (B Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
Plastic DIP Package,
Power Dissipation
470 mW
θJA Thermal Impedance
117°C/W
Lead Temperature, Soldering
(10 sec)
260°C
SOIC Package, Power Dissipation
600 mW
θJA Thermal Impedance
77°C/W
TSSOP Package, Power Dissipation
450 mW
θJA Thermal Impedance
115°C/W
θJC Thermal Impedance
35°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
ESD
2 kV
1 Overvoltages at IN, S, or D are clamped by internal diodes. Current should be
limited to the maximum ratings given.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Only one absolute maximum rating may be applied at any one
time.
ESD CAUTION


Similar Part No. - ADG451BR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG451BR AD-ADG451BR Datasheet
161Kb / 12P
   LC2MOS 5 ohm RON SPST Switches
REV. A
More results

Similar Description - ADG451BR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG451 AD-ADG451 Datasheet
161Kb / 12P
   LC2MOS 5 ohm RON SPST Switches
REV. A
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661 Datasheet
123Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG201A AD-ADG201A Datasheet
228Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. A
ADG211A AD-ADG211A Datasheet
277Kb / 8P
   LC2MOS QUAD SPST SWITCHES
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com