Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG619BRMZ2 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG619BRMZ2
Description  CMOS, 짹5 V/5 V, 4 廓, Single SPDT Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG619BRMZ2 Datasheet(HTML) 1 Page - Analog Devices

  ADG619BRMZ2 Datasheet HTML 1Page - Analog Devices ADG619BRMZ2 Datasheet HTML 2Page - Analog Devices ADG619BRMZ2 Datasheet HTML 3Page - Analog Devices ADG619BRMZ2 Datasheet HTML 4Page - Analog Devices ADG619BRMZ2 Datasheet HTML 5Page - Analog Devices ADG619BRMZ2 Datasheet HTML 6Page - Analog Devices ADG619BRMZ2 Datasheet HTML 7Page - Analog Devices ADG619BRMZ2 Datasheet HTML 8Page - Analog Devices ADG619BRMZ2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CMOS, ±5 V/+5 V,
4 Ω, Single SPDT Switches
ADG619/ADG620
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2001–2007 Analog Devices, Inc. All rights reserved.
FEATURES
6.5 Ω (maximum) on resistance
0.8 Ω (maximum) on-resistance flatness
2.7 V to 5.5 V single supply
±2.7 V to ±5.5 V dual supply
Rail-to-rail operation
8-lead SOT-23, 8-lead MSOP
Typical power consumption (<0.1 μW)
TTL-/CMOS-compatible inputs
APPLICATIONS
Automatic test equipment
Power routing
Communication systems
Data acquisition systems
Sample-and-hold systems
Avionics
Relay replacement
Battery-powered systems
FUNCTIONAL BLOCK DIAGRAM
IN
ADG619/ADG620
S2
S1
D
NOTES
1. SWITCHES SHOWN FOR
A LOGIC 1 INPUT.
Figure 1.
GENERAL DESCRIPTION
The ADG619/ADG620 are monolithic, CMOS single-pole
double-throw (SPDT) switches. Each switch conducts equally
well in both directions when the device is on.
The ADG619/ADG620 offer a low on resistance of 4 Ω, which
is matched to within 0.7 Ω between channels. These switches
also provide low power dissipation, yet result in high switching
speeds. The ADG619 exhibits break-before-make switching
action, thus preventing momentary shorting when switching
channels. The ADG620 exhibits make-before-break action.
The ADG619/ADG620 are available in an 8-lead SOT-23 and
an 8-lead MSOP.
PRODUCT HIGHLIGHTS
1.
Low on resistance (RON): 4 Ω typical.
2.
Dual ±2.7 V to ±5.5 V or single 2.7 V to 5.5 V supplies.
3.
Low power dissipation.
4.
Fast tON/tOFF.
5.
Tiny, 8-lead SOT-23 and 8-lead MSOP.
Table 1. Truth Table for the ADG619/ADG620
IN
Switch S1
Switch S2
0
On
Off
1
Off
On


Similar Part No. - ADG619BRMZ2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG619BRM AD-ADG619BRM Datasheet
145Kb / 8P
   CMOS -5 V/ 5V 4 OHM SINGLE SPDT SWITCHES
REV. 0
More results

Similar Description - ADG619BRMZ2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
   CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
ADG633 AD-ADG633_09 Datasheet
384Kb / 16P
   CMOS, 짹5 V/5 V/3 V, Triple SPDT Switch
REV. A
ADG1633 AD-ADG1633 Datasheet
539Kb / 20P
   4.5 廓 RON, Triple/Quad SPDT 짹5 V, 12 V, 5 V, and 3.3 V Switches
REV. 0
ADG619 AD-ADG619 Datasheet
145Kb / 8P
   CMOS -5 V/ 5V 4 OHM SINGLE SPDT SWITCHES
REV. 0
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG622BRMZ AD-ADG622BRMZ Datasheet
378Kb / 12P
   CMOS 5 V/5 V, 4 Dual SPST Switches
REV. B
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG4612 AD-ADG4612 Datasheet
393Kb / 24P
   Power-Off Protection 짹5 V, 12 V, Quad SPST Switches with 5 廓 On Resistance
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com