Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG451BRZ-REEL71 Datasheet(PDF) 4 Page - Analog Devices

Part # ADG451BRZ-REEL71
Description  LC2MOS 5 廓 RON SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG451BRZ-REEL71 Datasheet(HTML) 4 Page - Analog Devices

  ADG451BRZ-REEL71 Datasheet HTML 1Page - Analog Devices ADG451BRZ-REEL71 Datasheet HTML 2Page - Analog Devices ADG451BRZ-REEL71 Datasheet HTML 3Page - Analog Devices ADG451BRZ-REEL71 Datasheet HTML 4Page - Analog Devices ADG451BRZ-REEL71 Datasheet HTML 5Page - Analog Devices ADG451BRZ-REEL71 Datasheet HTML 6Page - Analog Devices ADG451BRZ-REEL71 Datasheet HTML 7Page - Analog Devices ADG451BRZ-REEL71 Datasheet HTML 8Page - Analog Devices ADG451BRZ-REEL71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG451/ADG452/ADG453
Rev. C | Page 4 of 16
SPECIFICATIONS
15 V DUAL SUPPLY
VDD = 15 V, VSS = −15 V, VL = 5 V, GND = 0 V. All specifications TMIN to TMAX, unless otherwise noted.
Table 1.
B Version1
Parameter
25°C
TMIN to TMAX
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
VSS to VDD
V
On Resistance (RON)
4
Ω typ
VD = −10 V to +10 V, IS = −10 mA
5
7
Ω max
On Resistance Match Between Channels (ΔRON)
0.1
Ω typ
VD = ±10 V, IS = −10 mA
0.5
0.5
Ω max
On Resistance Flatness (RFLAT(ON))
0.2
Ω typ
VD = −5 V, 0 V, +5 V, IS = −10 mA
0.5
0.5
Ω max
LEAKAGE CURRENTS2
Source Off Leakage, IS (OFF)
±0.02
nA typ
VD = ±10 V, VS = ±10 V; see Figure 17
±0.5
±2.5
nA max
Drain Off Leakage, ID (OFF)
±0.02
nA typ
VD = ±10 V, VS = ±10 V; see Figure 17
±0.5
±2.5
nA max
Channel On Leakage, ID, IS (ON)
±0.04
nA typ
VD = VS = ±10 V; see Figure 18
±1
±5
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.005
μA typ
VIN = VINL or VINH; all others = 2.4 V or 0.8 V, respectively
±0.5
μA max
DYNAMIC CHARACTERISTICS3
tON
70
ns typ
RL = 300 Ω, CL = 35 pF, VS = ±10 V; see Figure 19
180
220
ns max
tOFF
60
ns typ
RL = 300 Ω, CL = 35 pF, VS = ±10 V; see Figure 19
140
180
ns max
Break-Before-Make Time Delay, tD (ADG453 Only)
15
ns typ
RL = 300 Ω, CL = 35 pF, VS1 = VS2 = +10 V; see Figure 20
5
5
ns min
Charge Injection
20
pC typ
VS = 0 V, RS = 0 Ω, CL = 1.0 nF; see Figure 21
30
pC max
Off Isolation
65
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 22
Channel-to-Channel Crosstalk
−90
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure
23
CS (OFF)
37
pF typ
f = 1 MHz
CD (OFF)
37
pF typ
f = 1 MHz
CD, CS (ON)
140
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 16.5 V, VSS = −16.5 V; digital inputs = 0 V or 5 V
IDD
0.0001
μA typ
0.5
5
μA max
ISS
0.0001
μA typ
0.5
5
μA max
IL
0.0001
μA typ
0.5
5
μA max
IGND3
0.0001
μA typ
0.5
5
μA max
1 Temperature range for B version is −40°C to +85°C.
2 TMAX = 70°C.
3 Guaranteed by design, not subject to production test.


Similar Part No. - ADG451BRZ-REEL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG451BR AD-ADG451BR Datasheet
161Kb / 12P
   LC2MOS 5 ohm RON SPST Switches
REV. A
More results

Similar Description - ADG451BRZ-REEL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG451 AD-ADG451 Datasheet
161Kb / 12P
   LC2MOS 5 ohm RON SPST Switches
REV. A
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661 Datasheet
123Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG201A AD-ADG201A Datasheet
228Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. A
ADG211A AD-ADG211A Datasheet
277Kb / 8P
   LC2MOS QUAD SPST SWITCHES
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com