Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG658YRUZ-REEL71 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG658YRUZ-REEL71
Description  3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG658YRUZ-REEL71 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG658YRUZ-REEL71 Datasheet HTML 5Page - Analog Devices ADG658YRUZ-REEL71 Datasheet HTML 6Page - Analog Devices ADG658YRUZ-REEL71 Datasheet HTML 7Page - Analog Devices ADG658YRUZ-REEL71 Datasheet HTML 8Page - Analog Devices ADG658YRUZ-REEL71 Datasheet HTML 9Page - Analog Devices ADG658YRUZ-REEL71 Datasheet HTML 10Page - Analog Devices ADG658YRUZ-REEL71 Datasheet HTML 11Page - Analog Devices ADG658YRUZ-REEL71 Datasheet HTML 12Page - Analog Devices ADG658YRUZ-REEL71 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADG658/ADG659
Rev. B | Page 9 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Rating
VDD to VSS
13 V
VDD to GND
−0.3 V to +13 V
VSS to GND
+0.3 V to −6.5 V
Analog Inputs1
VSS − 0.3 V to VDD + 0.3 V
Digital Inputs1
GND − 0.3 V to VDD + 0.3 V
or 10 mA, whichever
occurs first
Peak Current, S or D
40 mA
(Pulsed at 1 ms, 10% duty cycle max)
Continuous Current, S or D
20 mA
Operating Temperature Range
Automotive (Y Version)
−40°C to +125°C
Industrial (B Version)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
θJA Thermal Impedance
16-Lead QSOP
104°C/W
16-Lead TSSOP
150.4°C/W
16-Lead LFCSP (4-Layer Board)
70°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
ESD
5.5 kV
1 Over voltages at AX, EN, S, or D are clamped by internal diodes. Current
should be limited to the maximum ratings.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - ADG658YRUZ-REEL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG658YRU AD-ADG658YRU Datasheet
395Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Rev. A
ADG658YRU-REEL7 AD-ADG658YRU-REEL7 Datasheet
395Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Rev. A
More results

Similar Description - ADG658YRUZ-REEL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG658 AD-ADG658 Datasheet
395Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Rev. A
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
   4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
ADG608BRZ-REEL AD-ADG608BRZ-REEL Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BNZ AD-ADG608BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BRZ AD-ADG609BRZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608 AD-ADG608 Datasheet
158Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609 AD-ADG609_15 Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com