Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG452BN Datasheet(PDF) 5 Page - Analog Devices

Part # ADG452BN
Description  LC2MOS 5 廓 RON SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG452BN Datasheet(HTML) 5 Page - Analog Devices

  ADG452BN Datasheet HTML 1Page - Analog Devices ADG452BN Datasheet HTML 2Page - Analog Devices ADG452BN Datasheet HTML 3Page - Analog Devices ADG452BN Datasheet HTML 4Page - Analog Devices ADG452BN Datasheet HTML 5Page - Analog Devices ADG452BN Datasheet HTML 6Page - Analog Devices ADG452BN Datasheet HTML 7Page - Analog Devices ADG452BN Datasheet HTML 8Page - Analog Devices ADG452BN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADG451/ADG452/ADG453
Rev. C | Page 5 of 16
12 V SINGLE SUPPLY
VDD = 12 V, VSS = 0 V, VL = 5 V, GND = 0 V. All specifications TMIN to TMAX, unless otherwise noted.
Table 2.
B Version1
Parameter
25°C
TMIN to TMAX
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
6
Ω typ
VD = 0 V to +10 V, IS = −10 mA
8
10
Ω max
On Resistance Match Between Channels (ΔRON)
0.1
Ω typ
VD = 10 V, IS = −10 mA
0.5
0.5
Ω max
On Resistance Flatness (RFLAT(ON))
1.0
1.0
Ω typ
VD = 0 V, 5 V, IS = −10 mA
LEAKAGE CURRENTS2, 3
Source Off Leakage, IS (OFF)
±0.02
nA typ
VD = 0 V, 10 V, VS = 0 V, 10 V; see Figure 17
±0.5
±2.5
nA max
Drain Off Leakage, ID (OFF)
±0.02
nA typ
VD = 0 V, 10 V, VS = 0 V, 10 V; see Figure 17
±0.5
±2.5
nA max
Channel On Leakage, ID, IS (ON)
±0.04
nA typ
VD = VS = 0 V, 10 V; see Figure 18
±1
±5
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±0.5
μA max
DYNAMIC CHARACTERISTICS4
tON
100
ns typ
RL = 300 Ω, CL = 35 pF, VS = 8 V; see Figure 19
220
260
ns max
tOFF
80
ns typ
RL = 300 Ω, CL = 35 pF, VS = 8 V; see Figure 19
160
200
ns max
Break-Before-Make Time Delay, tD (ADG453 Only)
15
ns typ
RL = 300 Ω, CL = 35 pF, VS1 = VS2 = 8 V;
see Figure 20
10
10
ns min
Charge Injection
10
pC typ
VS = 6 V, RS = 0 Ω, CL = 1.0 nF; see Figure 21
Channel-to-Channel Crosstalk
−90
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure
23
CS (OFF)
60
pF typ
f = 1 MHz
CD (OFF)
60
pF typ
f = 1 MHz
CD, CS (ON)
100
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 13.2 V; digital inputs = 0 V or 5 V
IDD
0.0001
μA typ
0.5
5
μA max
IL
0.0001
μA typ
0.5
5
μA max
VL = 5.5 V
IGND4
0.0001
μA typ
0.5
5
μA max
VL = 5.5 V
1 Temperature range for B version is −40°C to +85°C.
2 TMAX = 70°C.
3 Tested with dual supplies.
4 Guaranteed by design, not subject to production test.


Similar Part No. - ADG452BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG452BN AD-ADG452BN Datasheet
161Kb / 12P
   LC2MOS 5 ohm RON SPST Switches
REV. A
More results

Similar Description - ADG452BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG451 AD-ADG451 Datasheet
161Kb / 12P
   LC2MOS 5 ohm RON SPST Switches
REV. A
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661 Datasheet
123Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG201A AD-ADG201A Datasheet
228Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. A
ADG211A AD-ADG211A Datasheet
277Kb / 8P
   LC2MOS QUAD SPST SWITCHES
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com