Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG721BRMZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADG721BRMZ
Description  CMOS, Low Voltage, 4 廓 Dual SPST Switches in 3 mm 횞 2 mm LFCSP
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG721BRMZ Datasheet(HTML) 4 Page - Analog Devices

  ADG721BRMZ Datasheet HTML 1Page - Analog Devices ADG721BRMZ Datasheet HTML 2Page - Analog Devices ADG721BRMZ Datasheet HTML 3Page - Analog Devices ADG721BRMZ Datasheet HTML 4Page - Analog Devices ADG721BRMZ Datasheet HTML 5Page - Analog Devices ADG721BRMZ Datasheet HTML 6Page - Analog Devices ADG721BRMZ Datasheet HTML 7Page - Analog Devices ADG721BRMZ Datasheet HTML 8Page - Analog Devices ADG721BRMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG721/ADG722/ADG723
Data Sheet
Rev. E | Page 4 of 16
VDD = 3 V ± 10%, GND = 0 V. All specifications −40°C to +85°C, unless otherwise noted.
Table 2.
A, B Grades1
Parameter
+25°C
−40°C to +85°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 to VDD
V
On Resistance, RON
6.5
Ω typ
VS = 0 V to VDD, IS = −10 mA
10
Ω max
See Figure 12
On Resistance Match Between Channels, ∆RON
0.3
Ω typ
VS = 0 V to VDD, IS = −10 mA
1.0
Ω max
On Resistance Flatness, RFLAT(ON)
3.5
Ω typ
VS = 0 V to VDD, IS = −10 mA
LEAKAGE CURRENTS – A Grade
VDD = 3.3 V
Source off Leakage, IS (OFF)
±0.01
nA typ
VS = 3 V/1 V, VD = 1 V/3 V, see Figure 13
Drain off Leakage, ID (OFF)
±0.01
nA typ
VS = 3 V/1 V, VD = 1 V/3 V, see Figure 13
Channel on Leakage, ID, IS (ON)
±0.01
nA typ
VS = VD = 1 V or 3 V, Figure 14
LEAKAGE CURRENTS – B Grade
VDD = 3.3 V
Source off Leakage, IS (OFF)
±0.01
nA typ
VS = 3 V/1 V, VD = 1 V/3 V
±0.25
±0.35
nA max
See Figure 13
Drain off Leakage, ID (OFF)
±0.01
nA typ
VS = 3 V/1 V, VD = 1 V/3 V
±0.25
±0.35
nA max
See Figure 13
Channel on Leakage, ID, IS (ON)
±0.01
nA typ
VS = VD = 1 V or 3 V
±0.25
±0.35
nA max
See Figure 14
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.4
V max
Input Current
IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±0.1
μA max
DYNAMIC CHARACTERISTICS2
tON
16
ns typ
RL = 300 Ω, CL = 35 pF
24
ns max
VS = 2 V, see Figure 15
tOFF
7
ns typ
RL = 300 Ω, CL = 35 pF
11
ns max
VS = 2 V, see Figure 15
Break-Before-Make Time Delay, tD (ADG723 Only)
7
ns typ
RL = 300 Ω, CL = 35 pF
1
ns min
VS1 = VS2 = 2 V, see Figure 16
Charge Injection
2
pC typ
VS = 1.5 V, RS = 0 Ω, CL = 1 nF, see Figure 17
Off Isolation
−60
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz
−80
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 18
Channel-to-Channel Crosstalk
−77
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz
−97
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz, see Figure 19
Bandwidth −3 dB
200
MHz typ
RL = 50 Ω, CL = 5 pF, see Figure 20
CS (OFF)
7
pF typ
CD (OFF)
7
pF typ
CD, CS (ON)
18
pF typ
POWER REQUIREMENTS
VDD = 3.3 V
IDD
0.001
μA typ
Digital inputs = 0 V or 3 V
1.0
μA max
1
Temperature range: A, B Grades, −40°C to +85°C. All specifications apply to both grades unless otherwise stated.
2
Guaranteed by design; not subject to production test.


Similar Part No. - ADG721BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG721BRM AD-ADG721BRM Datasheet
204Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPST Switches
REV. 0
More results

Similar Description - ADG721BRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG702BRMZ AD-ADG702BRMZ Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG701 AD-ADG701_06 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG711BRZ AD-ADG711BRZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG711BRUZ AD-ADG711BRUZ Datasheet
259Kb / 16P
   CMOS Low Voltage, 4 廓 Quad, SPST Switches
REV. B
ADG721 AD-ADG721 Datasheet
204Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4677 MAXIM-MAX4677_V01 Datasheet
1Mb / 13P
   2廓, Quad, SPST, CMOS Analog Switches
2021
logo
Analog Devices
ADG701L AD-ADG701L Datasheet
598Kb / 12P
   CMOS Low Voltage 2 OHM SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX4641 MAXIM-MAX4641 Datasheet
198Kb / 10P
   High-Speed, Low-Voltage, 4?? Dual SPST CMOS Analog Switches
Rev 1; 2/02
logo
Analog Devices
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
   CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
logo
Maxim Integrated Produc...
MAX4594 MAXIM-MAX4594_V01 Datasheet
589Kb / 10P
   Low-Voltage, Single-Supply, 10廓 SPST CMOS Analog Switches
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com