Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG452BR-REEL7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG452BR-REEL7
Description  LC2MOS 5 廓 RON SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG452BR-REEL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG452BR-REEL7 Datasheet HTML 7Page - Analog Devices ADG452BR-REEL7 Datasheet HTML 8Page - Analog Devices ADG452BR-REEL7 Datasheet HTML 9Page - Analog Devices ADG452BR-REEL7 Datasheet HTML 10Page - Analog Devices ADG452BR-REEL7 Datasheet HTML 11Page - Analog Devices ADG452BR-REEL7 Datasheet HTML 12Page - Analog Devices ADG452BR-REEL7 Datasheet HTML 13Page - Analog Devices ADG452BR-REEL7 Datasheet HTML 14Page - Analog Devices ADG452BR-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADG451/ADG452/ADG453
Rev. C | Page 11 of 16
TERMINOLOGY
RON
Ohmic resistance between D and S.
ΔRON
On resistance match between any two channels, that is, RON
maximum minus RON minimum.
RFLAT(ON)
Flatness is defined as the difference between the maximum and
minimum value of on resistance, as measured over the specified
analog signal range.
IS (OFF)
Source leakage current with the switch off.
ID (OFF)
Drain leakage current with the switch off.
ID, IS (ON)
Channel leakage current with the switch on.
VD (VS)
Analog voltage on Terminal D and Terminal S.
CS (OFF)
Off switch source capacitance.
CD (OFF)
Off switch drain capacitance.
CD (ON), CS (ON)
On switch capacitance.
tON
Delay between applying the digital control input and the output
switching on. See Figure 19.
tOFF
Delay between applying the digital control input and the output
switching off.
tD
Off time or on time measured between the 90% points of both
switches, when switching from one address state to another. See
Figure 20.
Crosstalk
A measure of unwanted signal coupled through from one
channel to another as a result of parasitic capacitance.
Off Isolation
A measure of unwanted signal coupling through an off switch.
Charge Injection
A measure of the glitch impulse transferred from the digital
input to the analog output during switching.


Similar Part No. - ADG452BR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG452BR AD-ADG452BR Datasheet
161Kb / 12P
   LC2MOS 5 ohm RON SPST Switches
REV. A
More results

Similar Description - ADG452BR-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG451 AD-ADG451 Datasheet
161Kb / 12P
   LC2MOS 5 ohm RON SPST Switches
REV. A
ADG211AKRZ AD-ADG211AKRZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG663BRUZ AD-ADG663BRUZ Datasheet
131Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG661 AD-ADG661 Datasheet
123Kb / 8P
   LC2MOS Precision 5 V Quad SPST Switches
REV. 0
ADG444BRZ AD-ADG444BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG211AKNZ AD-ADG211AKNZ Datasheet
311Kb / 16P
   LC2MOS Quad SPST Switches
REV. C
ADG442BRZ AD-ADG442BRZ Datasheet
394Kb / 16P
   LC2MOS Quad SPST Switches
REV. A
ADG202AKNZ AD-ADG202AKNZ Datasheet
232Kb / 6P
   LC2MOS Quad SPST Switches
REV. A
ADG201A AD-ADG201A Datasheet
228Kb / 6P
   LC2MOS QUAD SPST SWITCHES
REV. A
ADG211A AD-ADG211A Datasheet
277Kb / 8P
   LC2MOS QUAD SPST SWITCHES
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com