Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG804YRMZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADG804YRMZ
Description  0.5CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG804YRMZ Datasheet(HTML) 1 Page - Analog Devices

  ADG804YRMZ Datasheet HTML 1Page - Analog Devices ADG804YRMZ Datasheet HTML 2Page - Analog Devices ADG804YRMZ Datasheet HTML 3Page - Analog Devices ADG804YRMZ Datasheet HTML 4Page - Analog Devices ADG804YRMZ Datasheet HTML 5Page - Analog Devices ADG804YRMZ Datasheet HTML 6Page - Analog Devices ADG804YRMZ Datasheet HTML 7Page - Analog Devices ADG804YRMZ Datasheet HTML 8Page - Analog Devices ADG804YRMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
0.5 Ω CMOS 1.65 V TO 3.6 V
4-Channel Multiplexer
Data Sheet
ADG804
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.
461.3113 © 2004–2011 Analog Devices, Inc. All rights reserved.
FEATURES
0.5 Ω typical on resistance
0.8 Ω maximum on resistance at 125°C
1.65 V to 3.6 V operation
Automotive temperature range: –40°C to +125°C
High current carrying capability: 300 mA continuous
Rail-to-rail switching operation
Fast switching times <25 ns
Typical power consumption (<0.1 μW)
APPLICATIONS
MP3 players
Power routing
Battery-powered systems
PCMCIA cards
Cellular phones
Modems
Audio and video signal routing
Communication systems
GENERAL DESCRIPTION
The ADG804 is a low voltage 4-channel CMOS multiplexer
comprising four single channels. This device offers ultralow
on resistance of less than 0.8 Ω over the full temperature range.
The digital inputs can handle 1.8 V logic with a 2.7 V to 3.6 V
supply.
The ADG804 switches one of four inputs to a common output,
D, as determined by the 3-bit binary address lines, A0, A1, and
EN. A Logic 0 on the EN pin disables the device. The ADG804
has break-before-make switching.
The ADG804 is fully specified for 3.3 V, 2.5 V, and 1.8 V supply
operation. It is available in a 10-lead MSOP package.
FUNCTIONAL BLOCK DIAGRAM
2
9
4
7
110
5
8
1 OF 4
DECODER
ADG804
S1
S2
S3
S4
A0
A1
EN
D
Figure 1.
PRODUCT HIGHLIGHTS
1.
<0.8 Ω over full temperature range of –40°C to +125°C.
2.
Single 1.65 V to 3.6 V operation.
3.
Operational with 1.8 V CMOS logic.
4.
High current handling capability (300 mA continuous
current at 3.3 V).
5.
Low THD + N (0.02% typ).
6.
Small 10-lead MSOP package.


Similar Part No. - ADG804YRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG804YRM AD-ADG804YRM Datasheet
157Kb / 16P
   0.5 ohm CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. 0
ADG804YRM-REEL AD-ADG804YRM-REEL Datasheet
157Kb / 16P
   0.5 ohm CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. 0
ADG804YRM-REEL7 AD-ADG804YRM-REEL7 Datasheet
157Kb / 16P
   0.5 ohm CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. 0
More results

Similar Description - ADG804YRMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG804 AD-ADG804 Datasheet
157Kb / 16P
   0.5 ohm CMOS 1.65 V TO 3.6 V 4-Channel Multiplexer
REV. 0
ADG812YRUZ AD-ADG812YRUZ Datasheet
340Kb / 16P
   <0.5 廓 CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
ADG811 AD-ADG811 Datasheet
392Kb / 16P
   0.5 CMOS 1.65 V to 3.6 V Quad SPST Switches
REV. A
ADG836L AD-ADG836L Datasheet
418Kb / 16P
   0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG824 AD-ADG824 Datasheet
360Kb / 16P
   0.5 廓 CMOS 1.65 V to 3.6 V Dual SPDT/2:1 Mux in Mini LFCSP Package
REV. 0
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
EVAL-ADG824 AD-EVAL-ADG824 Datasheet
228Kb / 8P
   Evaluation Board for ADG824, 0.5 廓 CMOS, 1.65 V to 3.6 V, Dual SPDT/2:1 Mux in Mini LFCSP
REV. 0
ADG836 AD-ADG836_15 Datasheet
563Kb / 16P
   CMOS 1.65 V TO 3.6 V Dual SPDT/2:1 MUX
REV. A
ADG836L AD-ADG836L_15 Datasheet
419Kb / 16P
   CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX
REV. A
logo
Vishay Siliconix
DG2718 VISHAY-DG2718 Datasheet
116Kb / 7P
   0.45- CMOS, 1.65-V to 3.6-V, Dual DPDT Analog Switch
Rev. B, 17-Oct-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com