Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGC3130 Datasheet(PDF) 11 Page - Microchip Technology

Part # MGC3130
Description  Single-Zone 3D Gesture Controller Data Sheet
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3130 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MGC3130_12 Datasheet HTML 7Page - Microchip Technology MGC3130_12 Datasheet HTML 8Page - Microchip Technology MGC3130_12 Datasheet HTML 9Page - Microchip Technology MGC3130_12 Datasheet HTML 10Page - Microchip Technology MGC3130_12 Datasheet HTML 11Page - Microchip Technology MGC3130_12 Datasheet HTML 12Page - Microchip Technology MGC3130_12 Datasheet HTML 13Page - Microchip Technology MGC3130_12 Datasheet HTML 14Page - Microchip Technology MGC3130_12 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
 2012 Microchip Technology Inc.
Advance Information
DS41667A-page 11
MGC3130
3.3.2
STANDARD ELECTRODE DESIGN
The MGC3130 electrode system is typically a double-
layer design with a Tx transmit electrode at the bottom
layer to shield against device ground and thus, ensure
high receive sensitivity. Up to five comparably smaller
Rx electrodes are placed above the Tx layer providing
the spatial resolution of the GestIC system. Tx and Rx
are separated by a thin isolating layer. The Rx
electrodes are typically arranged in a frame
configuration as shown in Figure 3-3. The frame
defines the inside sensing area with maximum
dimensions of 20x20 centimeters. An optional fifth
electrode in the center of the frame may be used to
improve the distance measurement and add simple
touch functionality.
The electrodes’ shapes can be designed solid or
structured. In addition to the distance and the material
between the Rx and Tx electrodes, the shape structure
density also controls the capacitance CRXTX and thus,
the sensitivity of the system.
FIGURE 3-3:
FRAME SHAPE ELECTRODES
Note:
Ideal designs have low CRxTx and CRxG to
ensure higher sensitivity of the electrode
system. Optimal results are achieved with
CRxTx and CRxG values being in the same
range.
South
Center
North
Top Layer (Lateral Rx)
Top Layer (Center Rx)
Tx Layer


Similar Part No. - MGC3130_12

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MGC3130 MICROCHIP-MGC3130 Datasheet
1Mb / 50P
   Audio Products
03/25/14
MGC3130 MICROCHIP-MGC3130 Datasheet
1Mb / 49P
   MGC3140 3D Tracking and Gesture Controller Data Sheet
2018
MGC3130 MICROCHIP-MGC3130 Datasheet
1Mb / 46P
   MGC3140 3D Tracking and Gesture Controller Data Sheet
Rev.C 03/2022
More results

Similar Description - MGC3130_12

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MXG3141 MICROCHIP-MXG3141 Datasheet
1Mb / 41P
   MXG3141 3D Gesture Controller Data Sheet
2021
MGC3140 MICROCHIP-MGC3140 Datasheet
1Mb / 49P
   MGC3140 3D Tracking and Gesture Controller Data Sheet
2018
MGC3140 MICROCHIP-MGC3140_V01 Datasheet
1Mb / 46P
   MGC3140 3D Tracking and Gesture Controller Data Sheet
Rev.C 03/2022
logo
List of Unclassifed Man...
MLX90614 ETC2-MLX90614 Datasheet
808Kb / 40P
   Single and Dual Zone
logo
Holtek Semiconductor In...
HT82M33A HOLTEK-HT82M33A Datasheet
642Kb / 13P
   3D Mouse Controller
logo
Cypress Semiconductor
CY8CTMG120 CYPRESS-CY8CTMG120 Datasheet
790Kb / 33P
   TrueTouch??Multi-Touch Gesture Touchscreen Controller
CY8CTMG110 CYPRESS-CY8CTMG110 Datasheet
647Kb / 31P
   TrueTouch??Multi-Touch Gesture Touchscreen Controller
logo
EnOcean GmbH.
LEDRU-W-EO ENOCEAN-LEDRU-W-EO Datasheet
3Mb / 2P
   LED Relay Zone Controller 0-10V
V1.5
logo
List of Unclassifed Man...
PTK8607 ETC-PTK8607 Datasheet
361Kb / 25P
   8 Bit Micro-controller Data Sheet
logo
ELMOS Semiconductor AG
E909.21 ELMOS-E909.21 Datasheet
144Kb / 2P
   HALIOS Controller for Proximity and Gesture Recognition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com