Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG659YCPZ1 Datasheet(PDF) 5 Page - Analog Devices

Part # ADG659YCPZ1
Description  3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG659YCPZ1 Datasheet(HTML) 5 Page - Analog Devices

  ADG659YCPZ1 Datasheet HTML 1Page - Analog Devices ADG659YCPZ1 Datasheet HTML 2Page - Analog Devices ADG659YCPZ1 Datasheet HTML 3Page - Analog Devices ADG659YCPZ1 Datasheet HTML 4Page - Analog Devices ADG659YCPZ1 Datasheet HTML 5Page - Analog Devices ADG659YCPZ1 Datasheet HTML 6Page - Analog Devices ADG659YCPZ1 Datasheet HTML 7Page - Analog Devices ADG659YCPZ1 Datasheet HTML 8Page - Analog Devices ADG659YCPZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADG658/ADG659
Rev. B | Page 5 of 20
5 V SINGLE SUPPLY
VDD = 5 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 2.
B Version
Y Version
Parameter
+25°C
−40°C
to +85°C
−40°C
to +125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 to VDD
V
VDD = 4.5 V, VSS = 0 V
On Resistance (RON)
85
Ω typ
VS = 0 V to 4.5 V, IS = 1 mA; see Figure 21
150
160
200
Ω max
On Resistance Match between
4.5
Ω typ
VS = 3.5 V, IS = 1 mA
Channels (∆RON)
8
9
10
Ω max
On Resistance Flatness (RFLAT(ON))
13
14
16
Ω typ
VDD = 5 V, VSS = 0 V, VS = 1.5 V to 4 V, IS = 1 mA
LEAKAGE CURRENTS
VDD = 5.5 V
Source OFF Leakage IS (OFF)
±0.005
nA typ
VS = 1 V/4.5 V, VD = 4.5 V/1 V; see Figure 22
±0.2
±5
nA max
Drain OFF Leakage ID (OFF)
±0.005
nA typ
VS = 1 V/4.5 V, VD = 4.5 V/1 V; see Figure 23
ADG658
±0.2
±5
nA max
ADG659
±0.1
±2.5
nA max
Channel ON Leakage ID, IS (ON)
±0.005
nA typ
VS = VD = 1 V or 4.5 V, see Figure 24
ADG658
±0.2
±5
nA max
ADG659
±0.1
±2.5
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±1
μA max
CIN, Digital Input Capacitance
2
pF typ
DYNAMIC CHARACTERISTICS1
tTRANSITION
120
ns typ
RL = 300 Ω, CL = 35 pF
200
270
300
ns max
VS = 3 V; see Figure 25
tON (EN)
120
ns typ
RL = 300 Ω, CL = 35 pF
190
245
280
ns max
VS = 3 V; see Figure 27
tOFF (EN)
35
ns typ
RL = 300 Ω, CL = 35 pF
50
60
70
ns max
VS = 3 V; see Figure 27
Break-Before-Make Time Delay, tBBM
100
ns typ
RL = 300 Ω, CL = 35 pF
10
ns min
VS1 = VS2 = 3 V; see Figure 26
Charge Injection
0.5
pC typ
VS = 2.5 V, RS = 0 Ω, CL = 1 nF; see Figure 28
1
pC max
Off Isolation
−90
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 29
Channel-to-Channel Crosstalk
−90
dB typ
RL = 50 Ω, CL = 5 pF; f = 1 MHz; see Figure 31
(ADG659)
−3 dB Bandwidth
ADG658
180
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 30
ADG659
330
MHz typ
CS (OFF)
5
pF typ
f = 1 MHz
CD (OFF)
ADG658
29
pF typ
f = 1 MHz
ADG659
15
pF typ
f = 1 MHz


Similar Part No. - ADG659YCPZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG659YCPZ1 AD-ADG659YCPZ1 Datasheet
395Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Rev. A
More results

Similar Description - ADG659YCPZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG658 AD-ADG658 Datasheet
395Kb / 20P
   3 V/5 V/짹5 V CMOS 4- and 8-Channel Analog Multiplexers
Rev. A
ADG1608 AD-ADG1608 Datasheet
526Kb / 20P
   4.5 廓 RON, 4-/8-Channel 짹5 V,12 V, 5 V, and 3.3 V Multiplexers
REV. 0
ADG608BRZ-REEL AD-ADG608BRZ-REEL Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BNZ AD-ADG609BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608TRUZ AD-ADG608TRUZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608BNZ AD-ADG608BNZ Datasheet
109Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609BRZ AD-ADG609BRZ Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG608 AD-ADG608 Datasheet
158Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
ADG609 AD-ADG609_15 Datasheet
166Kb / 12P
   3 V/5 V, 4/8 Channel High Performance Analog Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com