Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG902BRM Datasheet(PDF) 10 Page - Analog Devices

Part # ADG902BRM
Description  Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG902BRM Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG902BRM Datasheet HTML 6Page - Analog Devices ADG902BRM Datasheet HTML 7Page - Analog Devices ADG902BRM Datasheet HTML 8Page - Analog Devices ADG902BRM Datasheet HTML 9Page - Analog Devices ADG902BRM Datasheet HTML 10Page - Analog Devices ADG902BRM Datasheet HTML 11Page - Analog Devices ADG902BRM Datasheet HTML 12Page - Analog Devices ADG902BRM Datasheet HTML 13Page - Analog Devices ADG902BRM Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADG901/ADG902
Rev. B | Page 10 of 16
APPLICATIONS
The ADG901/ADG902 are ideal solutions for low power, high
frequency applications. The low insertion loss, high isolation
between ports, low distortion, and low current consumption of
these parts make them excellent solutions for many high
frequency switching applications.
Applications include switching between high frequency filters,
ASK generators, and FSK generators.
ABSORPTIVE vs. REFLECTIVE SWITCHES
The ADG901 is an absorptive (matched) switch with
50 Ω terminated shunt legs and the ADG902 is a reflective
switch with 0 Ω terminated shunts to ground. The ADG901
absorptive switch has a good VSWR on each port, regardless of
the switch mode. An absorptive switch should be used when
there is a need for a good VSWR that is looking into the port
but not passing the through signal to the common port. The
ADG901 is therefore ideal for applications that require
minimum reflections back to the RF source. It also ensures that
the maximum power is transferred to the load.
The ADG902 reflective switch is suitable for applications where
high off port VSWR does not matter and the switch has some
other desired performance feature. It can be used in many
applications, including high speed filter selection. In most cases,
an absorptive switch can be used instead of a reflective switch,
but not vice versa.


Similar Part No. - ADG902BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG902BRM AD-ADG902BRM Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG902BRM-500RL7 AD-ADG902BRM-500RL7 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG902BRM-REEL7 AD-ADG902BRM-REEL7 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
More results

Similar Description - ADG902BRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG901 AD-ADG901 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG936 AD-ADG936 Datasheet
395Kb / 16P
   Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
REV. 0
ADG904 AD-ADG904 Datasheet
354Kb / 16P
   Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. 0
ADG918 AD-ADG918_08 Datasheet
570Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
REV. C
ADG918 AD-ADG918_V01 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
ADG901 AD-ADG901_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG902 AD-ADG902_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904R AD-ADG904R_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com