Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG4612BRUZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADG4612BRUZ
Description  Power-Off Protection 짹5 V, 12 V, Quad SPST Switches with 5 廓 On Resistance
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG4612BRUZ Datasheet(HTML) 3 Page - Analog Devices

  ADG4612BRUZ Datasheet HTML 1Page - Analog Devices ADG4612BRUZ Datasheet HTML 2Page - Analog Devices ADG4612BRUZ Datasheet HTML 3Page - Analog Devices ADG4612BRUZ Datasheet HTML 4Page - Analog Devices ADG4612BRUZ Datasheet HTML 5Page - Analog Devices ADG4612BRUZ Datasheet HTML 6Page - Analog Devices ADG4612BRUZ Datasheet HTML 7Page - Analog Devices ADG4612BRUZ Datasheet HTML 8Page - Analog Devices ADG4612BRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADG4612/ADG4613
Rev. 0 | Page 3 of 24
SPECIFICATIONS
5 V DUAL SUPPLY
VDD = +5 V ± 10%, VSS = −5 V ± 10%, GND = 0 V, unless otherwise noted.
Table 1.
Parameter
25°C
−40°C to +85°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range (Normal Mode)
−5.5 V to VDD
V
VDD to VSS = 16 V maximum
On Resistance (RON)
5.2
Ω typ
VS = ±4.5 V, IS = −10 mA; see Figure 22
6.1
7.6
Ω max
VDD = +4.5 V, VSS = −4.5 V
On-Resistance Match Between Channels
(∆RON)
0.05
Ω typ
VS = ±4.5 V, IS = −10 mA
0.15
0.18
Ω max
On-Resistance Flatness (RFLAT (ON))
1.4
Ω typ
VS = ±4.5 V, IS = −10 mA
1.75
2.2
Ω max
LEAKAGE CURRENTS (NORMAL MODE)
VDD = +5.5 V, VSS = −5.5 V
Source Off Leakage, IS (Off )
±5
nA typ
VS = ±4.5 V, VD =
4.5 V; see Figure 23
±10
±300
nA max
Drain Off Leakage, ID (Off )
±5
nA typ
VS = ±4.5 V, VD =
4.5 V; see Figure 23
±10
±300
nA max
Channel On Leakage, ID (On), IS (On)
±10
nA typ
VS = VD = ±4.5 V; see Figure 24
±16
±700
nA max
LEAKAGE CURRENTS (ISOLATION MODE)
Source Off Leakage, IS (Off )
±0.03
μA typ
VDD = 0 V or floating, VSS = 0 V or floating, GND = 0 V
±0.1
±2.5
μA max
VS = −5.5 V, VD = +10.5 V; or VS = +10.5 V, VD = −5.5 V;
see Figure 23
±8
μA typ
VDD = +5.5 V, VSS = −5.5 V or 0 V
±22
±30
μAmax
VS = −5.5 V, VD = +10.5 V; or VS = +10.5 V, VD = −5.5 V;
see Figure 23
Drain Off Leakage, ID (Off )
±0.03
μA typ
VDD = 0 V or floating, VSS = 0 V or floating, GND = 0 V
±0.1
±2.5
μA max
VS = −5.5 V, VD = +10.5 V; or VS = +10.5 V, VD = −5.5 V;
see Figure 23
±8
μA typ
VDD = +5.5 V, VSS = −5.5 V or 0 V
±22
±30
μA max
VS = −5.5 V, VD = +10.5 V; or VS = +10.5 V, VD = −5.5 V;
see Figure 23
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL
±0.015
μA typ
VIN = VGND
±0.1
±0.15
μA max
Input Current, IINH
±13
μA typ
VIN = VDD
±16
±18
μA max
Logic Pull-Down Resistance, RPD
400
kΩ typ
Digital Input Capacitance, CIN
4
pF typ
DYNAMIC CHARACTERISTICS1
tON
73
ns typ
RL = 300 Ω, CL = 35 pF
125
149
ns max
VS = 3 V; see Figure 25
tOFF
100
ns typ
RL = 300 Ω, CL = 35 pF
125
149
ns max
VS = 3 V; see Figure 25


Similar Part No. - ADG4612BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG465 AD-ADG465 Datasheet
108Kb / 8P
   Single Channel Protector in an SOT-23 Package
REV. A
ADG465BRM AD-ADG465BRM Datasheet
108Kb / 8P
   Single Channel Protector in an SOT-23 Package
REV. A
ADG465BRT AD-ADG465BRT Datasheet
108Kb / 8P
   Single Channel Protector in an SOT-23 Package
REV. A
ADG465 AD-ADG465_15 Datasheet
116Kb / 8P
   Single Channel Protector in an SOT-23 Package
REV. A
ADG466 AD-ADG466 Datasheet
231Kb / 10P
   Triple and Octal Channel Protectors
REV. A
More results

Similar Description - ADG4612BRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
logo
Vishay Siliconix
DG9424E VISHAY-DG9424E Datasheet
262Kb / 13P
   On Resistance, 5 V, 12 V, and 3 V Quad SPST Switches
Rev. A, 29-Feb-16
logo
Analog Devices
ADG1412 AD-ADG1412_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, CMOS, Quad SPST Switches
REV. B
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
logo
Vishay Siliconix
DG1411E VISHAY-DG1411E_V01 Datasheet
351Kb / 14P
   1.5 ??On Resistance, 짹 15 V / 12 V / 짹 5 V, Quad SPST Switches
08-Feb-17
DG9426E VISHAY-DG9426E_V01 Datasheet
302Kb / 14P
   1.6 ??On Resistance, 짹 5 V, 12 V, and 3 V Quad SPST Switches
01-Jan-2022
logo
Analog Devices
ADG623BRMZ AD-ADG623BRMZ Datasheet
378Kb / 12P
   CMOS 짹5 V/5 V, 4 廓 Dual SPST Switches
REV. B
ADG1636 AD-ADG1636 Datasheet
526Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Dual SPDT Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com