Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG902BRMZ1 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG902BRMZ1
Description  Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG902BRMZ1 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG902BRMZ1 Datasheet HTML 7Page - Analog Devices ADG902BRMZ1 Datasheet HTML 8Page - Analog Devices ADG902BRMZ1 Datasheet HTML 9Page - Analog Devices ADG902BRMZ1 Datasheet HTML 10Page - Analog Devices ADG902BRMZ1 Datasheet HTML 11Page - Analog Devices ADG902BRMZ1 Datasheet HTML 12Page - Analog Devices ADG902BRMZ1 Datasheet HTML 13Page - Analog Devices ADG902BRMZ1 Datasheet HTML 14Page - Analog Devices ADG902BRMZ1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADG901/ADG902
Rev. B | Page 11 of 16
ADG90x EVALUATION BOARD
The ADG90x evaluation board allows designers to evaluate the
high performance wideband switches with a minimum of effort.
To prove that these devices meet user requirements, the user
requires only a power supply and a network analyzer along with
the evaluation board. An application note is available with the
evaluation board and provides complete information on
operating the evaluation board.
The RF1 port (see Figure 23) is connected through a
50 Ω transmission line to the top left SMA Connector J1. RF2 is
connected through a 50 Ω transmission line to the top SMA
Connector J2. J3 is connected to GND. A through transmission
line connects J4 and J5 and this transmission line is used to
estimate the loss of the PCB over the environmental conditions
being evaluated.
The board is constructed of a 4-layer, FR4 material with
a dielectric constant of 4.3 and an overall thickness of
0.062 inches. Two ground layers with grounded planes
provide ground for the RF transmission lines. The trans-
mission lines were designed using a coplanar waveguide
with ground plane model using a trace width of 0.052 inches,
clearance to ground plane of 0.030 inches, dielectric thickness
of 0.029 inches, and a metal thickness of 0.014 inches.
Figure 23. ADG90x Evaluation Board Top View


Similar Part No. - ADG902BRMZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG902BRM AD-ADG902BRM Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG902BRM-500RL7 AD-ADG902BRM-500RL7 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG902BRM-REEL7 AD-ADG902BRM-REEL7 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
More results

Similar Description - ADG902BRMZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG901 AD-ADG901 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG936 AD-ADG936 Datasheet
395Kb / 16P
   Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
REV. 0
ADG904 AD-ADG904 Datasheet
354Kb / 16P
   Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. 0
ADG918 AD-ADG918_08 Datasheet
570Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
REV. C
ADG918 AD-ADG918_V01 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
ADG901 AD-ADG901_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG902 AD-ADG902_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904R AD-ADG904R_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com