Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG902BCP-500RL7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADG902BCP-500RL7
Description  Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG902BCP-500RL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG902BCP-500RL7 Datasheet HTML 5Page - Analog Devices ADG902BCP-500RL7 Datasheet HTML 6Page - Analog Devices ADG902BCP-500RL7 Datasheet HTML 7Page - Analog Devices ADG902BCP-500RL7 Datasheet HTML 8Page - Analog Devices ADG902BCP-500RL7 Datasheet HTML 9Page - Analog Devices ADG902BCP-500RL7 Datasheet HTML 10Page - Analog Devices ADG902BCP-500RL7 Datasheet HTML 11Page - Analog Devices ADG902BCP-500RL7 Datasheet HTML 12Page - Analog Devices ADG902BCP-500RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADG901/ADG902
Rev. B | Page 9 of 16
TEST CIRCUITS
Similar setups for ADG902.
VDD
VDD
0.1
μF
VS
CTRL
RF2
RF1
GND
RL
50
Ω
VOUT
VCTRL
50%
50%
VOUT
t
ON
t
OFF
90%
10%
Figure 16. Switching Timing: tON, tOFF
VDD
VDD
0.1
μF
VS
CTRL
RF2
RF1
GND
RL
50
Ω
VOUT
VCTRL
50%
50%
VOUT
t
RISE
t
FALL
90%
10%
90%
10%
Figure 17. Switch Timing: tRISE, tFALL
OUT
VS
V
VS
50
Ω
NETWORK
ANALYZER
VOUT
RL
50
Ω
0.1
μF
VCTRL
GND
RF2
CTRL
ADG901
RF1
50
Ω
50
Ω
VDD
VDD
OFF ISOLATION = 20 LOG
Figure 18. Off Isolation
VS
50
Ω
NETWORK
ANALYZER
VOUT
RL
50
Ω
0.1
μF
VDD
VCTRL
GND
RF2
CTRL
ADG901
RF1
50
Ω
50
Ω
VDD
INSERTION LOSS = 20 LOG
VOUT
VS
Figure 19. Insertion Loss
OSCILLOSCOPE
0.1
μF
VDD
VCTRL
NC
RF2
CTRL
RF1
GND
ADG901
50
Ω
50
Ω
VDD
Figure 20. Video Feedthrough
COMBINER
RF
SOURCE
RF
SOURCE
SPECTRUM
ANALYZER
0.1
μF
VDD
VCTRL
GND
RF2
CTRL
ADG901
RF1
50
Ω
50
Ω
VDD
Figure 21. IP3
RF
SOURCE
SPECTRUM
ANALYZER
0.1
μF
GND
RF2
CTRL
ADG901
RF1
50
Ω
50
Ω
VDD
VCTRL
VDD
VS
Figure 22. P–1 dB


Similar Part No. - ADG902BCP-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG902BCP-500RL7 AD-ADG902BCP-500RL7 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
More results

Similar Description - ADG902BCP-500RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG901 AD-ADG901 Datasheet
1Mb / 12P
   Wideband, 40 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, SPST Switches
REV. A
ADG936 AD-ADG936 Datasheet
395Kb / 16P
   Wideband 4 GHz, 36 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, Dual SPDT
REV. 0
ADG904 AD-ADG904 Datasheet
354Kb / 16P
   Wideband, 37 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. 0
ADG918 AD-ADG918_08 Datasheet
570Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
REV. C
ADG918 AD-ADG918_V01 Datasheet
652Kb / 16P
   Wideband 4 GHz, 43 dB Isolation at 1 GHz, CMOS 1.65 V to 2.75 V, 2:1 Mux/SPDT
Rev. E
ADG901 AD-ADG901_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG902 AD-ADG902_15 Datasheet
875Kb / 17P
   1.65 V to 2.75 V, SPST Switches
REV. B
ADG904 AD-ADG904_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG904R AD-ADG904R_15 Datasheet
517Kb / 17P
   CMOS 1.65 V to 2.75 V, 4:1 Mux/SP4T
REV. C
ADG811YRUZ AD-ADG811YRUZ Datasheet
340Kb / 16P
   0.5ohm CMOS, 1.65 V to 3.6 V, Quad SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com