Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG3304BCBZ-REEL7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADG3304BCBZ-REEL7
Description  Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3304BCBZ-REEL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADG3304BCBZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG3304BCBZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG3304BCBZ-REEL7 Datasheet HTML 9Page - Analog Devices ADG3304BCBZ-REEL7 Datasheet HTML 10Page - Analog Devices ADG3304BCBZ-REEL7 Datasheet HTML 11Page - Analog Devices ADG3304BCBZ-REEL7 Datasheet HTML 12Page - Analog Devices ADG3304BCBZ-REEL7 Datasheet HTML 13Page - Analog Devices ADG3304BCBZ-REEL7 Datasheet HTML 14Page - Analog Devices ADG3304BCBZ-REEL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADG3304
Rev. D | Page 11 of 20
TA = 25°C
DATA RATE = 25Mbps
CL = 50pF
1 CHANNEL
5ns/DIV
400mV/DIV
Figure 23. Eye Diagram at Y Output
(1.2 V to 1.8 V Level Translation, 25 Mbps)
5ns/DIV
200mV/DIV
TA = 25°C
DATA RATE = 25Mbps
CL = 50pF
1 CHANNEL
Figure 24. Eye Diagram at A Output
(1.8 V to 1.2 V Level Translation, 25 Mbps)
TA = 25°C
DATA RATE = 50Mbps
3ns/DIV
500mV/DIV
CL = 50pF
1 CHANNEL
Figure 25. Eye Diagram at Y Output
(1.8 V to 3.3 V Level Translation, 50 Mbps)
TA = 25°C
DATA RATE = 50Mbps
CL = 15pF
1 CHANNEL
3ns/DIV
400mV/DIV
Figure 26. Eye Diagram at A Output
(3.3 V to 1.8 V Level Translation, 50 Mbps)
TA = 25°C
DATA RATE = 50Mbps
CL = 50pF
1 CHANNEL
3ns/DIV
1V/DIV
Figure 27. Eye Diagram at Y Output
(3.3 V to 5 V Level Translation, 50 Mbps)
TA = 25°C
DATA RATE = 50Mbps
CL = 15pF
1 CHANNEL
3ns/DIV
800mV/DIV
Figure 28. Eye Diagram at A Output
(5 V to 3.3 V Level Translation, 50 Mbps)


Similar Part No. - ADG3304BCBZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3304BCBZ-REEL7 AD-ADG3304BCBZ-REEL7 Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
More results

Similar Description - ADG3304BCBZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG3304 AD-ADG3304_V01 Datasheet
637Kb / 21P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
Rev. E
ADG3304 AD-ADG3304_15 Datasheet
618Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 4-Channel, Bidirectional Logic Level Translator
REV. D
ADG3300 AD-ADG3300 Datasheet
615Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3301 AD-ADG3301_15 Datasheet
627Kb / 20P
   Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
REV. 0
ADG3300BRUZ AD-ADG3300BRUZ Datasheet
616Kb / 20P
   Low Voltage 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translator
REV. 0
ADG3301 AD-ADG3301 Datasheet
627Kb / 20P
   Low Voltage 1.15 V to 5.5 V, Single-Channel Bidirectional Logic Level Translator
REV. 0
ADG3308 AD-ADG3308_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
ADG3308BRUZ AD-ADG3308BRUZ Datasheet
622Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. C
ADG3308 AD-ADG3308_V01 Datasheet
398Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
Rev. E
ADG3308-1 AD-ADG3308-1_15 Datasheet
501Kb / 20P
   Low Voltage, 1.15 V to 5.5 V, 8-Channel Bidirectional Logic Level Translators
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com