Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S101K25X7RP6 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # S101K25X7RP6
Description  Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S101K25X7RP6 Datasheet(HTML) 4 Page - Vishay Siliconix

  S101K25X7RP6 Datasheet HTML 1Page - Vishay Siliconix S101K25X7RP6 Datasheet HTML 2Page - Vishay Siliconix S101K25X7RP6 Datasheet HTML 3Page - Vishay Siliconix S101K25X7RP6 Datasheet HTML 4Page - Vishay Siliconix S101K25X7RP6 Datasheet HTML 5Page - Vishay Siliconix S101K25X7RP6 Datasheet HTML 6Page - Vishay Siliconix S101K25X7RP6 Datasheet HTML 7Page - Vishay Siliconix S101K25X7RP6 Datasheet HTML 8Page - Vishay Siliconix S101K25X7RP6 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number: 28515
56
Revision: 07-Jan-10
S Series
Vishay BCcomponents
Ceramic Disc Capacitors Class 1 and 2,
1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
ORDERING INFORMATION 2 kVDC, KINKED
C
(pF)
TOL.
(%)
DMAX.
(mm)
LEAD SPACING
(mm)
SH (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
16TH DIGIT:
R = RoHS COMPLIANT
CLASS 1 SL0
10
± 5
6.5
5.0
4.0
S100J25SL0P6.K5.
± 10
S100K25SL0P6.K5.
12
± 5
S120J25SL0P6.K5.
± 10
S120K25SL0P6.K5.
15
± 5
S150J25SL0P6.K5.
± 10
S150K25SL0P6.K5.
18
± 5
S180J25SL0P6.K5.
± 10
S180K25SL0P6.K5.
22
± 5
S220J25SL0P6.K5.
± 10
S220K25SL0P6.K5.
27
± 5
S270J25SL0P6.K5.
± 10
S270K25SL0P6.K5.
33
± 5
7.5
S330J29SL0P6.K5.
± 10
S330K29SL0P6.K5.
39
± 5
S390J29SL0P6.K5.
± 10
S390K29SL0P6.K5.
47
± 5
S470J29SL0P6.K5.
± 10
S470K29SL0P6.K5.
56
± 5
S560J29SL0P6.K5.
± 10
S560K29SL0P6.K5.
68
± 5
8.5
S680J33SL0P6.K5.
± 10
S680K33SL0P6.K5.
82
± 5
S820J33SL0P6.K5.
± 10
S820K33SL0P6.K5.
100
± 5
10
S101J39SL0P6.K5.
± 10
S101K39SL0P6.K5.
120
± 5
S121J39SL0P6.K5.
± 10
S121K39SL0P6.K5.
150
± 10
11
S151K43SL0P6.K5.
CLASS 2 X7R
100
± 10
6.5
5.0
4.0
S101K25X7RP6.K5.
150
S151K25X7RP6.K5.
220
S221K25X7RP6.K5.
330
S331K25X7RP6.K5.
470
7.5
S471K29X7RP6.K5.
680
8.5
S681K33X7RP6.K5.
1000
10
S102K39X7RP6.K5.
1500
11
S152K43X7RP6.K5.
2200
13.5
7.5
4.8
S222K53X7RP6.K7.
3300
15
S332K59X7RP6.K7.
CLASS 2 Y5P
100
± 10
6.5
5.0
4.0
S101K25Y5PP6.K5.
150
S151K25Y5PP6.K5.
220
S221K25Y5PP6.K5.
330
S331K25Y5PP6.K5.
470
7.5
S471K29Y5PP6.K5.
680
S681K29Y5PP6.K5.
1000
8.5
S102K33Y5PP6.K5.
1500
10
S152K39Y5PP6.K5.
2200
11
S222K43Y5PP6.K5.
3300
13.5
7.5
4.8
S332K53Y5PP63K7.
4700
17.5
S472K69Y5PP63K7.


Similar Part No. - S101K25X7RP6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S101K25X7RP6.K5. VISHAY-S101K25X7RP6.K5. Datasheet
389Kb / 11P
   Ceramic Disc Capacitors Class 1 and 2, 1/2/3/6 kV General Purpose
Revision: 26-Oct-06
More results

Similar Description - S101K25X7RP6

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S222K53X7RP63K7R VISHAY-S222K53X7RP63K7R Datasheet
379Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S101M33Z5UR63K6R VISHAY-S101M33Z5UR63K6R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
S103M47Z5UN63L0R VISHAY-S103M47Z5UN63L0R Datasheet
369Kb / 9P
   Ceramic Disc Capacitors Class 1 and 2, 1 kVDC, 2 kVDC, 3 kVDC and 6 kVDC, General Purpose
Revision: 07-Jan-10
F102K39Y5RN6UK5R VISHAY-F102K39Y5RN6UK5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F102K33S3NN63J5R VISHAY-F102K33S3NN63J5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F101K25Y5RN6TJ5R VISHAY-F101K25Y5RN6TJ5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
HVLDF02 VISHAY-HVLDF02 Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
F471K29Y5RN6UK5R VISHAY-F471K29Y5RN6UK5R Datasheet
420Kb / 7P
   Ceramic Disc Capacitors Class 2, Low Loss (0.2 %), 500 VDC, 1 kVDC, 2 kVDC and 3 kVDC
Revision: 07-Jan-10
615R VISHAY-615R Datasheet
81Kb / 4P
   High Voltage Ceramic DC Disc Capacitors 10 kVDC and 15 kVDC
Revision: 09-Mar-16
564R VISHAY-564R Datasheet
94Kb / 5P
   Lower Voltage Ceramic Singlelayer DC Disc Capacitors 2 kVDC to 7.5 kVDC
Revision: 06-Jul-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com