Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM232AARNZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADM232AARNZ
Description  High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM232AARNZ Datasheet(HTML) 5 Page - Analog Devices

  ADM232AARNZ Datasheet HTML 1Page - Analog Devices ADM232AARNZ Datasheet HTML 2Page - Analog Devices ADM232AARNZ Datasheet HTML 3Page - Analog Devices ADM232AARNZ Datasheet HTML 4Page - Analog Devices ADM232AARNZ Datasheet HTML 5Page - Analog Devices ADM232AARNZ Datasheet HTML 6Page - Analog Devices ADM232AARNZ Datasheet HTML 7Page - Analog Devices ADM232AARNZ Datasheet HTML 8Page - Analog Devices ADM232AARNZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
REV.
ADM222/ADM232A/ADM242
–5–
TOP VIEW
(Not to Scale)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
C1+
V+
C1–
C2+
C2–
V–
T2OUT
R2IN
VCC
GND
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
ADM232A
Figure 9. ADM232A DIP/SOIC Pin Configuration
1
3
5
4
11
10
12
9
2
6
14
7
13
8
* INTERNAL 400k PULL-UP RESISTOR
ON EACH TTL/CMOS INPUT
** INTERNAL 5k PULL-DOWN RESISTOR
ON EACH RS-232 INPUT
+5V TO +10V
VOLTAGE DOUBLER
+5V TO –10V
VOLTAGE INVERTER
C1+
C1–
V+
V–
C2+
C2–
T1
ADM232A
T2
R1
R2
C1
0.1 F
C2
0.1 F
C3
0.1 F
GND
TTL/CMOS
OUTPUTS
R1OUT
R2OUT
T1OUT
T2OUT
R1IN
R2IN
T1IN
T2IN
TTL/CMOS
INPUTS
*
RS-232
OUTPUTS
RS-232
INPUTS
**
5V INPUT
C5
0.1 F
6.3V
15
C4
0.1 F
VCC
16
Figure 10. ADM232A Typical Operating Circuit
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
TOP VIEW
(Not to Scale)
ADM242
R2IN
T2OUT
EN
C1+
V+
C1–
V–
C2–
C2+
T2IN
SHDN
VCC
GND
T1OUT
T1IN
R1OUT
R1IN
R2OUT
Figure 11. ADM242 DIP/SOIC Pin Configuration
2
4
6
5
12
11
13
10
3
7
8
14
9
18
* INTERNAL 400k PULL-UP RESISTOR
ON EACH TTL/CMOS INPUT
** INTERNAL 5k PULL-DOWN RESISTOR
ON EACH RS-232 INPUT
+5V TO +10V
VOLTAGE DOUBLER
+5V TO –10V
VOLTAGE INVERTER
C1+
C1–
V+
V–
C2+
C2–
T1
ADM242
T2
R1
R2
C1
0.1 F
C2
0.1 F
C3
0.1 F
GND
TTL/CMOS
OUTPUTS
R1OUT
R2OUT
T1OUT
T2OUT
R1IN
R2IN
T1IN
T2IN
TTL/CMOS
INPUTS
*
RS-232
OUTPUTS
RS-232
INPUTS
**
5V INPUT
C5
0.1 F
6.3V
16
C4
0.1 F
VCC
EN
SHDN
15
17
1
Figure 12. ADM242 Typical Operating Circuit
B


Similar Part No. - ADM232AARNZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM232AARNZ AD-ADM232AARNZ Datasheet
207Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. C
logo
Guangdong Youtai Semico...
ADM232AARNZ UMW-ADM232AARNZ Datasheet
960Kb / 6P
   5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
logo
Analog Devices
ADM232AARNZ-REEL AD-ADM232AARNZ-REEL Datasheet
207Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. C
ADM232AARNZ-REEL7 AD-ADM232AARNZ-REEL7 Datasheet
207Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com