Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE44271 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE44271
Description  75 Ohm 1.6/5.6 Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .052 inch Hole Spacing
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE44271 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE44271 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE44271 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE44271 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2013 Pasternack Enterprises All Rights Reserved
3
PE44271 REV 01
75 Ohm 1.6/5.6 Jack Right Angle Connector Solder Attachment
Thru Hole PCB, .200 inch x .052 inch Hole Spacing
PE44271 CAD Drawing


Similar Part No. - PE44271

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4427 PASTERNACK-PE4427 Datasheet
255Kb / 2P
   SMA Female Bulkhead Connector Crimp/Solder Attachment For RG316, RG174, RG188, .235 inch D Hole
PE4427 PASTERNACK-PE4427 Datasheet
471Kb / 5P
   SMA Female Bulkhead Mount Connector Crimp/Solder Attachment
PE44270 PASTERNACK-PE44270 Datasheet
211Kb / 2P
   75 Ohm 1.6/5.6 Jack Bulkhead Connector Solder Attachment Thru Hole PCB, .362 inch Diameter
PE44272 PASTERNACK-PE44272 Datasheet
218Kb / 2P
   SMP Female Connector Solder Attachment For PE-SR405AL,PE-SR405FL RG405, 18 GHz Version
PE44273 PASTERNACK-PE44273 Datasheet
216Kb / 2P
   SMP Female Connector Solder Attachment For PE- 047SR, PE-SR047AL, PE-SR047FL, 18 GHz Version
More results

Similar Description - PE44271

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4556 PASTERNACK-PE4556 Datasheet
226Kb / 3P
   MCX Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .052 inch Hole Spacing
PE4555 PASTERNACK-PE4555 Datasheet
204Kb / 2P
   MCX Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .052 inch Hole Spacing
PE44304 PASTERNACK-PE44304 Datasheet
342Kb / 3P
   75 Ohm MCX Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .055 inch Hole Spacing
PE4179 PASTERNACK-PE4179 Datasheet
245Kb / 3P
   75 Ohm SMB Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4180 PASTERNACK-PE4180 Datasheet
212Kb / 2P
   75 Ohm SMC Jack Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE44270 PASTERNACK-PE44270 Datasheet
211Kb / 2P
   75 Ohm 1.6/5.6 Jack Bulkhead Connector Solder Attachment Thru Hole PCB, .362 inch Diameter
PE4110 PASTERNACK-PE4110 Datasheet
220Kb / 3P
   75 Ohm SMB Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4110 PASTERNACK-PE4110_16 Datasheet
318Kb / 3P
   75 Ohm SMB Jack Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4293 PASTERNACK-PE4293 Datasheet
221Kb / 3P
   75 Ohm SMC Plug Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
PE4292 PASTERNACK-PE4292 Datasheet
221Kb / 3P
   75 Ohm SMB Plug Right Angle Connector Solder Attachment Thru Hole PCB, .200 inch x .067 inch Hole Spacing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com