Selected language     English  ▼


ADM208EAR Datasheet(PDF) 4 Page - Analog Devices

Part No. ADM208EAR
Description  EMI/EMC-Compliant, ±15 kV ESDProtected, RS-232 Line Drivers/Receivers
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 4 page
background image
ADM206E/ADM207E/ADM208E/ADM211E/ADM213E
Rev. E | Page 4 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Rating
VCC
−0.3 V to +6 V
V+
(VCC – 0.3 V) to +14 V
V–
+0.3 V to −14 V
Input Voltages
TIN
−0.3 V to (V+ + 0.3 V)
RIN
±30 V
Output Voltages
TOUT
±15 V
ROUT
−0.3 V to (VCC + 0.3 V)
Short-Circuit Duration
TOUT
Continuous
Power Dissipation
N-24-1 PDIP
(Derate 13.5 mW/°C above 70°C)
1000 mW
RW-24 SOIC_W
(Derate 12 mW/°C above 70°C)
900 mW
RS-24 SSOP
(Derate 12 mW/°C above 70°C)
850 mW
RU-24 TSSOP
(Derate 12 mW/°C above 70°C)
900 mW
RW-28 SOIC_W
(Derate 12 mW/°C above 70°C)
900 mW
RS-28 SSOP
(Derate 10 mW/°C above 70°C)
900 mW
RU-28 TSSOP
(Derate 12 mW/°C above 70°C)
900 mW
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature, Soldering (10 sec)
300°C
ESD Rating
MIL-STD-883B (I/O Pins)
±15 kV
IEC 1000-4-2 Air-Gap (I/O Pins)
±15 kV
IEC 1000-4-2 Contact (I/O Pins)
±8 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl