Electronic Components Datasheet Search
Selected language     English  ▼


ADM208EAR Datasheet(PDF) 8 Page - Analog Devices

Part No. ADM208EAR
Description  EMI/EMC-Compliant, ±15 kV ESDProtected, RS-232 Line Drivers/Receivers
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 8 page
background image
ADM206E/ADM207E/ADM208E/ADM211E/ADM213E
Rev. E | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
LOG FREQUENCY (MHz)
80
70
0
0.33
30
0.6
60
50
10
40
30
20
6
3
118
LIMIT
Figure 12. EMC Conducted Emissions
LOAD CAPACITANCE (pF)
9
7
5
3
1
3000
–7
–5
–3
–1
0
500
1000
1500
2000
2500
Tx O/P LO
Tx O/P HI
Figure 13. Transmitter Output Voltage
High/Low vs. Load Capacitance (230 kbps)
Tx O/P HI
Tx O/P LO
LOAD CURRENT (mA)
15
24
6
8
10
5
–5
–10
–15
0
10
0
Figure 14. Transmitter Output Voltage vs. Load Current
START 30.0MHz
STOP 200.0MHz
LIMIT
80
70
60
50
40
30
20
10
0
Figure 15. EMC Radiated Emissions
Tx O/P HI LOADED
VCC (V)
9
7
6.0
5
3
–1
–5
–7
–3
–9
4.0
4.5
5.0
5.5
1
Tx O/P LO LOADED
Figure 16. Transmitter Output Voltage vs. Power Supply Voltage
SHDN
V+
V–
1
CH3
CH2
CH1
CH1
5.00V
5.00V
M 50.0µs
3.1V
5.00V
V+, V– EXITING SHDN
T
T
T
2
3
Figure 17. Charge Pump V+, V− Exiting Shutdown




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl